Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRAMX30TP60A Datasheet(PDF) 1 Page - International Rectifier

Part # IRAMX30TP60A
Description  Integrated gate drivers and bootstrap diodes
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRAMX30TP60A Datasheet(HTML) 1 Page - International Rectifier

  IRAMX30TP60A_15 Datasheet HTML 1Page - International Rectifier IRAMX30TP60A_15 Datasheet HTML 2Page - International Rectifier IRAMX30TP60A_15 Datasheet HTML 3Page - International Rectifier IRAMX30TP60A_15 Datasheet HTML 4Page - International Rectifier IRAMX30TP60A_15 Datasheet HTML 5Page - International Rectifier IRAMX30TP60A_15 Datasheet HTML 6Page - International Rectifier IRAMX30TP60A_15 Datasheet HTML 7Page - International Rectifier IRAMX30TP60A_15 Datasheet HTML 8Page - International Rectifier IRAMX30TP60A_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
RevA
www.irf.com
1
IRAMX30TP60A
Series
30A, 600V
with Open Emitter Pins
Description
International Rectifier's IRAMX30TP60A is a 30A, 600V Integrated Power Hybrid IC with Open Emitter pins
for advanced Appliance Motor Drives applications such as air conditioning systems and compressor drivers
as well as in light industrial application. IR's technology offers an extremely compact, high performance AC
motor-driver in a single isolated package to simplify design.
This advanced HIC is a combination of IR's low VCE (on) Trench IGBT technology and the industry benchmark
3 phase high voltage, high speed driver in a fully isolated thermally enhanced package. A built-in high
precision temperature monitor and over-current protection feature, along with the short-circuit rated IGBTs
and integrated under-voltage lockout function, deliver high level of protection and fail-safe operation. Using
a single in line package (SIP2) with full transfer mold structure and CTI>600 minimizes PCB space and
resolves isolation problems to heatsink.
Features
Integrated gate drivers and bootstrap diodes
Temperature monitor
Protection shutdown pin
Low VCE (on) Trench IGBT technology
Undervoltage lockout for all channels
Matched propagation delay for all channels
Schmitt-triggered input logic
Cross-conduction prevention logic
Motor Power range 1~2kW / 85~253 Vac
Isolation 2000VRMS min and CTI> 600
RoHS Compliant
Recognized by UL (File Number: E252584)
Absolute Maximum Ratings
VCES / VRRM
IGBT/ FW Diode Blocking Voltage
600
V+
Positive Bus Input Voltage
450
Io @ TC=25°C
RMS Phase Current at FPWM=6kHz (Note 1)
30
Io @ TC=100°C
RMS Phase Current at FPWM=6kHz (Note 1)
15
Ipk
Maximum Peak Phase Current (Note 2)
45
Fp
Maximum PWM Carrier Frequency
20
kHz
Pd
Maximum Power dissipation per IGBT @ TC =25°C
41
W
VISO
Isolation Voltage (1min)
2000
VRMS
TJ (IGBT & Diode & IC)
Maximum Operating Junction Temperature
+150
TC
Operating Case Temperature Range
-20 to +100
TSTG
Storage Temperature Range
-40 to +125
T
Mounting torque Range (M3 screw)
0.8 to 1.0
Nm
Note 1: Sinusoidal Modulation at V+=400V, VCC=15V, TJ=150°C, MI=0.8, PF=0.6, See Figure 3.
Note 2: tP<100ms, VCC=15V, TC=25°C, FPWM=6kHz.
A
°C
V
Integrated Power Hybrid IC for
Appliance Motor Drive Applications


Similar Part No. - IRAMX30TP60A_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRAMX30TP60A IRF-IRAMX30TP60A Datasheet
485Kb / 17P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications
More results

Similar Description - IRAMX30TP60A_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRAM256-1067A IRF-IRAM256-1067A_15 Datasheet
1Mb / 17P
   Integrated gate drivers and bootstrap diodes
IRAM256-1567A IRF-IRAM256-1567A_15 Datasheet
1Mb / 17P
   Integrated gate drivers and bootstrap diodes
IRAM256-2067A IRF-IRAM256-2067A_15 Datasheet
1Mb / 17P
   Integrated gate drivers and bootstrap diodes
IRSM807-045MH IRF-IRSM807-045MH_15 Datasheet
358Kb / 11P
   Integrated gate drivers and bootstrap functionality
IRSM807-105MH IRF-IRSM807-105MH_15 Datasheet
947Kb / 17P
   Integrated gate drivers and bootstrap functionality
IRSM836-015MA IRF-IRSM836-015MA_15 Datasheet
484Kb / 20P
   Integrated gate drivers and bootstrap functionality
IRSM836-044MA IRF-IRSM836-044MA_15 Datasheet
738Kb / 19P
   Integrated gate drivers and bootstrap functionality
logo
Infineon Technologies A...
IM111-X6Q1B INFINEON-IM111-X6Q1B Datasheet
1Mb / 19P
   Integrated gate drivers and bootstrap functionality
Revision 1.0 2019-12-12
logo
International Rectifier
IRSM808-105MH IRF-IRSM808-105MH_15 Datasheet
970Kb / 17P
   Integrated gate drivers and bootstrap functionality
IRSM836-024MA IRF-IRSM836-024MA_15 Datasheet
508Kb / 19P
   Integrated gate drivers and bootstrap functionality
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com