Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRAMX16UP60B Datasheet(PDF) 6 Page - International Rectifier

Part # IRAMX16UP60B
Description  Integrated Power Hybrid IC for Appliance Motor Drive Applications
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRAMX16UP60B Datasheet(HTML) 6 Page - International Rectifier

Back Button IRAMX16UP60B_15 Datasheet HTML 2Page - International Rectifier IRAMX16UP60B_15 Datasheet HTML 3Page - International Rectifier IRAMX16UP60B_15 Datasheet HTML 4Page - International Rectifier IRAMX16UP60B_15 Datasheet HTML 5Page - International Rectifier IRAMX16UP60B_15 Datasheet HTML 6Page - International Rectifier IRAMX16UP60B_15 Datasheet HTML 7Page - International Rectifier IRAMX16UP60B_15 Datasheet HTML 8Page - International Rectifier IRAMX16UP60B_15 Datasheet HTML 9Page - International Rectifier IRAMX16UP60B_15 Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
IRAMX16UP60B
6
www.irf.com
Input-Output Logic Level Table
FLT- EN
ITRIP
HIN1,2,3 LIN1,2,3
U,V,W
1
001
V+
1
0100
1
011
Off
11
X
X
Off
0
XXX
Off
Ho
Lo
U,V,W
IC
Driver
V
+
Hin1,2,3
Lin1,2,3
(15,16,17)
(18,19,20)
(8,5,2)
Thermal and Mechanical Characteristics
Symbol
Parameter
Min
Typ
Max
Units Conditions
Rth(J-C)
Thermal resistance, per IGBT
---
3.5
4.0
Rth(J-C)
Thermal resistance, per Diode
---
5.0
5.5
Rth(C-S)
Thermal resistance, C-S
---
0.1
---
CD
Creepage Distance
3.2
---
---
mm
See outline Drawings
°C/W
Flat, greased surface. Heatsink
compound thermal conductivity
1W/mK
Internal NTC - Thermistor Characteristics
Parameter
Definition
Min
Typ
Max
Units Conditions
R25
Resistance
97
100
103
kΩ
TC = 25°C
R125
Resistance
2.25
2.52
2.80
kΩ
TC = 125°C
B
B-constant (25-50°C)
4165
4250
4335
k
R2 = R1e [B(1/T2 - 1/T1)]
Temperature Range
-40
125
°C
Typ. Dissipation constant
1
mW/°C TC = 25°C
Internal Current Sensing Resistor - Shunt Characteristics
Symbol
Parameter
Min
Typ
Max
Units Conditions
RShunt
Resistance
17.9
18.1
18.3
mΩ
TC = 25°C
TCoeff
Temperature Coefficient
0
---
200
ppm/°C
PShunt
Power Dissipation
---
---
3.0
W
-40°C< TC <100°C
TRange
Temperature Range
-40
---
125
°C


Similar Part No. - IRAMX16UP60B_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRAMX16UP60B-2 IRF-IRAMX16UP60B-2 Datasheet
458Kb / 17P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications.
More results

Similar Description - IRAMX16UP60B_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRAMX16UP60A IRF-IRAMX16UP60A_08 Datasheet
379Kb / 17P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications
IRAM136-1060B IRF-IRAM136-1060B Datasheet
301Kb / 18P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications
IRAMS12UP60A IRF-IRAMS12UP60A Datasheet
301Kb / 17P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications
IRAM109-015SD IRF-IRAM109-015SD Datasheet
316Kb / 15P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications
IRAM136-0760A IRF-IRAM136-0760A Datasheet
258Kb / 17P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications
IRAMX16UP60A-2 IRF-IRAMX16UP60A-2 Datasheet
379Kb / 17P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications.
IRAMS10UP60B IRF-IRAMS10UP60B_05 Datasheet
485Kb / 17P
   INTEGRATED POWER HYBRID IC FOR APPLIANCE MOTOR DRIVE APPLICATIONS
IRAM136-1061A IRF-IRAM136-1061A Datasheet
562Kb / 17P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications
IRAMX16UP60B-2 IRF-IRAMX16UP60B-2 Datasheet
458Kb / 17P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications.
IRAMS12UP60A-2 IRF-IRAMS12UP60A-2 Datasheet
301Kb / 17P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com