Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3430EPA Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX3430EPA
Description  짹80V Fault-Protected, Fail-Safe, 1/4-Unit Load, 3.3V RS-485 Transceiver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3430EPA Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX3430EPA Datasheet HTML 5Page - Maxim Integrated Products MAX3430EPA Datasheet HTML 6Page - Maxim Integrated Products MAX3430EPA Datasheet HTML 7Page - Maxim Integrated Products MAX3430EPA Datasheet HTML 8Page - Maxim Integrated Products MAX3430EPA Datasheet HTML 9Page - Maxim Integrated Products MAX3430EPA Datasheet HTML 10Page - Maxim Integrated Products MAX3430EPA Datasheet HTML 11Page - Maxim Integrated Products MAX3430EPA Datasheet HTML 12Page - Maxim Integrated Products MAX3430EPA Datasheet HTML 13Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
±80V Fault-Protected, Fail-Safe,
1/4-Unit Load, +3.3V RS-485 Transceiver
______________________________________________________________________________________
11
Applications Information
128 Transceivers on the Bus
The standard RS-485 receiver input impedance is 12k
(one-unit load), and a standard driver can drive up to
32-unit loads. The MAX3430 transceiver 1/4-unit-load
receiver input impedance (48k
Ω) allows up to 128
transceivers connected in parallel on one communica-
tion line. Connect any combination of these devices,
and/or other RS-485 devices, for a maximum of 32 unit
loads to the line.
RS-485 Applications
The MAX3430 transceiver provides bidirectional data
communications on multipoint bus transmission lines.
Figure 10 shows a typical network applications circuit.
The RS-485 standard covers line lengths up to 4000ft.
The signal line must be terminated at both ends in its
characteristic impedance, and stub lengths off the
main line kept as short as possible.
Chip Information
TRANSISTOR COUNT: 300
PROCESS: BiCMOS


Similar Part No. - MAX3430EPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3406 MAXIM-MAX3406 Datasheet
132Kb / 6P
   75??100??120??Switchable Termination Networks
Rev 0; 8/01
MAX3406EUK MAXIM-MAX3406EUK Datasheet
132Kb / 6P
   75??100??120??Switchable Termination Networks
Rev 0; 8/01
MAX3407 MAXIM-MAX3407 Datasheet
132Kb / 6P
   75??100??120??Switchable Termination Networks
Rev 0; 8/01
MAX3407EUK MAXIM-MAX3407EUK Datasheet
132Kb / 6P
   75??100??120??Switchable Termination Networks
Rev 0; 8/01
MAX3408 MAXIM-MAX3408 Datasheet
132Kb / 6P
   75??100??120??Switchable Termination Networks
Rev 0; 8/01
More results

Similar Description - MAX3430EPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3443E MAXIM-MAX3443E Datasheet
263Kb / 15P
   ±60V Fault-Protected, 10Mbps, Fail-Safe RS-485 Transceiver with 짹15kV ESD Protection
Rev 0; 4/02
MAX13442E MAXIM-MAX13442E Datasheet
250Kb / 18P
   ±15kV ESD-Protected, ±80V Fault-Protected, Fail-Safe RS-485/J1708 Transceivers
Rev 1; 3/06
MAX13442E MAXIM-MAX13442E_11 Datasheet
298Kb / 18P
   ±15kV ESD-Protected, ±80V Fault-Protected, Fail-Safe RS-485/J1708 Transceivers
Rev 3; 3/11
logo
Intersil Corporation
ISL83080E INTERSIL-ISL83080E Datasheet
830Kb / 18P
   -15kV ESD Protected, 5V, Full Fail-Safe, Fractional (1/8) Unit Load, RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX3440E MAXIM-MAX3440E Datasheet
368Kb / 20P
   짹15kV ESD-Protected, 짹60V Fault-Protected, 10Mbps, Fail-Safe RS-485/J1708 Transceivers
Rev 0; 10/02
logo
Intersil Corporation
ISL3158AE INTERSIL-ISL3158AE Datasheet
616Kb / 16P
   짹16.5kV ESD (IEC61000-4-2) Protected, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceiver
logo
Renesas Technology Corp
ISL3158AE RENESAS-ISL3158AE Datasheet
733Kb / 16P
   ±16.5kV ESD (IEC61000-4-2) Protected, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceiver
October 15, 2013
logo
Maxim Integrated Produc...
MAX3440E MAXIM-MAX3440E_10 Datasheet
314Kb / 19P
   ±15kV ESD-Protected, ±60V Fault-Protected, 10Mbps, Fail-Safe RS-485/J1708 Transceivers
Rev 2; 11/10
MAX3440E MAXIM-MAX3440E_15 Datasheet
1Mb / 19P
   ±15kV ESD-Protected, ±60V Fault-Protected, 10Mbps, Fail-Safe RS-485/J1708 Transceivers
Rev 3; 4/14
MAX3070E MAXIM-MAX3070E Datasheet
502Kb / 25P
   3.3V, 짹15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 1; 1/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com