Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3430 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX3430
Description  짹80V Fault-Protected, Fail-Safe, 1/4-Unit Load, 3.3V RS-485 Transceiver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3430 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX3430 Datasheet HTML 1Page - Maxim Integrated Products MAX3430 Datasheet HTML 2Page - Maxim Integrated Products MAX3430 Datasheet HTML 3Page - Maxim Integrated Products MAX3430 Datasheet HTML 4Page - Maxim Integrated Products MAX3430 Datasheet HTML 5Page - Maxim Integrated Products MAX3430 Datasheet HTML 6Page - Maxim Integrated Products MAX3430 Datasheet HTML 7Page - Maxim Integrated Products MAX3430 Datasheet HTML 8Page - Maxim Integrated Products MAX3430 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
±80V Fault-Protected, Fail-Safe,
1/4-Unit Load, +3.3V RS-485 Transceiver
_______________________________________________________________________________________
3
DC ELECTRICAL CHARACTERISTICS (continued)
(VCC = +3.3V ±10%, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = +3.3V and TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
RECEIVER LOGIC
RO Output High Voltage
VOH
IO = -1.6mA
VCC -
0.6
V
RO Output Low Voltage
VOL
IO = 1mA
0.4
V
Three-State Output Current at
Receiver
IOZR
0
≤ VO ≤ VCC
± 1µA
Receiver Input Resistance
RIN
-7V
≤ VCM ≤ 12V
48
k
Receiver Output Short-Circuit
Current
IOSR
0
≤ VRO ≤ VCC
±95
mA
CONTROL
Control Input High Voltage
VCIH
DE, RE
2.0
V
Control Input Low Voltage
VCIL
DE, RE
0.8
V
Input Current DE Current Latch
During First DE Rising Edge
80
µA
Input Current RE Current Latch
During First RE Rising Edge
80
µA
PROTECTION SPECIFICATIONS
(VCC = +3.3V
±10%, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = +3.3V and TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
ESD Protection
A, B
Human Body Model
±12
kV
SUPPLY CURRENT
No load, RE = 0, DE = VCC, DI = 0 or VCC
3.5
10
Supply Current
ICC
No load, RE = VCC, DE = VCC,
DI = 0 or VCC
3.0
8
mA
Supply Current in Shutdown
Mode
ISHDN
RE = VCC, DE = 0
200
µA


Similar Part No. - MAX3430

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3406 MAXIM-MAX3406 Datasheet
132Kb / 6P
   75??100??120??Switchable Termination Networks
Rev 0; 8/01
MAX3406EUK MAXIM-MAX3406EUK Datasheet
132Kb / 6P
   75??100??120??Switchable Termination Networks
Rev 0; 8/01
MAX3407 MAXIM-MAX3407 Datasheet
132Kb / 6P
   75??100??120??Switchable Termination Networks
Rev 0; 8/01
MAX3407EUK MAXIM-MAX3407EUK Datasheet
132Kb / 6P
   75??100??120??Switchable Termination Networks
Rev 0; 8/01
MAX3408 MAXIM-MAX3408 Datasheet
132Kb / 6P
   75??100??120??Switchable Termination Networks
Rev 0; 8/01
More results

Similar Description - MAX3430

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3443E MAXIM-MAX3443E Datasheet
263Kb / 15P
   ±60V Fault-Protected, 10Mbps, Fail-Safe RS-485 Transceiver with 짹15kV ESD Protection
Rev 0; 4/02
MAX13442E MAXIM-MAX13442E Datasheet
250Kb / 18P
   ±15kV ESD-Protected, ±80V Fault-Protected, Fail-Safe RS-485/J1708 Transceivers
Rev 1; 3/06
MAX13442E MAXIM-MAX13442E_11 Datasheet
298Kb / 18P
   ±15kV ESD-Protected, ±80V Fault-Protected, Fail-Safe RS-485/J1708 Transceivers
Rev 3; 3/11
logo
Intersil Corporation
ISL83080E INTERSIL-ISL83080E Datasheet
830Kb / 18P
   -15kV ESD Protected, 5V, Full Fail-Safe, Fractional (1/8) Unit Load, RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX3440E MAXIM-MAX3440E Datasheet
368Kb / 20P
   짹15kV ESD-Protected, 짹60V Fault-Protected, 10Mbps, Fail-Safe RS-485/J1708 Transceivers
Rev 0; 10/02
logo
Intersil Corporation
ISL3158AE INTERSIL-ISL3158AE Datasheet
616Kb / 16P
   짹16.5kV ESD (IEC61000-4-2) Protected, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceiver
logo
Renesas Technology Corp
ISL3158AE RENESAS-ISL3158AE Datasheet
733Kb / 16P
   ±16.5kV ESD (IEC61000-4-2) Protected, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceiver
October 15, 2013
logo
Maxim Integrated Produc...
MAX3440E MAXIM-MAX3440E_10 Datasheet
314Kb / 19P
   ±15kV ESD-Protected, ±60V Fault-Protected, 10Mbps, Fail-Safe RS-485/J1708 Transceivers
Rev 2; 11/10
MAX3440E MAXIM-MAX3440E_15 Datasheet
1Mb / 19P
   ±15kV ESD-Protected, ±60V Fault-Protected, 10Mbps, Fail-Safe RS-485/J1708 Transceivers
Rev 3; 4/14
MAX3070E MAXIM-MAX3070E Datasheet
502Kb / 25P
   3.3V, 짹15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 1; 1/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com