Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3386ECUP Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX3386ECUP
Description  3.0V, 짹15kV ESD-Protected RS-232 Transceiver for PDAs and Cell Phones
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3386ECUP Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX3386ECUP Datasheet HTML 3Page - Maxim Integrated Products MAX3386ECUP Datasheet HTML 4Page - Maxim Integrated Products MAX3386ECUP Datasheet HTML 5Page - Maxim Integrated Products MAX3386ECUP Datasheet HTML 6Page - Maxim Integrated Products MAX3386ECUP Datasheet HTML 7Page - Maxim Integrated Products MAX3386ECUP Datasheet HTML 8Page - Maxim Integrated Products MAX3386ECUP Datasheet HTML 9Page - Maxim Integrated Products MAX3386ECUP Datasheet HTML 10Page - Maxim Integrated Products MAX3386ECUP Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
3.0V, ±15kV ESD-Protected RS-232
Transceiver for PDAs and Cell Phones
_______________________________________________________________________________________
7
VL Logic Supply Input
Unlike other RS-232 interface devices where the receiver
outputs swing between 0 and VCC, the MAX3386E fea-
tures a separate logic supply input (VL) that sets VOH
for the receiver outputs and sets thresholds for the
receiver inputs. This feature allows a great deal of flexi-
bility in interfacing to many different types of systems
with different logic levels. Connect this input to the host
logic supply (1.8V
≤ VL ≤ VCC). Also see the Typical
PDA/Cell-Phone Application section.
±15kV ESD Protection
As with all Maxim devices, ESD-protection structures are
incorporated on all pins to protect against electrostatic
discharges (ESDs) encountered during handling and
assembly. The MAX3386E’s driver outputs and receiver
inputs have extra protection against static electricity.
Maxim has developed state-of-the-art structures to pro-
tect these pins against an ESD of ±15kV without damage.
The ESD structures withstand high ESD in all states: nor-
mal operation, shutdown, and powered down. After an
ESD event, Maxim’s “E” version devices keep working
without latchup, whereas competing RS-232 products
can latch and must be powered down to remove latchup.
ESD protection can be tested in various ways. The trans-
mitter outputs and receiver inputs of this product family
are characterized for protection to the following limits:
1) ±15kV using the Human Body Model
2) ±8kV using the Contact Discharge method specified
in IEC 1000-4-2
3) ±15kV using IEC 1000-4-2’s Air-Gap Discharge
method
ESD Test Conditions
ESD performance depends on a variety of conditions.
Contact Maxim for a reliability report that documents
test setup, methodology, and results.
Human Body Model
Figure 3a shows the Human Body Model, and Figure 3b
shows the current waveform it generates when dis-
charged into a low impedance. This model consists of
a 100pF capacitor charged to the ESD voltage of interest,
which is then discharged into the test device through a
1.5k
Ω resistor.
IEC 1000-4-2
The IEC 1000-4-2 standard covers ESD testing and
performance of finished equipment; it does not specifi-
cally refer to ICs. The MAX3386E helps you design
equipment that meets Level 4 (the highest level) of IEC
1000-4-2, without the need for additional ESD-protection
components.
The major difference between tests done using the
Human Body Model and IEC 1000-4-2 is higher peak
current in IEC 1000-4-2, because series resistance is
lower in the IEC 1000-4-2 model. Hence, the ESD with-
stand voltage measured to IEC 1000-4-2 is generally
lower than that measured using the Human Body
Model. Figure 4a shows the IEC 1000-4-2 model, and
Figure 4b shows the current waveform for the ±8kV IEC
1000-4-2 Level 4 ESD Contact-Discharge test.
The air-gap test involves approaching the device with a
charged probe. The contact-discharge method connects
the probe to the device before the probe is energized.
CHARGE-CURRENT
LIMIT RESISTOR
DISCHARGE
RESISTANCE
STORAGE
CAPACITOR
Cs
100pF
RC
1M
RD
1500
HIGH-
VOLTAGE
DC
SOURCE
DEVICE
UNDER
TEST
Figure 3a. Human Body ESD Test Model
IP 100%
90%
36.8%
tRL
TIME
tDL
CURRENT WAVEFORM
PEAK-TO-PEAK RINGING
(NOT DRAWN TO SCALE)
Ir
10%
0
0
AMPERES
Figure 3b. Human Body Current Waveform


Similar Part No. - MAX3386ECUP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX3386ECDBR TI-MAX3386ECDBR Datasheet
216Kb / 14P
[Old version datasheet]   RS-232 TRANSCEIVER WITH SPLIT SUPPLY PIN FOR LOGIC SIDE
MAX3386ECDW TI-MAX3386ECDW Datasheet
216Kb / 14P
[Old version datasheet]   RS-232 TRANSCEIVER WITH SPLIT SUPPLY PIN FOR LOGIC SIDE
MAX3386ECDWG4 TI-MAX3386ECDWG4 Datasheet
216Kb / 14P
[Old version datasheet]   RS-232 TRANSCEIVER WITH SPLIT SUPPLY PIN FOR LOGIC SIDE
MAX3386ECDWR TI-MAX3386ECDWR Datasheet
216Kb / 14P
[Old version datasheet]   RS-232 TRANSCEIVER WITH SPLIT SUPPLY PIN FOR LOGIC SIDE
MAX3386ECDWRG4 TI-MAX3386ECDWRG4 Datasheet
216Kb / 14P
[Old version datasheet]   RS-232 TRANSCEIVER WITH SPLIT SUPPLY PIN FOR LOGIC SIDE
More results

Similar Description - MAX3386ECUP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3388E MAXIM-MAX3388E Datasheet
276Kb / 11P
   2.5V, 짹15kV ESD-Protected RS-232 Transceivers for PDAs and Cell Phones
19-1845; Rev 1; 9/01
MAX3387E MAXIM-MAX3387E Datasheet
181Kb / 16P
   3V, 짹15kV ESD-Protected, AutoShutdown Plus RS-232 Transceiver for PDAs and Cell Phones
19-1561; Rev 1; 10/99
MAX3387E MAXIM-MAX3387E_10 Datasheet
171Kb / 14P
   3V, ±15kV ESD-Protected, AutoShutdown Plus RS-232 Transceiver for PDAs and Cell Phones
Rev 3; 6/10
MAX202E MAXIM-MAX202E_15 Datasheet
395Kb / 25P
   짹15kV ESD-Protected,5V RS-232 Transceivers
Rev 7; 1/15
MAX338 MAXIM-MAX338 Datasheet
182Kb / 12P
   짹15kV ESD-Protected, 3.0V to 5.5V, Low-Power, up to 250kbps, True RS-232 Transceiver
19-1437; Rev 1; 10/99
MAX3384E MAXIM-MAX3384E Datasheet
221Kb / 11P
   짹15kV ESD-Protected, 3.0V to 5.5V, Low-Power, up to 250kbps, True RS-232 Transceiver
19-1949; Rev 0; 1/01
MAX3314E MAXIM-MAX3314E Datasheet
244Kb / 8P
   짹15kV ESD-Protected, 460kbps, 1關A, RS-232-Compatible Transceiver
19-1696; Rev 1; 3/01
logo
Intersil Corporation
ISL81387 INTERSIL-ISL81387 Datasheet
1Mb / 27P
   짹15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
HIN202E INTERSIL-HIN202E Datasheet
645Kb / 22P
   짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
HIN202E RENESAS-HIN202E Datasheet
1Mb / 23P
   짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com