Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ABM3B-125.000MHZ-R40-N-1 Datasheet(PDF) 3 Page - Abracon Corporation

Part # ABM3B-125.000MHZ-R40-N-1
Description  CERAMIC SMD CRYSTAL
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ABM3B-125.000MHZ-R40-N-1 Datasheet(HTML) 3 Page - Abracon Corporation

  ABM3B-125.000MHZ-R40-N-1 Datasheet HTML 1Page - Abracon Corporation ABM3B-125.000MHZ-R40-N-1 Datasheet HTML 2Page - Abracon Corporation ABM3B-125.000MHZ-R40-N-1 Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
||||||||||||| | |
ABM3B
5.0 X 3.2 X 1.1mm
Pb RoHS
Compliant
CERAMIC SMD CRYSTAL
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001:2008
CERTIFIED
TAPE & REEL:
T=1000pcsTape and reel
T2=250pcsTape and reel
Dimension : mm
ATTENTION: Abracon Corporation’s products are COTS – Commercial-Off-The-Shelf products; suitable for Commercial, Industrial and, where designated, Automotive Applica-
tions. Abracon’s products are not specifically designed for Military, Aviation, Aerospace, Life-dependant Medical applications or any application requiring high reliability where
component failure could result in loss of life and/or property. For applications requiring high reliability and/or presenting an extreme operating environment, written consent and
authorization from Abracon Corporation is required. Please contact Abracon Corporation for more information.
REFLOW PROFILE:
2 Faraday, Suite# B
| Irvine | CA 92618 Revised: 08.25.15
Ph. 949.546.8000
| Fax. 949.546.8001
Visit www.abracon.com for Terms and Conditions of Sale
LLC


Similar Part No. - ABM3B-125.000MHZ-R40-N-1

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABM3B-10.000MHZ-10-1-U-T ABRACON-ABM3B-10.000MHZ-10-1-U-T Datasheet
312Kb / 2P
   CERAMIC SMD CRYSTAL
04.19.13
ABM3B-155-12.800MHZ ABRACON-ABM3B-155-12.800MHZ Datasheet
570Kb / 3P
   CERAMIC SMD CRYSTAL
11.8.2016
logo
ATMEL Corporation
ABM3B-16.000MHZ-B2-T ATMEL-ABM3B-16.000MHZ-B2-T Datasheet
857Kb / 38P
   AT90USB1287 (AVR) 64 QFN device (2.7V < VCC < 5.5V)
More results

Similar Description - ABM3B-125.000MHZ-R40-N-1

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FX252BS-20.000 FOX-FX252BS-20.000 Datasheet
236Kb / 2P
   Ceramic SMD Crystal
logo
Abracon Corporation
ABM3B-10.000MHZ-10-1-U-T ABRACON-ABM3B-10.000MHZ-10-1-U-T Datasheet
312Kb / 2P
   CERAMIC SMD CRYSTAL
04.19.13
ABM3B ABRACON-ABM3B_13 Datasheet
312Kb / 2P
   CERAMIC SMD CRYSTAL
04.19.13
logo
List of Unclassifed Man...
ABM3C-15.000MHZ-D4Y-T ETC2-ABM3C-15.000MHZ-D4Y-T Datasheet
1Mb / 3P
   CERAMIC SMD CRYSTAL
logo
Fox Electronics
FX252B FOX-FX252B Datasheet
150Kb / 1P
   Ceramic SMD Crystal
FX532 FOX-FX532 Datasheet
218Kb / 2P
   Ceramic SMD Crystal
logo
Abracon Corporation
ABM3B ABRACON-ABM3B_08 Datasheet
202Kb / 2P
   CERAMIC SMD CRYSTAL
Revised O: 03.11.08
ABM3B-155-12.800MHZ ABRACON-ABM3B-155-12.800MHZ Datasheet
570Kb / 3P
   CERAMIC SMD CRYSTAL
11.8.2016
logo
Fox Electronics
FX1612B FOX-FX1612B Datasheet
70Kb / 1P
   Ceramic SMD Crystal
FX252BS FOX-FX252BS Datasheet
506Kb / 2P
   Ceramic SMD Crystal
FX425B-12.000 FOX-FX425B-12.000 Datasheet
196Kb / 2P
   Ceramic SMD Crystal
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com