Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3384E Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX3384E
Description  짹15kV ESD-Protected, 3.0V to 5.5V, Low-Power, up to 250kbps, True RS-232 Transceiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3384E Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX3384E Datasheet HTML 1Page - Maxim Integrated Products MAX3384E Datasheet HTML 2Page - Maxim Integrated Products MAX3384E Datasheet HTML 3Page - Maxim Integrated Products MAX3384E Datasheet HTML 4Page - Maxim Integrated Products MAX3384E Datasheet HTML 5Page - Maxim Integrated Products MAX3384E Datasheet HTML 6Page - Maxim Integrated Products MAX3384E Datasheet HTML 7Page - Maxim Integrated Products MAX3384E Datasheet HTML 8Page - Maxim Integrated Products MAX3384E Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
±15kV ESD-Protected, 3.0V to 5.5V, Low-Power,
up to 250kbps, True RS-232 Transceiver
4
_______________________________________________________________________________________
__________________________________________Typical Operating Characteristics
(VCC = +3.3V, 250kbps data rate, 0.1µF capacitors, all transmitters loaded with 3k
Ω and CL, TA = +25°C, unless otherwise noted.)
-6
-5
-4
-3
-2
-1
0
1
2
3
4
5
6
0
1000
2000
3000
4000
5000
TRANSMITTER OUTPUT VOLTAGE
vs. LOAD CAPACITANCE
LOAD CAPACITANCE (pF)
T1 TRANSMITTING AT 250kbps
T2 TRANSMITTING AT 15.6kbps
VOUT+
VOUT-
0
6
2
4
10
8
14
12
16
0
1000
2000
3000
4000
5000
SLEW RATE vs. LOAD CAPACITANCE
LOAD CAPACITANCE (pF)
+SLEW
FOR DATA RATES UP TO 250kbps
-SLEW
0
25
20
15
5
10
35
30
40
45
0
2000
1000
3000
4000
5000
OPERATING SUPPLY CURRENT
vs. LOAD CAPACITANCE
LOAD CAPACITANCE (pF)
250kbps
120kbps
20kbps
T1 TRANSMITTING AT 250kbps
T2 TRANSMITTING AT 15.6kbps
1
No Connection. Not internally connected.
N.C.
3
+5.5V generated by the charge pump.
V+
4
Negative terminal of the voltage-doubler charge-pump capacitor.
C1-
5
Positive terminal of inverting charge-pump capacitor.
C2+
6
Negative terminal of inverting charge-pump capacitor.
C2-
7
-5.5V generated by the charge pump.
V-
8, 15
RS-232 Transmitter Outputs. High Z when SHDN is low.
T_OUT
9, 14
RS-232 Receiver Inputs
R_IN
10, 13
TTL/CMOS Receiver Outputs. High Z when SHDN is low.
R_OUT
11, 12
TTL/CMOS Transmitter Inputs
T_IN
16
Ground
GND
17
+3.0V to +5.5V Supply Voltage. Connect a 0.1µF capacitor to GND.
VCC
18
Active-Low Shutdown-Control Input. Drive low to shut down transmitters, receivers and
charge pumps.
SHDN
FUNCTION
NAME
______________________________________________________________ Pin Description
2
Positive terminal of the voltage-doubler charge-pump capacitor.
C1+
PIN
2
1, 10, 11
3
4
5
6
7
8, 17
9, 16
12, 15
13, 14
18
19
20
SO
SSOP


Similar Part No. - MAX3384E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX338 MAXIM-MAX338 Datasheet
182Kb / 12P
   짹15kV ESD-Protected, 3.0V to 5.5V, Low-Power, up to 250kbps, True RS-232 Transceiver
19-1437; Rev 1; 10/99
MAX338 MAXIM-MAX338 Datasheet
257Kb / 14P
   2.35V to 5.5V, 1關A, 2Tx/2Rx RS-232 Transceivers with 짹15kV ESD-Protected I/O and Logic Pins
MAX338 MAXIM-MAX338 Datasheet
155Kb / 13P
   8-Channel/Dual 4-Channel, Low-Leakage, CMOS Analog Multiplexers
Rev 4; 4/12
MAX338 MAXIM-MAX338 Datasheet
1Mb / 13P
   8-Channel/Dual 4-Channel, Low-Leakage, CMOS Analog Multiplexers
19-0272; Rev 6; 5/19
MAX3380E MAXIM-MAX3380E Datasheet
257Kb / 14P
   2.35V to 5.5V, 1關A, 2Tx/2Rx RS-232 Transceivers with 짹15kV ESD-Protected I/O and Logic Pins
More results

Similar Description - MAX3384E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX338 MAXIM-MAX338 Datasheet
182Kb / 12P
   짹15kV ESD-Protected, 3.0V to 5.5V, Low-Power, up to 250kbps, True RS-232 Transceiver
19-1437; Rev 1; 10/99
logo
STMicroelectronics
ST3384E STMICROELECTRONICS-ST3384E Datasheet
227Kb / 11P
   짹15KV ESD-PROTECTED, 3 TO 5.5V, LOW POWER, UP TO 250KBPS, RS-232 TRANSCEIVER
July 2003
logo
Maxim Integrated Produc...
MAX3222E MAXIM-MAX3222E_V01 Datasheet
2Mb / 22P
   짹15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
19-1298; Rev 13; 12/18
MAX3222E MAXIM-MAX3222E Datasheet
299Kb / 20P
   짹15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
19-1298; Rev 3a; 1/00
logo
STMicroelectronics
ST3232E STMICROELECTRONICS-ST3232E Datasheet
426Kb / 16P
   짹15KV ESD-PROTECTED, 3 TO 5.5V, LOW POWER, UP TO 250KBPS, RS-232 DRIVERS AND RECEIVERS
April 2003
ST3222E STMICROELECTRONICS-ST3222E Datasheet
198Kb / 10P
   짹15KV ESD-PROTECTED, 3 TO 5.5V, LOW POWER, UP TO 250KBPS, RS-232 DRIVERS AND RECEIVERS
logo
Maxim Integrated Produc...
MAX3238CAI-T MAXIM-MAX3238CAI-T Datasheet
207Kb / 12P
   3.0V to 5.5V, 1μA, up to 250kbps, True RS-232 Transceiver with AutoShutdown Plus
Rev 1; 10/02
logo
Intersil Corporation
ISL3232E INTERSIL-ISL3232E Datasheet
281Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 2.7V to 5.5V, 150nA, 250kbps, RS-232
logo
STMicroelectronics
8785 STMICROELECTRONICS-8785 Datasheet
317Kb / 13P
   짹15KV ESD-PROTECTED, 1mA, 3 TO 5.5V, 250KBPS, RS-232 TRANSCEIVER WITH STAND-BY
logo
Intersil Corporation
ISL83220E INTERSIL-ISL83220E_06 Datasheet
194Kb / 10P
   짹15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com