Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3380ECUP Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX3380ECUP
Description  2.35V to 5.5V, 1關A, 2Tx/2Rx RS-232 Transceivers with 짹15kV ESD-Protected I/O and Logic Pins
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3380ECUP Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX3380ECUP Datasheet HTML 4Page - Maxim Integrated Products MAX3380ECUP Datasheet HTML 5Page - Maxim Integrated Products MAX3380ECUP Datasheet HTML 6Page - Maxim Integrated Products MAX3380ECUP Datasheet HTML 7Page - Maxim Integrated Products MAX3380ECUP Datasheet HTML 8Page - Maxim Integrated Products MAX3380ECUP Datasheet HTML 9Page - Maxim Integrated Products MAX3380ECUP Datasheet HTML 10Page - Maxim Integrated Products MAX3380ECUP Datasheet HTML 11Page - Maxim Integrated Products MAX3380ECUP Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
+2.35V to +5.5V, 1µA, 2Tx/2Rx RS-232 Transceivers
with ±15kV ESD-Protected I/O and Logic Pins
8
_______________________________________________________________________________________
+0.3V
-0.3V
INVALID
R_IN
INVALID ASSERTED IF ALL RECEIVER INPUTS ARE BETWEEN +0.3V AND -0.3V FOR
AT LEAST 30
µs.
30µs
TIMER
R
+2.7V
-2.7V
INVALID
R_IN
INVALID DEASSERTED IF ANY RECEIVER INPUT HAS BEEN BETWEEN +2.7V AND -2.7V
FOR LESS THAN 30
µs.
0.3
µs
TIMER
R
Figure 2a. INVALID Functional Diagram, INVALID Low
Figure 2b. INVALID Functional Diagram, INVALID High
Table 1. AutoShutdown Plus Truth Table
OPERATION
STATUS
FORCEON
FORCEOFF
VALID
RECEIVER
LEVEL
RECEIVER OR
TRANSMITTER EDGE
WITHIN 30s
T_OUT
R_OUT
Shutdown
(Forced Off)
X
0
X
X
High-Z
Active
Normal Operation
(Forced On)
1
1
X
X
Active
Active
Normal Operation
(AutoShutdown
Plus)
0
1
X
Yes
Active
Active
Shutdown
(AutoShutdown
Plus)
0
1
X
No
High-Z
Active
Normal Operation
INVALID
1
Yes
X
Active
Active
Normal Operation
INVALID
1
X
Yes
Active
Active
Shutdown
INVALID
1
No
No
High-Z
Active
Normal Operation
(AutoShutdown)
INVALID
INVALID
Yes
X
Active
Active
Shutdown
(AutoShutdown)
INVALID
INVALID
No
X
High-Z
Active
X = Don’t care


Similar Part No. - MAX3380ECUP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX338 MAXIM-MAX338 Datasheet
182Kb / 12P
   짹15kV ESD-Protected, 3.0V to 5.5V, Low-Power, up to 250kbps, True RS-232 Transceiver
19-1437; Rev 1; 10/99
MAX338 MAXIM-MAX338 Datasheet
155Kb / 13P
   8-Channel/Dual 4-Channel, Low-Leakage, CMOS Analog Multiplexers
Rev 4; 4/12
MAX338 MAXIM-MAX338 Datasheet
1Mb / 13P
   8-Channel/Dual 4-Channel, Low-Leakage, CMOS Analog Multiplexers
19-0272; Rev 6; 5/19
MAX3384 MAXIM-MAX3384 Datasheet
221Kb / 11P
   짹15kV ESD-Protected, 3.0V to 5.5V, Low-Power, up to 250kbps, True RS-232 Transceiver
19-1949; Rev 0; 1/01
MAX3384E MAXIM-MAX3384E Datasheet
221Kb / 11P
   짹15kV ESD-Protected, 3.0V to 5.5V, Low-Power, up to 250kbps, True RS-232 Transceiver
19-1949; Rev 0; 1/01
More results

Similar Description - MAX3380ECUP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3238E MAXIM-MAX3238E Datasheet
235Kb / 14P
   3.0V to 5.5V, 10nA, 250kbps RS-232 Transceivers with 짹15kV ESD-Protected I/O and Logic Pins
19-1632; Rev 1; 6/01
MAX3224E MAXIM-MAX3224E_V01 Datasheet
2Mb / 25P
   짹15kV ESD-Protected, 1關A, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
19-1339; Rev 11; 11/18
MAX13223E MAXIM-MAX13223E Datasheet
187Kb / 11P
   ±70V Fault-Protected, 3.0V to 5.5V, 2Tx/2Rx RS-232 Transceiver
Rev 0; 4/09
MAX13223E MAXIM-MAX13223E_V01 Datasheet
1Mb / 12P
   짹70V Fault-Protected, 3.0V to 5.5V, 2Tx/2Rx RS-232 Transceiver
19-4585; Rev 3; 2/15
logo
Renesas Technology Corp
ICL3225E RENESAS-ICL3225E Datasheet
986Kb / 22P
   짹15kV ESD Protected, 3V to 5.5V, 1關A, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
logo
Sipex Corporation
SP3282 SIPEX-SP3282 Datasheet
307Kb / 15P
   Intelligent 2.35V to 5.5V RS-232 Transceivers
logo
Maxim Integrated Produc...
MAX3228E-MAX3229E MAXIM-MAX3228E-MAX3229E Datasheet
227Kb / 15P
   짹15kV ESD-Protected 2.5V to 5.5V RS-232 Transceivers in UCSP
Rev 1; 5/04
logo
Sipex Corporation
SP3281EB SIPEX-SP3281EB Datasheet
128Kb / 15P
   Intelligent 2.35V to 5.5V RS-232 Transceivers
logo
Intersil Corporation
ICL3245ECAZ-T INTERSIL-ICL3245ECAZ-T Datasheet
450Kb / 20P
   짹15kV ESD Protected, 3V to 5.5V, 1Microamp, 1Mbps, RS-232 Transceivers
logo
Maxim Integrated Produc...
MAX3316E MAXIM-MAX3316E Datasheet
190Kb / 16P
   짹15kV ESD-Protected, 2.5V, 1關A, 460kbps, RS-232 Compatible Transceivers
Rev 0; 1/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com