Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASMB-781G2-00A1E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # ASMB-781G2-00A1E
Description  LGA 1155 Intel짰 Xeon짰 E3 ATX Server Board with 1 PCIe x16 or 2 PCIe x8,Quad LANs
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ASMB-781G2-00A1E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  ASMB-781G2-00A1E Datasheet HTML 1Page - Advantech Co., Ltd. ASMB-781G2-00A1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Block Diagram
Ordering Information
Part Number
Chipset Memory
LAN IPMI Graphic
ASMB-781G2-00A1E
C206
DDR3 ECC UNB/
Non-ECC UNB
2
-
AST1300
ASMB-781G4-00A1E
C206
DDR3 ECC UNB/
Non-ECC UNB
4
Yes
AST2300
Packing List
Part Number
Description
Quantity
2066078100
Driver CD
x 1
2006078110
Startup manual
x 1
1700003194
SATA data cables
x 2
1700022749-11
SATA power cables
x 2
1960052312T000
I/O shield
x 1
Optional Accessories
Part Number
Description
1700002204
Dual port USB cable (27 cm) with bracket
1700008461
Four port USB cable (30.5 cm) with bracket
1960047669N001
LGA 1155/1156 CPU cooler for 4U and wallmount chassis
1960052651N001
LGA 1155/1156 CPU cooler for 2U and rackmount chassis
1960049408N001
LGA 1155/1156 1U CPU Cooler and supports up to 73W
processor
1700008809
Printer port cable kit
1701090401
COM port cable with bracket
PCA-AUDIO-HDA1E
HD Audio-card
19Z0000406T000
I/O shield for ACP-1320 chassis
PCA-TPM-00A1E
TPM Module with Infineon TPM 1.2 solution
Note 1: Please order 1 piece of each 1960049408N001 and 19Z0000406T000 for
configuring ASMB-781 with ACP-1320 chassis.
Note 2: Purchasing ASMB-781's proprietary CPU cooler from Advantech is a must. Other
brands' CPU coolers are NOT compatible with ASMB-781.
CPU
Sandy Bridge
LGA1155
Intel C206 PCH
PCIE X16 SLOT-6
DMI
PCIe x16 Gen 2.0
LPC bus
CASE OPEN
Super I/O
NCT6776F
2 x COM port
PS/2 KB, MS
SPI BIOS
64M-bit
PCIE X4 SLOT-3
33MHz PCI
PCI 1,2,5
PCIe x1 Lane0~3
Gen 2.0
PCIe x1 Lane6
Gen 2.0
PCIE X1 SLOT-7
LPT
PCIE X16 SLOT-4
PCIe x8 Gen 2.0
switch X8
X8
X8
X8
VGA
LPC Conn.
5 x FAN
DDR3 240 PIN CHA
1066/1333 ECC
600MB/s
Intel82579LM
GbE PHY
Intel 82574L
PCIe x1 Lane4
PCIe x1 Lane-5
RJ45
RJ45
DDR3 240 PIN CHB
1066/1333 ECC
300MB/s
13 USB port
(4*rear; 6*onboard; 2*type-A)
(1*AST2300)
USB 2.0
X2
X2
SATA 1 ~ 2
SATA 3~6
S/W RAID 0, 1, 10, 5
ASPEED
AST2300/1300
Dual RJ45
Intel 82580DB
GbE PHY
PCIe x4
RMII
PCIE bus
Bracket View
ASMB-781G4-00A1E
ASMB-781G2-00A1E
ASMB-781


Similar Part No. - ASMB-781G2-00A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ASMB-781G2-00A1E ADVANTECH-ASMB-781G2-00A1E Datasheet
2Mb / 2P
   LGA 1155 Intel짰 Xeon짰 E3 ATX Server Board with 1 PCIe x16 or 2 PCIe x8, Quad LANs
ASMB-781G2-00A1E ADVANTECH-ASMB-781G2-00A1E Datasheet
680Kb / 2P
   LGA 1155 Intel짰 Xeon짰 E3/ 2nd Generation Core??ATX Server Board with 1 PCIe x16 or 2 PCIe x8, Quad LANs
20-Jun-2018
More results

Similar Description - ASMB-781G2-00A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ASMB-781 ADVANTECH-ASMB-781 Datasheet
2Mb / 2P
   LGA 1155 Intel짰 Xeon짰 E3 ATX Server Board with 1 PCIe x16 or 2 PCIe x8, Quad LANs
ASMB-781 ADVANTECH-ASMB-781_V01 Datasheet
680Kb / 2P
   LGA 1155 Intel짰 Xeon짰 E3/ 2nd Generation Core??ATX Server Board with 1 PCIe x16 or 2 PCIe x8, Quad LANs
20-Jun-2018
ASMB-782G2-00A1E ADVANTECH-ASMB-782G2-00A1E Datasheet
1Mb / 2P
   LGA 1155 Intel짰 Xeon짰 E3 V2 ATX Server Board with 2 PCIe x16 slots (x8 link),2 PCIe x4, USB 3.0, PCIe Gen III, Quad LANs
ASMB-782 ADVANTECH-ASMB-782 Datasheet
2Mb / 2P
   LGA 1155 Intel짰 Xeon짰 E3 V2 ATX Server Board with 2 PCIe x16 slots (x8 link), 2 PCIe x4, USB 3.0, PCIe Gen III, Quad LANs
ASMB-820I ADVANTECH-ASMB-820I Datasheet
2Mb / 2P
   LGA 1356 Intel짰 Xeon짰 E5 ATX Server Board with DDR3, 1 PCIe x16 and 1 PCIe x8
ASMB-820I-00A1E ADVANTECH-ASMB-820I-00A1E Datasheet
581Kb / 2P
   LGA 1356 Intel짰 Xeon짰 E5 ATX Server Board with DDR3, 1 PCIe x16 and 1 PCIe x8
ASMB-784G2-00A1E ADVANTECH-ASMB-784G2-00A1E Datasheet
968Kb / 2P
   LGA 1150 Intel짰 Xeon짰 E3 V3 ATX Server Board with 2 PCIe x16 slots (x8 link) or 1 PCIe x16 slot (x16 link), 3 PCI,USB 3.0, PCIe Gen III, Quad/Dual LANs
ASMB-584G2-00A1E ADVANTECH-ASMB-584G2-00A1E Datasheet
789Kb / 2P
   LGA 1150 Intel짰 Xeon짰 E3 V3 Micro ATX Server Board with 2 PCIe x16 slots (x8 link), 1 PCIe x4, 1 PCI, USB 3.0, PCIe Gen III, Dual LANs
ASMB-584 ADVANTECH-ASMB-584 Datasheet
680Kb / 2P
   LGA 1150 Intel짰 Xeon짰 E3 V3 Micro ATX Server Board with 2 PCIe x16 slots (x8 link), 1 PCIe x4, 1 PCI, USB 3.0, PCIe Gen III, Dual LANs
ASMB-584 ADVANTECH-ASMB-584_V01 Datasheet
710Kb / 2P
   LGA 1150 Intel짰 Xeon짰 E3 v3/ 4th Generation Core??Micro ATX Server Board with 2 PCIe x16 slots (x8 link), 1 PCIe x4, 1 PCI, USB 3.0, Dual LANs
13-Sep-2017
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com