Electronic Components Datasheet Search |
|
ABM3 Datasheet(PDF) 1 Page - Abracon Corporation |
|
ABM3 Datasheet(HTML) 1 Page - Abracon Corporation |
1 / 3 page 30332 Esperanza, Rancho Santa Margarita, California 92688 tel 949-546-8000 | fax 949-546-8001| www.abracon.com Revised: 09.23.13 Visit www.abracon.com for Terms & Conditions of Sale ||||||||||| | | | | ABM3 5.0 X 3.2 X 1.3mm MINIATURE CERAMIC SMD CRYSTAL Smaller package alternative for ABM7 series ABRACON IS CERTIFIED ABRACON IS ISO9001:2008 CERTIFIED STANDARD SPECIFICATIONS: APPLICATIONS: FEATURES: • AT-cut fundamental or 3rd OT mode • Suitable for RoHS reflow profile • Tight Stability available ±10 • Ceramic package hermetically glass sealed assures high precision and reliability. • Cellular telephones, pagers • Communication and test equipment • PCMCIA and wireless applications Parameters Minimum Typical Maximum Units Notes Frequency Range 8.000 54.000 MHz Fundamental 54.100 80.000 3rd Overtone Operation Mode Fundamental or 3rd Overtone Operating Temperature -10 +60 ºC See options Storage Temperature -40 +90 ºC Frequency Tolerance @+25°C -50 +50 ppm See options Frequency Stability over the Operating Temperature ( ref. to +25°C) -50 +50 ppm See options Equivalent series resistance (R1) 140 Ω 8.000 ≤ F < 9.000 (Fund) 120 9.000 ≤ F < 10.000 (Fund) 60 10.000 ≤ F < 16.000 (Fund) 40 16.000 ≤ F < 20.000 (Fund) 30 20.000 ≤ F < 30.000 (Fund) 25 30.000 ≤ F ≤ 54.000 (Fund) 60 54.000 < F ≤ 80.000 (3rd OT) Shunt capacitance (C0) 7 pF F p 8 1 ) L C ( e c n a ti c a p a c d a o L Standard (See options if other than STD) Drive Level 10 100 µW Aging -5 +5 ppm @25°C±3°C First year Insulation Resistance 500 MΩ @ 100Vdc ± 15V RoHS/RoHS II Compliant. Pb in Glass, exemption 7C-I per RoHS II Directive 2011/65/EU Annex Moisture Sensitivity Level (MSL) – This product is Hermetically Sealed and not Moisture Sensitive - MSL = N/A: Not Applicable |
Similar Part No. - ABM3_15 |
|
Similar Description - ABM3_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |