Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ABLJO Datasheet(PDF) 3 Page - Abracon Corporation

Part # ABLJO
Description  LOW JITTER CRYSTAL OSCILLATOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ABLJO Datasheet(HTML) 3 Page - Abracon Corporation

  ABLJO_15 Datasheet HTML 1Page - Abracon Corporation ABLJO_15 Datasheet HTML 2Page - Abracon Corporation ABLJO_15 Datasheet HTML 3Page - Abracon Corporation ABLJO_15 Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
||| | | | | ||| | | | | |
ABLJO
LOW JITTER CRYSTAL OSCILLATOR
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
14.3 X 8.7 X 5.5 mm
Dimensions: inches (mm)
OUTLINE DIMENSIONS:
REFLOW PROFILE:
30332 Esperanza, Rancho Santa Margarita, California92688
tel 949-546-8000 | fax 949-546-8001| www.abracon.com
Revised: 09.05.13
Visit www.abracon.com for Terms & Conditions of Sale
Pin
Function
VCXO
XO
1
Vc
N.C.
2
N.C.
3
GND
4
Output
5
N.C.
6
Vdd
TS max to TL (Ramp-up Rate)
3°C/second max.
Preheat
Temperature Min. (TS Min.)
Temperature Typical (TS Typ.)
Temperature Max. (TS Max.)
Time (tS)
150°C
175°C
200°C
60 ~ 180 seconds
Ramp-up rate (TL to Tp )
3°C/second max.
Time Maintained Above:
--Temperature (TL)/Time (TL)
217°C/60 ~ 150 seconds
Peak Temperature (Tp)
250°C max. for 10 seconds
Target Peak Temperature (Tp Target)
250°C +0/-5°C
Time within 5°C of actual peak (tp)
20 ~ 40 seconds
Ramp-down Rate
6°C/second max.
Tune 25°C to Peak Temperature (t)
8 minutes max.
Pb
RoHS/RoHS II Compliant and Pb free


Similar Part No. - ABLJO_15

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABLJO ABRACON-ABLJO Datasheet
2Mb / 3P
   LOW JITTER CRYSTAL OSCILLATOR
05.31.11
More results

Similar Description - ABLJO_15

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MX55 MICROCHIP-MX55 Datasheet
1Mb / 28P
   Low Jitter Crystal Oscillator
10/25/17
logo
Abracon Corporation
ABLJO ABRACON-ABLJO Datasheet
2Mb / 3P
   LOW JITTER CRYSTAL OSCILLATOR
05.31.11
logo
List of Unclassifed Man...
EG-2001CA ETC1-EG-2001CA Datasheet
61Kb / 1P
   LOW-JITTER CRYSTAL OSCILLATOR
logo
Epson ToYoCom
XG-1000CA EPSONTOYOCOM-XG-1000CA Datasheet
446Kb / 2P
   CRYSTAL OSCILLATOR LOW-JITTER SAW OSCILLATOR
EG-2101CA EPSONTOYOCOM-EG-2101CA Datasheet
219Kb / 2P
   CRYSTAL OSCILLATOR LOW-JITTER SAW OSCILLATOR
logo
EPCOS
EG-2001CA125.0000M-PCHL3 EPCOS-EG-2001CA125.0000M-PCHL3 Datasheet
200Kb / 1P
   CRYSTAL OSCILLATOR LOW-JITTER SAW OSCILLATOR
logo
List of Unclassifed Man...
XG-1000CA ETC2-XG-1000CA Datasheet
247Kb / 1P
   CRYSTAL LOW-JITTER SAW OSCILLATOR
logo
Cypress Semiconductor
CY2X014 CYPRESS-CY2X014_12 Datasheet
436Kb / 15P
   Low Jitter LVPECL Crystal Oscillator
CY2X014_V2 CYPRESS-CY2X014_V2 Datasheet
410Kb / 14P
   Low Jitter LVPECL Crystal Oscillator
logo
Silicon Laboratories
SI535 SILABS-SI535 Datasheet
323Kb / 12P
   ULTRA LOW JITTER CRYSTAL OSCILLATOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com