Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3320_EAP Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX3320_EAP
Description  3V to 5.5V, up to 250kbps True RS-232 Transceiver with 4關A AutoShutdown Plus and Power-On Reset
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3320_EAP Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX3320_EAP Datasheet HTML 3Page - Maxim Integrated Products MAX3320_EAP Datasheet HTML 4Page - Maxim Integrated Products MAX3320_EAP Datasheet HTML 5Page - Maxim Integrated Products MAX3320_EAP Datasheet HTML 6Page - Maxim Integrated Products MAX3320_EAP Datasheet HTML 7Page - Maxim Integrated Products MAX3320_EAP Datasheet HTML 8Page - Maxim Integrated Products MAX3320_EAP Datasheet HTML 9Page - Maxim Integrated Products MAX3320_EAP Datasheet HTML 10Page - Maxim Integrated Products MAX3320_EAP Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
3V to 5.5V, up to 250kbps True RS-232 Transceiver
with 4µA AutoShutdown Plus and Power-On Reset
_______________________________________________________________________________________
7
reducing supply current to 4µA. This occurs if the RS-232
cable is disconnected or the connected peripheral trans-
mitters turn off. The system turns on again when a valid
transition occurs at any RS-232 receiver or transmitter
input. As a result, the system saves power without
changes to the existing BIOS or operating system. The
INVALID output is high when the receivers are active.
Since INVALID indicates the receiver inputs’ condition, it
can be used in any mode (Figure 2).
Tables 1 and 2 and Figure 2 summarize the MAX3320’s
operating modes. FORCEON and FORCEOFF override
the automatic circuitry and force the transceiver into its
normal operating state or into its low-power standby
state. When neither control is asserted, the IC enters
AutoShutdown Plus mode and selects between these
states automatically, based on the last receiver or
transmitter input edge received.
When shut down, the device’s charge pumps turn off,
V+ decays to VCC , V- decays to ground, and the trans-
mitter outputs turn off (high impedance). The time
required to exit shutdown is typically 25µs (Figure 3a).
Software-Controlled Shutdown
If direct software control is desired, use INVALID to indi-
cate DTR or Ring Indicator signal. Connect FORCEOFF
and FORCEON together to bypass the AutoShutdown
Plus feature so the line acts like a SHDN input.
Power-On Reset
In addition to issuing a reset to the microprocessor (µP)
during power-up, power-down, and brownout condi-
tions, the MAX3320 is relatively immune to short-
duration, negative-going VCC transitions (glitches).
Typically, a VCC transient that goes 100mV below the
reset threshold and lasts 20µs or less does not cause a
reset pulse (see
Typical Operating Characteristics).
Additional bypass capacitance mounted as close as
possible to the VCC pin provides additional transient
immunity.
Table 2. INVALID Truth Table
+0.3V
-0.3V
INVALID
R_IN
INVALID ASSERTED IF BOTH RECEIVER INPUTS ARE BETWEEN +0.3V AND -0.3V FOR
AT LEAST 90
µs.
90µs
TIMER
R
Figure 2a. INVALID Functional Diagram, INVALID Low
+2.7V
-2.7V
R_IN
INVALID DEASSERTED IF EITHER RECEIVER INPUT HAS BEEN BETWEEN +2.7V
AND -2.7V FOR LESS THAN 90
µs.
INVALID
90µs
TIMER
R
Figure 2b. INVALID Functional Diagram, INVALID High
AUTOSHDN
R_IN
T_IN
R
S
30sec
TIMER
EDGE
DETECT
EDGE
DETECT
FORCEOFF
FORCEON
Figure 2c. AutoShutdown Plus Logic
POWERDOWN*
AUTOSHDN
FORCEOFF
FORCEON
* POWERDOWN IS ONLY AN INTERNAL SIGNAL.
IT CONTROLS THE OPERATIONAL STATUS OF
THE TRANSMITTERS AND THE POWER SUPPLIES.
Figure 2d. Power-Down Logic
Yes
RS-232 SIGNAL PRESENT AT
RECEIVER INPUT
No
L
H
INVALID
OUTPUT


Similar Part No. - MAX3320_EAP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX332 MAXIM-MAX332 Datasheet
305Kb / 8P
   Quad SPST SMOS Analog Switches
MAX3322E MAXIM-MAX3322E Datasheet
329Kb / 13P
   15kV ESD-Protected, RS-232 Transceivers for Multidrop Applications
Rev 1; 1/03
MAX3322EEUP MAXIM-MAX3322EEUP Datasheet
329Kb / 13P
   15kV ESD-Protected, RS-232 Transceivers for Multidrop Applications
Rev 1; 1/03
MAX3322EEUP MAXIM-MAX3322EEUP Datasheet
334Kb / 13P
   Multidrop Applications
Rev 1; 1/03
MAX3323EEPE MAXIM-MAX3323EEPE Datasheet
329Kb / 13P
   15kV ESD-Protected, RS-232 Transceivers for Multidrop Applications
Rev 1; 1/03
More results

Similar Description - MAX3320_EAP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3238 MAXIM-MAX3238 Datasheet
112Kb / 12P
   3.0V to 5.5V, 1關A, up to 250kbps, True RS-232 Transceiver with AutoShutdown Plus?
19-1144; Rev 0; 9/96
MAX3238 MAXIM-MAX3238_V01 Datasheet
207Kb / 12P
   3.0V to 5.5V, 1關A, up to 250kbps, True RS-232 Transceiver with AutoShutdown Plus
19-1144; Rev 1; 10/02
MAX3238CAI-T MAXIM-MAX3238CAI-T Datasheet
207Kb / 12P
   3.0V to 5.5V, 1μA, up to 250kbps, True RS-232 Transceiver with AutoShutdown Plus
Rev 1; 10/02
MAX3221 MAXIM-MAX3221 Datasheet
318Kb / 16P
   1μA Supply-Current, True 3V to 5.5V RS 232 Transceiver with AutoShutdown
Rev 6; 3/99
MAX3221 MAXIM-MAX3221_15 Datasheet
331Kb / 17P
   3V to 5.5V RS-232 Transceivers with AutoShutdown
Rev 9; 1/15
MAX3221 MAXIM-MAX3221_V01 Datasheet
1Mb / 16P
   3V to 5.5V RS-232 Transceivers with AutoShutdown
19-0306; Rev 10; 5/19
MAX3221 MAXIM-MAX3221_03 Datasheet
454Kb / 16P
   1μA Supply-Current, True 3V to 5.5V RS-232 Transceivers with AutoShutdown
Rev 8; 10/03
logo
3PEAK INC.
TPT3232E 3PEAK-TPT3232E Datasheet
585Kb / 10P
   3V to 5.5V, 250kbps RS-232 Transceivers
Rev. B.1
logo
Maxim Integrated Produc...
MAX338 MAXIM-MAX338 Datasheet
182Kb / 12P
   짹15kV ESD-Protected, 3.0V to 5.5V, Low-Power, up to 250kbps, True RS-232 Transceiver
19-1437; Rev 1; 10/99
MAX3384E MAXIM-MAX3384E Datasheet
221Kb / 11P
   짹15kV ESD-Protected, 3.0V to 5.5V, Low-Power, up to 250kbps, True RS-232 Transceiver
19-1949; Rev 0; 1/01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com