Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3313 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX3313
Description  460kbps, 1關A Supply Current, RS-232-Compatible Transceivers in 關MAX
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3313 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX3313 Datasheet HTML 1Page - Maxim Integrated Products MAX3313 Datasheet HTML 2Page - Maxim Integrated Products MAX3313 Datasheet HTML 3Page - Maxim Integrated Products MAX3313 Datasheet HTML 4Page - Maxim Integrated Products MAX3313 Datasheet HTML 5Page - Maxim Integrated Products MAX3313 Datasheet HTML 6Page - Maxim Integrated Products MAX3313 Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
460kbps, 1µA Supply Current,
RS-232-Compatible Transceivers in µMAX
_______________________________________________________________________________________
5
Detailed Description
Single Charge-Pump Voltage Converter
The MAX3311/MAX3313 internal power supply has a
single inverting charge pump that provides a negative
voltage from a single +5V supply. The charge pump
operates in a discontinuous mode and requires a flying
capacitor (C1) and a reservoir capacitor (C2) to gener-
ate the V- supply.
RS-232-Compatible Driver
The transmitter is an inverting level translator that con-
verts CMOS-logic levels to EIA/TIA-232-compatible lev-
els. It guarantees data rates up to 460kbps with
worst-case loads of 3k
Ω in parallel with 1000pF. When
SHDN is driven low, the transmitter is disabled and put
into three state. The transmitter input does not have an
internal pullup resistor.
RS-232 Receiver
The MAX3311/MAX3313 receiver converts RS-232 sig-
nals to CMOS-logic output levels. The MAX3311 receiv-
er will remain active during shutdown mode. The
MAX3313 INVALID indicates when an RS-232 signal is
present at the receiver input, and therefore when the
port is in use.
The MAX3313 INVALID output is pulled low when no
valid RS-232 signal level is detected on the receiver
input.
MAX3311 Shutdown Mode
In shutdown mode, the charge pump is turned off, V- is
pulled to ground, and the transmitter output is disabled
(Table 1). This reduces supply current typically to 1µA.
The time required to exit shutdown is typically less than
100µs.
Applications Information
Capacitor Selection
The capacitor type used for C1 and C2 is not critical for
proper operation; either polarized or nonpolarized
capacitors are acceptable. If polarized capacitors are
used, connect polarity as shown in the Typical
Operating Circuit. The charge pump requires 0.1µF
capacitors. Increasing the capacitor values (e.g., by a
factor of 2) reduces power consumption. C2 can be
increased without changing C1’s value. However, do
not increase C1’s value without also increasing the
value of C2 and CBYPASS to maintain the proper ratios
(C1 to the other capacitors).
When using the minimum 0.1µF capacitors, make sure
the capacitance does not degrade excessively with
temperature. If in doubt, use capacitors with a larger
nominal value. The capacitor’s equivalent series resis-
tance (ESR) usually rises at low temperatures and influ-
ences the amount of ripple on V-.
To reduce the output impedance at V-, use larger
capacitors (up to 10µF).
Bypass VCC to ground with at least 0.1µF. In applica-
tions sensitive to power-supply noise generated by the
charge pump, decouple VCC to ground with a capaci-
tor the same size as (or larger than) charge-pump
capacitors C1 and C2.
Transmitter Output when Exiting
Shutdown
Figure 1 shows the transmitter output when exiting
shutdown mode. The transmitter is loaded with 3k
Ω in
parallel with 1000pF. The transmitter output displays no
ringing or undesirable transients as the MAX3311
comes out of shutdown. Note that the transmitter is
enabled only when the magnitude of V- exceeds
approximately -3V.
Table 1. MAX3311 Shutdown Logic Truth
Table
SHDN
TRANSMITTER
OUTPUT
RECEIVER
OUTPUT
CHARGE
PUMP
L
High Z
Active
Inactive
H
Active
Active
Active
Figure 1. Transmitter Output when Exiting Shutdown or
Powering Up
10
µs/div
SHDN
TOUT
5V/div
0
1.5V/div
0
TIN = GND
TIN = VCC


Similar Part No. - MAX3313

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3313ECUB MAXIM-MAX3313ECUB Datasheet
110Kb / 8P
   짹15kV ESD-Protected, 460kbps, 1關A, RS-232-Compatible Transceivers in 關MAX
19-1910; Rev 0; 1/01
MAX3313EEUB MAXIM-MAX3313EEUB Datasheet
110Kb / 8P
   짹15kV ESD-Protected, 460kbps, 1關A, RS-232-Compatible Transceivers in 關MAX
19-1910; Rev 0; 1/01
More results

Similar Description - MAX3313

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3311E MAXIM-MAX3311E Datasheet
110Kb / 8P
   짹15kV ESD-Protected, 460kbps, 1關A, RS-232-Compatible Transceivers in 關MAX
19-1910; Rev 0; 1/01
MAX3314 MAXIM-MAX3314 Datasheet
196Kb / 6P
   460kbps, 1關A, RS-232-Compatible Transceiver
19-1725; Rev 1a; 3/01
MAX3316E MAXIM-MAX3316E Datasheet
190Kb / 16P
   짹15kV ESD-Protected, 2.5V, 1關A, 460kbps, RS-232 Compatible Transceivers
Rev 0; 1/00
MAX3314E MAXIM-MAX3314E Datasheet
244Kb / 8P
   짹15kV ESD-Protected, 460kbps, 1關A, RS-232-Compatible Transceiver
19-1696; Rev 1; 3/01
MAX3316 MAXIM-MAX3316 Datasheet
214Kb / 15P
   2.5V, 1uA, 460kbps, RS-232-Compatible Transceivers
Rev 0; 6/00
MAX3160 MAXIM-MAX3160_V01 Datasheet
356Kb / 23P
   3.0V to5.5V, 1關A, RS-232/ RS-485/422 Multiprotocol Transceivers
19-1722; Rev 3; 5/15
MAX3188 MAXIM-MAX3188 Datasheet
159Kb / 8P
   1Mbps, 1關A RS-232 Transmitters in SOT23-6
MAX3218 MAXIM-MAX3218_V01 Datasheet
817Kb / 13P
   1關A Supply Current, 1.8V to 4.25V-Powered RS-232 Transceiver with AutoShutdown
19-0380; Rev 2; 5/18
MAX200 MAXIM-MAX200_05 Datasheet
2Mb / 23P
   5V, RS-232 Transceivers with 0.1關F External Capacitors
Rev 7; 12/05
MAX3233E MAXIM-MAX3233E Datasheet
144Kb / 12P
   짹15kV ESD-Protected, 1關A, 250kbps, 3.3V/5V, Dual RS-232 Transceivers with Internal Capacitors
19-1473; Rev 0; 4/99
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com