Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3265EUE Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX3265EUE
Description  3.0V to 5.5V, 1.25Gbps/2.5Gbps Limiting Amplifiers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3265EUE Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX3265EUE Datasheet HTML 7Page - Maxim Integrated Products MAX3265EUE Datasheet HTML 8Page - Maxim Integrated Products MAX3265EUE Datasheet HTML 9Page - Maxim Integrated Products MAX3265EUE Datasheet HTML 10Page - Maxim Integrated Products MAX3265EUE Datasheet HTML 11Page - Maxim Integrated Products MAX3265EUE Datasheet HTML 12Page - Maxim Integrated Products MAX3265EUE Datasheet HTML 13Page - Maxim Integrated Products MAX3265EUE Datasheet HTML 14Page - Maxim Integrated Products MAX3265EUE Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
+3.0V to +5.5V, 1.25Gbps/2.5Gbps
Limiting Amplifiers
______________________________________________________________________________________
11
Input Buffer
The input buffer is designed to accept input signals
from the MAX3266/MAX3267 transimpedance ampli-
fiers. The input buffer provides a 100
Ω input imped-
ance between IN+ and IN-. Input VSWR is typically less
than 2.0 for frequencies less than 2GHz. DC-coupling
the inputs is not recommended; this prevents the DC
offset-correction circuitry from functioning properly.
Gain Stage and Offset Correction
The limiting amplifier provides approximately 55dB
(MAX3264/MAX3268/MAX3768) or 49dB (MAX3265/
MAX3269/MAX3765) of gain. This large gain makes the
amplifier susceptible to small DC offsets in the input sig-
nal. DC offsets as low as 1mV reduce the accuracy of
the power-detection circuit and may cause deterministic
jitter. A low-frequency feedback loop is integrated into
the limiting amplifier to reduce input offset, typically to
less than 100µV.
An external capacitor connected between CAZ1 and
CAZ2, in parallel with internal capacitance, determines
the time constant of the offset-correction circuit. The off-
set-correction circuit requires an average data-input
mark density of 50% to prevent an increase in duty-
cycle distortion and to ensure low deterministic jitter.
CML Output Buffer
The MAX3264/MAX3265/MAX3765 CML output circuits
(Figure 7) provide high tolerance to impedance mis-
matches and inductive connectors. The output current
can be set to two levels. When the LEVEL pin is left
unconnected, output current is approximately 16mA.
Connecting LEVEL to ground sets the output current to
approximately 20mA.
The squelch function is enabled when the SQUELCH pin
is set to a TTL-high level or connected to VCC. The
squelch function holds OUT+ and OUT- at a static volt-
age whenever the input signal power drops below the
loss-of-signal threshold. In the 10-pin µMAX package of
the MAX3265/MAX3268/MAX3269, the SQUELCH func-
tion is left internally unconnected. In the MAX3765/
MAX3768, the SQUELCH function is always enabled by
internally connecting it to VCC. SQUELCH operation for
the MAX3264/MAX3265 is described in Table 1.
Internal Input/Output Schematics
IN+
IN-
110
GND
ESD
STRUCTURES
VCC
500
500
0.25pF
0.25pF
Figure 4. Input Circuit
GND
RT = 8k
Ω (MAX3265/MAX3269/MAX3765)
RT = 16k
Ω (MAX3264/MAX3268/MAX3768)
ESD
STRUCTURE
VCC
LOS
RT
Figure 5. LOS Output Circuit
Table 1.
LEVEL PIN
VOLTAGE WHEN SQUELCHED
OUT-
OUT+
Open
VCC - 100mV
VCC
GND
VCC - 100mV
VCC - 100mV


Similar Part No. - MAX3265EUE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3265EUE MAXIM-MAX3265EUE Datasheet
991Kb / 10P
   3.0V to 5.5V, 1.25Gbps/2.5Gbps Limiting Amplifiers
19-1523; Rev 7, 2/06
MAX3265EUE++ MAXIM-MAX3265EUE+ Datasheet
991Kb / 10P
   3.0V to 5.5V, 1.25Gbps/2.5Gbps Limiting Amplifiers
19-1523; Rev 7, 2/06
More results

Similar Description - MAX3265EUE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3264 MAXIM-MAX3264_V01 Datasheet
991Kb / 10P
   3.0V to 5.5V, 1.25Gbps/2.5Gbps Limiting Amplifiers
19-1523; Rev 7, 2/06
MAX3286 MAXIM-MAX3286 Datasheet
733Kb / 28P
   3.0V to 5.5V, 1.25Gbps/2.5Gbps LAN Laser Drivers
19-1550; Rev 6; 11/04
MAX3286 MAXIM-MAX3286_V01 Datasheet
1Mb / 28P
   3.0V to 5.5V, 1.25Gbps/2.5Gbps LAN Laser Drivers
2005
logo
KOA Speer Electronics, ...
MAX3996CTP-T KOA-MAX3996CTP-T Datasheet
768Kb / 16P
   3.0V to 5.5V, 2.5Gbps VCSEL and Laser Driver
logo
Maxim Integrated Produc...
MAX3996CTP-T MAXIM-MAX3996CTP-T Datasheet
768Kb / 16P
   3.0V to 5.5V, 2.5Gbps VCSEL and Laser Driver
Rev 3; 5/04
MAX3996 MAXIM-MAX3996 Datasheet
785Kb / 17P
   3.0V to 5.5V, 2.5Gbps VCSEL and Laser Driver
Rev 1; 2/02
MAX3964A MAXIM-MAX3964A Datasheet
808Kb / 12P
   3.0V to 5.5V, 125Mbps to 266Mbps Limiting Amplifiers with Loss-of-Signal Detector
Rev 3; 9/04
MAX3964 MAXIM-MAX3964 Datasheet
896Kb / 12P
   3.0V to 5.5V, 125Mbps to 266Mbps Limiting Amplifiers with Loss-of-Signal Detector
Rev 1; 10/02
MAX3964 MAXIM-MAX3964_V01 Datasheet
299Kb / 11P
   3.0V to 5.5V, 125Mbps to 266Mbps Limiting Amplifiers with Loss-of-Signal Detector
19-1314; Rev 5; 8/06
MAX3266 MAXIM-MAX3266_00 Datasheet
899Kb / 10P
   1.25Gbps/2.5Gbps, 3V to 5.5V, Low-Noise Transimpedance Preamplifiers for LANs
Rev 1; 6/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com