Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX325ESA Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX325ESA
Description  Precision, Single-Supply, SPST Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX325ESA Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX325ESA Datasheet HTML 1Page - Maxim Integrated Products MAX325ESA Datasheet HTML 2Page - Maxim Integrated Products MAX325ESA Datasheet HTML 3Page - Maxim Integrated Products MAX325ESA Datasheet HTML 4Page - Maxim Integrated Products MAX325ESA Datasheet HTML 5Page - Maxim Integrated Products MAX325ESA Datasheet HTML 6Page - Maxim Integrated Products MAX325ESA Datasheet HTML 7Page - Maxim Integrated Products MAX325ESA Datasheet HTML 8Page - Maxim Integrated Products MAX325ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Precision, Single-Supply,
SPST Analog Switches
2
_______________________________________________________________________________________
Voltage Referenced to GND
V+ .........................................................................-0.3V to +17V
IN_, COM_, NC_, NO_ (Note 1)..................-0.3V to (V+ + 0.3V)
Continuous Current (any terminal) ......................................30mA
Peak Current, COM_, NO_, NC_
(pulsed at 1ms, 10% duty cycle max) ............................100mA
ESD per Method 3015.7 ..................................................>2000V
Continuous Power Dissipation
Plastic DIP (derate 9.09mW/°C above +70°C) ..............727mW
Narrow SO (derate 5.88mW/°C above +70°C) ..............471mW
CERDIP (derate 8.00mW/°C above +70°C) ...................640mW
µMAX (derate 4.10mW/°C above +70°C) ......................330mW
Operating Temperature Ranges
MAX32_C_ _ .........................................................0°C to +70°C
MAX32_E_ _.......................................................-40°C to +85°C
MAX32_MJA ....................................................-55°C to +125°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10sec) .............................+300°C
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS—Single +5V Supply
(V+ = 5V ±10%, GND = 0V, VINH = 2.4V, VINL = 0.8V, TA = TMIN to TMAX, unless otherwise noted.)
PARAMETER
SYMBOL
MIN
TYP
MAX
(Note 2)
UNITS
Analog Signal Range
VCOM,
VNO,
VNC
0
V+
V
CONDITIONS
(Note 3)
On-Resistance
RON
33
60
V+ = 4.5V,
ICOM = 1.0mA,
VNO or VNC = 3.5V
TA = +25°C
TA = +25°C
TA = +25°C
TA = +25°C
TA = +25°C
TA = +25°C
TA = TMIN to TMAX
TA = TMIN to TMAX
TA = TMIN to TMAX
-40
40
On-Resistance Match
Between Channels (Note 4)
∆RON
0.8
2
V+ = 5V,
ICOM = 1.0mA,
VNO or VNC = 3V
On-Resistance Flatness
(Notes 3, 5)
RFLAT(ON)
2
6
V+ = 5V,
ICOM = 1.0mA,
VNO or VNC = 1V, 2V, 3V
NO or NC Off Leakage
Current (Note 6)
INO(OFF)
or
INC(OFF)
-0.1
0.01
0.1
nA
V+ = 5.5V,
VCOM = 1V,
VNO or VNC = 4.5V
COM Off Leakage Current
(Note 6)
ICOM(OFF)
-0.1
0.1
nA
V+ = 5.5V,
VCOM = 4.5V,
VNO or VNC = 1V
COM On Leakage Current
(Note 6)
ICOM(ON)
-0.2
0.2
nA
V+ = 5.5V,
VCOM = 5V, or
VNO or VNC = 5V
-5
5
-50
50
75
4
8
-5
5
-40
40
TA = TMIN
to TMAX
TA = TMIN
to TMAX
TA = TMIN
to TMAX
C, E
M
C, E
M
C, E
M
-10
10
ANALOG SWITCH
Note 1: Signals on NC, NO, COM, or IN exceeding V+ or V- are clamped by internal diodes. Limit forward diode current to
maximum current rating.


Similar Part No. - MAX325ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3250 MAXIM-MAX3250 Datasheet
232Kb / 10P
   짹50V Isolated, 3.0V to 5.5V, 250kbps, 2 Tx/2 Rx, RS-232 Transceiver
19-2443; Rev 1; 2/03
MAX3250 MAXIM-MAX3250 Datasheet
186Kb / 10P
   50V Isolated, 3.0V to 5.5V, 250kbps, 2 Tx/2 Rx, RS-232 Transceiver
Rev 3; 9/11
MAX3250 MAXIM-MAX3250 Datasheet
205Kb / 10P
   짹50V Isolated, 3.0V to 5.5V, 250kbps, 2 Tx/2 Rx, RS-232 Transceiver
19-2443; Rev 4; 2/15
MAX3250CAI MAXIM-MAX3250CAI Datasheet
232Kb / 10P
   짹50V Isolated, 3.0V to 5.5V, 250kbps, 2 Tx/2 Rx, RS-232 Transceiver
19-2443; Rev 1; 2/03
MAX3250EAI MAXIM-MAX3250EAI Datasheet
232Kb / 10P
   짹50V Isolated, 3.0V to 5.5V, 250kbps, 2 Tx/2 Rx, RS-232 Transceiver
19-2443; Rev 1; 2/03
More results

Similar Description - MAX325ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX323 MAXIM-MAX323_V01 Datasheet
1Mb / 13P
   Precision, Single-Supply, SPST Analog Switches
2022
logo
Pericom Semiconductor C...
PS323 PERICOM-PS323 Datasheet
336Kb / 10P
   Precision, Single-Supply SPST Analog Switches
PS301 PERICOM-PS301 Datasheet
265Kb / 7P
   Precision, Single-Supply SPST Analog Switches
logo
Maxim Integrated Produc...
MAX320 MAXIM-MAX320 Datasheet
109Kb / 8P
   Precision, Dual-Supply, SPST Analog Switches
19-0350; Rev 0; 12/94
logo
Renesas Technology Corp
ISL84514 RENESAS-ISL84514 Datasheet
615Kb / 12P
   Low-Voltage, Single Supply, SPST, Analog Switches
logo
Intersil Corporation
ISL84514 INTERSIL-ISL84514 Datasheet
266Kb / 11P
   Low-Voltage, Single Supply, SPST, Analog Switches
ISL84514 INTERSIL-ISL84514_04 Datasheet
276Kb / 11P
   Low-Voltage, Single Supply, SPST, Analog Switches
logo
Maxim Integrated Produc...
MAX364 MAXIM-MAX364_04 Datasheet
357Kb / 13P
   Precision, Quad, SPST Analog Switches
Rev 2; 6/04
logo
Pericom Semiconductor C...
PS391ESE PERICOM-PS391ESE Datasheet
271Kb / 12P
   Precision, Quad, SPST, Analog Switches
logo
Maxim Integrated Produc...
MAX361 MAXIM-MAX361 Datasheet
99Kb / 8P
   Precision, Quad, SPST Analog Switches
Rev 0; 9/93
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com