Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX322 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX322
Description  Precision, Dual-Supply, SPST Analog Switches
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX322 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX322 Datasheet HTML 1Page - Maxim Integrated Products MAX322 Datasheet HTML 2Page - Maxim Integrated Products MAX322 Datasheet HTML 3Page - Maxim Integrated Products MAX322 Datasheet HTML 4Page - Maxim Integrated Products MAX322 Datasheet HTML 5Page - Maxim Integrated Products MAX322 Datasheet HTML 6Page - Maxim Integrated Products MAX322 Datasheet HTML 7Page - Maxim Integrated Products MAX322 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
_______________General Description
The MAX320/MAX321/MAX322 are precision, dual,
SPST analog switches designed to operate from ±3V to
±8V dual supplies. The MAX320 has two normally open
(NO) switches and the MAX321 has two normally
closed (NC) switches. The MAX322 has one NO and
one NC switch. Low power consumption (1.25mW)
makes these parts ideal for battery-powered equip-
ment. They offer low leakage currents (100pA max) and
fast switching speeds (tON = 150ns max, tOFF = 100ns
max).
The MAX320 series, powered from ±5V supplies, offers
35
Ω max on-resistance (RON), 2Ω max matching
between channels, and 4
Ω max RON flatness.
These switches also offer 5pC max charge injection
and a minimum of 2000V ESD protection per Method
3015.7.
For equivalent devices specified for single-supply oper-
ation, see the MAX323/MAX324/MAX325 data sheet.
For quad versions of these switches, see the
MAX391/MAX392/MAX393 data sheet.
________________________Applications
Battery-Operated Systems
Sample-and-Hold Circuits
Heads-Up Displays
Guidance and Control Systems
Audio and Video Switching
Military Radios
Test Equipment
Communications Systems
±5V DACs and ADCs
PBX, PABX
____________________________Features
o Low On-Resistance, 35
Ω max (16Ω typical)
o RON Matching Between Channels <2
o RON Flatness <4
o Guaranteed Charge Injection <5pC
o Bipolar Supply Operation (±3V to ±8V)
o Low Power Consumption, <1.25mW
o Low Leakage Current Over Temperature,
<2.5nA at +85°C
o Fast Switching, tON <150ns, tOFF <100ns
o Guaranteed Break-Before-Make (MAX322 only)
______________Ordering Information
Precision, Dual-Supply, SPST
Analog Switches
________________________________________________________________
Maxim Integrated Products
1
SWITCHES SHOWN FOR LOGIC "0" INPUT
MAX321
LOGIC
SWITCH
0
1
ON
OFF
TOP VIEW
DIP/SO/
µMAX
MAX320
LOGIC
SWITCH
0
1
OFF
ON
MAX322
LOGIC
SWITCH 1
0
1
OFF
ON
SWITCH 2
ON
OFF
8
7
6
5
1
2
3
4
V+
IN1
COM2
NO2
V-
IN2
COM1
NO1
MAX320
DIP/SO/
µMAX
8
7
6
5
1
2
3
4
V+
IN1
COM2
NC2
V-
IN2
COM1
NC1
MAX321
DIP/SO/
µMAX
8
7
6
5
1
2
3
4
V+
IN1
COM2
NC2
V-
IN2
COM1
NO1
MAX322
_____________________Pin Configurations/Functional Diagrams/Truth Tables
Call toll free 1-800-998-8800 for free samples or literature.
19-0350; Rev 0; 12/94
Ordering Information continued at end of data sheet.
* Contact factory for dice specifications.
** Contact factory for availability.
8 CERDIP**
-55°C to +125°C
MAX320MJA
8 CERDIP**
-40°C to +85°C
MAX320EJA
8 SO
-40°C to +85°C
MAX320ESA
8 Plastic DIP
-40°C to +85°C
MAX320EPA
Dice*
0°C to +70°C
MAX320C/D
8 SO
0°C to +70°C
MAX320CSA
8 Plastic DIP
0°C to +70°C
MAX320CPA
PIN-PACKAGE
TEMP. RANGE
PART
8 µMAX
0°C to +70°C
MAX320CUA


Similar Part No. - MAX322

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX3221 TI-MAX3221 Datasheet
230Kb / 15P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
logo
Maxim Integrated Produc...
MAX3221 MAXIM-MAX3221 Datasheet
318Kb / 16P
   1μA Supply-Current, True 3V to 5.5V RS 232 Transceiver with AutoShutdown
Rev 6; 3/99
MAX3221 MAXIM-MAX3221 Datasheet
454Kb / 16P
   1μA Supply-Current, True 3V to 5.5V RS-232 Transceivers with AutoShutdown
Rev 8; 10/03
logo
Texas Instruments
MAX3221 TI-MAX3221 Datasheet
392Kb / 17P
[Old version datasheet]   3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
logo
Maxim Integrated Produc...
MAX3221 MAXIM-MAX3221 Datasheet
1Mb / 16P
   3V to 5.5V RS-232 Transceivers with AutoShutdown
19-0306; Rev 10; 5/19
More results

Similar Description - MAX322

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX323 MAXIM-MAX323_V01 Datasheet
1Mb / 13P
   Precision, Single-Supply, SPST Analog Switches
2022
logo
Pericom Semiconductor C...
PS323 PERICOM-PS323 Datasheet
336Kb / 10P
   Precision, Single-Supply SPST Analog Switches
logo
Maxim Integrated Produc...
MAX323 MAXIM-MAX323 Datasheet
105Kb / 12P
   Precision, Single-Supply, SPST Analog Switches
19-0347; Rev 1; 10/97
logo
Pericom Semiconductor C...
PS301 PERICOM-PS301 Datasheet
265Kb / 7P
   Precision, Single-Supply SPST Analog Switches
PS320 PERICOM-PS320 Datasheet
102Kb / 5P
   Precision, Dual-Supply Analog Switches
logo
Intersil Corporation
ISL84516 INTERSIL-ISL84516 Datasheet
239Kb / 10P
   Low-Voltage, Dual Supply, SPST, Analog Switches
ISL84516 INTERSIL-ISL84516_05 Datasheet
256Kb / 10P
   Low-Voltage, Dual Supply, SPST, Analog Switches
logo
Renesas Technology Corp
ISL84516 RENESAS-ISL84516 Datasheet
561Kb / 10P
   Low-Voltage, Dual Supply, SPST, Analog Switches
logo
Maxim Integrated Produc...
MAX364 MAXIM-MAX364_04 Datasheet
357Kb / 13P
   Precision, Quad, SPST Analog Switches
Rev 2; 6/04
logo
Pericom Semiconductor C...
PS391ESE PERICOM-PS391ESE Datasheet
271Kb / 12P
   Precision, Quad, SPST, Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com