Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3263 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX3263
Description  Single 5V, Fully Integrated, 155Mbps Laser Diode Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3263 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX3263 Datasheet HTML 1Page - Maxim Integrated Products MAX3263 Datasheet HTML 2Page - Maxim Integrated Products MAX3263 Datasheet HTML 3Page - Maxim Integrated Products MAX3263 Datasheet HTML 4Page - Maxim Integrated Products MAX3263 Datasheet HTML 5Page - Maxim Integrated Products MAX3263 Datasheet HTML 6Page - Maxim Integrated Products MAX3263 Datasheet HTML 7Page - Maxim Integrated Products MAX3263 Datasheet HTML 8Page - Maxim Integrated Products MAX3263 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Single +5V, Fully Integrated,
155Mbps Laser Diode Driver
4
_______________________________________________________________________________________
______________________________________________________________Pin Description
NAME
FUNCTION
PIN
10
ENB+
Noninverting Enable TTL Input. Output currents are enabled only when ENB+ is high and
ENB- is low.
1
VREF2
Temperature-Compensated Reference Output. VREF2 is internally connected to VREF1.
12
OSADJ
Overshoot-Adjust Input. Connect to internal voltage reference through a resistor to adjust the
overshoot of the modulation output signal (see
Typical Operating Characteristics).
11
VREF1
Temperature-Compensated Reference Output. VREF1 is internally connected to VREF2.
13
IBIASFB
Bias-Feedback Current Output. Output from automatic power-control circuit. Connect to
IBIASSET when using APC.
14
IBIASSET
Laser Bias Current-Programming Input. Connect to internal voltage reference through a resis-
tor to set bias current (see
Typical Operating Characteristics).
IBIASOUT = 40 x (IBIASSET + IBIASFB).
15
IMODSET
Laser Modulation Current-Programming Input. Connect to internal voltage reference through
a resistor to set modulation current (see
Typical Operating Characteristics).
IMOD = 20 x IMODSET.
16
IBIASOUT
Laser Bias Current Output. Connect to laser cathode through an R-L filter network (see the
Bias Network Compensation section).
17, 19, 21
GNDA
Ground for Bias and Modulation Current Drivers
22
VCCA
+5V Supply Voltage for Bias and Modulation Current Drivers. Connect VCCA to the same
potential as VCCB, but provide separate bypassing for VCCA and VCCB.
20
OUT+
Modulation Output. When VIN+ is low and VIN- is high, OUT+ sinks IMOD.
9
ENB-
Inverting Enable TTL Input. Output currents are enabled only when ENB+ is high and ENB- is low.
8
VCCB
+5V Supply Voltage for Voltage Reference and Automatic Power-Control Circuitry. Connect
VCCB to the same potential as VCCA, but provide separate bypassing for VCCA and VCCB.
6
VIN-
Inverting PECL Data Input
5
VIN+
Noninverting PECL Data Input
4, 7
GNDB
Ground for Voltage Reference and Automatic Power-Control Circuitry
3
FAILOUT
Failout Output. Active-low, open-collector TTL output indicates if automatic power-control
loop is out of regulation due to insufficient monitor-diode current (when VPIN is below the
2.6V threshold). Connect FAILOUT to VCC through a 2.7k
Ω pull-up resistor.
2
IPINSET
Monitor Photodiode Programming Input. Connect INPINSET to VREF1 or VREF2 through a
resistor to set the monitor current when using automatic power control (see
Typical Operating
Characteristics).
18
OUT-
Modulation Output. When VIN+ is high and VIN- is low, OUT- sinks IMOD.
23
IPIN
Monitor Photodiode Current Input. Connect IPIN to photodiode’s anode.
24
SLWSTRT
Slow-Start Capacitor Input. Connect capacitor to ground or leave unconnected to set start-up
time, tSTARTUP = 25.4kΩ (CSLWSTRT + 2pF).


Similar Part No. - MAX3263

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX32630 MAXIM-MAX32630 Datasheet
468Kb / 27P
   Ultra-Low Power, High-Performance Cortex-M4F Microcontroller for Wearables
19-8478; Rev 0; 3/16
MAX32630FTHR MAXIM-MAX32630FTHR Datasheet
2Mb / 9P
   MAX32630FTHR Application Platform
Rev 0; 1116
MAX32630FTHR# MAXIM-MAX32630FTHR# Datasheet
12Mb / 44P
   Evaluates the MAX4146x Family of Sub-1GHz ISM Transmitters
2018
MAX32630IWG++ MAXIM-MAX32630IWG+ Datasheet
468Kb / 27P
   Ultra-Low Power, High-Performance Cortex-M4F Microcontroller for Wearables
19-8478; Rev 0; 3/16
MAX32630IWG+T MAXIM-MAX32630IWG+T Datasheet
468Kb / 27P
   Ultra-Low Power, High-Performance Cortex-M4F Microcontroller for Wearables
19-8478; Rev 0; 3/16
More results

Similar Description - MAX3263

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3263 MAXIM-MAX3263_V01 Datasheet
199Kb / 12P
   Single 5V, Fully Integrated, 155Mbps Laser Diode Driver
2001
MAX3261 MAXIM-MAX3261 Datasheet
230Kb / 12P
   Single 5V, Fully Integrated, 1.25Gbps Laser Diode Driver
19-0323; Rev 4; 8/97
MAX3261 MAXIM-MAX3261_V01 Datasheet
397Kb / 12P
   Single 5V, Fully Integrated, 1.25Gbps Laser Diode Driver
2001
logo
Micrel Semiconductor
SY88802 MICREL-SY88802 Datasheet
77Kb / 5P
   5V 155Mbps LASER DIODE DRIVER WITH OUTPUT ENABLE
SY88822V MICREL-SY88822V_05 Datasheet
56Kb / 5P
   5V/3.3V 155Mbps LASER DIODE DRIVER WITH OUTPUT ENABLE
SY88922V MICREL-SY88922V_06 Datasheet
455Kb / 5P
   5V/3.3V 2.5Gbps LASER DIODE DRIVER
SY88922V MICREL-SY88922V Datasheet
42Kb / 5P
   5V/3.3V 2.5Gbps LASER DIODE DRIVER
logo
Maxim Integrated Produc...
MAX3656 MAXIM-MAX3656_V01 Datasheet
472Kb / 15P
   155Mbps to 2.5Gbps Burst-Mode Laser Driver
2010
MAX3656 MAXIM-MAX3656 Datasheet
734Kb / 16P
   155Mbps to 2.5Gbps Burst-Mode Laser Driver
Rev 1; 5/04
MAX3643 MAXIM-MAX3643_08 Datasheet
243Kb / 14P
   155Mbps to 2.5Gbps Burst-Mode Laser Driver
Rev 1; 10/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com