Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRAM630-1562F Datasheet(PDF) 6 Page - International Rectifier

Part # IRAM630-1562F
Description  Integrated boost PFC power stage and gate driver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRAM630-1562F Datasheet(HTML) 6 Page - International Rectifier

Back Button IRAM630-1562F Datasheet HTML 2Page - International Rectifier IRAM630-1562F Datasheet HTML 3Page - International Rectifier IRAM630-1562F Datasheet HTML 4Page - International Rectifier IRAM630-1562F Datasheet HTML 5Page - International Rectifier IRAM630-1562F Datasheet HTML 6Page - International Rectifier IRAM630-1562F Datasheet HTML 7Page - International Rectifier IRAM630-1562F Datasheet HTML 8Page - International Rectifier IRAM630-1562F Datasheet HTML 9Page - International Rectifier IRAM630-1562F Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
IRAM630-1562F
6
www.irf.com
© 2013 International Rectifier
Submit Datasheet Feedback
October 23, 2013
Recommended Operating Conditions Driver Function
Symbol
Definition
Min
Typ
Max
Units
VB1,2,3
High side floating supply voltage
VS+12.5
VS+15
VS+17.5
V
VS1,2,3
High side floating supply offset voltage
Note 5
---
450
V
VCC
Low side and logic fixed supply voltage
13.5
15
16.5
V
VIN
Logic input voltage LIN, HIN, PFCIN, ITrip, FLT/EN
0
---
5
V
VPFCTRIP
PFCTRIP input voltage
-2
---
0
V
HIN
High side PWM pulse width
1
---
---
µs
Deadtime
External dead time between HIN and LIN
1
---
---
µs
Note 4: For more details, see IRS26302D data sheet
The Input/Output logic timing diagram is shown in Figure 1. For proper operation the device should be used within the
recommended conditions. All voltages are absolute referenced to COM. The VS offset is tested with all supplies biased at
15V differential (Note 4)
Note 5: Logic operational for Vs from COM-5V to COM+600V. Logic state held for Vs from COM-5V to COM-VBS.
(please refer to DT97-3 for more details)
Static Electrical Characteristics Driver Function
Symbol
Definition
Min
Typ
Max
Units
VIN,th+
Positive going input threshold for LIN, HIN, PFCIN, FLT/EN
2.5
---
---
V
VIN,th-
Negative going input threshold for LIN, HIN, PFCIN, FLT/EN
---
---
0.8
V
VCCUV+, VBSUV+
VCC/VBS supply undervoltage, Positive going threshold
10.2
11.1
12
V
VCCUV-, VBSUV-
VCC/VBS supply undervoltage, Negative going threshold
10
10.9
11.8
V
VCCUVH, VBSUVH
VCC and VBS supply undervoltage lock-out hysteresis
---
0.2
---
V
V(ITRIP)
ITRIP threshold Voltage
0.4
0.5
0.6
V
V(ITRIP, HYS)
ITRIP Input Hysteresis
---
0.05
---
V
V(PFCTRIP)
PFCTRIP threshold Voltage
-0.16
-0.2
-0.24
V
V(PFCTRIP, HYS) PFCTRIP Input Hysteresis
---
0.02
---
V
IQBS
Quiescent VBS supply current
---
---
120
µA
IQCC
Quiescent VCC supply current
---
---
4
mA
ILK
Offset Supply Leakage Current
---
---
50
µA
IIN+
Input bias current VIN=3.3V for LIN, HIN, PFCIN, FLT/EN
350
--
860
µA
IIN-
Input bias current VIN=0V for LIN, HIN, PFCIN, FLT/EN
--
0
1
µA
ITRIP+
ITRIP bias current VT/ITRIP=3.3V
---
1
2
µA
ITRIP-
ITRIP bias current VT/ITRIP=0V
---
0
5
µA
PFCTRIP+
PFC ITRIP bias current VPFC_ITRIP=-250mV
---
20
---
µA
PFCTRIP-
PFC ITRIP bias current VPFC_ITRIP=0V
---
0
5
µA
Ron_FLT
Fault low on resistance
---
50
100
Ω
RBS
Internal bootstrap FET on resistance
---
200
400
Ω
VBIAS (VCC, VBS1,2,3)=15V, TJ=25ºC, unless otherwise specified. The VIN and IIN parameters are referenced to COM and are
applicable to all six channels. (Note 4)


Similar Part No. - IRAM630-1562F

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRAM630-1562F IRF-IRAM630-1562F Datasheet
617Kb / 19P
   Intelligent Power Module for Energy Efficient Compressor Applications
More results

Similar Description - IRAM630-1562F

ManufacturerPart #DatasheetDescription
logo
Vincotech
20-1B06IPB004RC01-P952A45 VINCOTECH-20-1B06IPB004RC01-P952A45 Datasheet
1Mb / 32P
   Input Rectifier, PFC-Boost with integrated PFC-Shunt, PFC-Gate driver and DC-capacitor
logo
Fairchild Semiconductor
FLS3217 FAIRCHILD-FLS3217 Datasheet
787Kb / 14P
   Single-Stage PFC Primary-Side-Regulation Offline LED Driver with Integrated Power MOSFET
logo
Dialog Semiconductor
IW3636 DIALOG-IW3636 Datasheet
432Kb / 6P
   Single-Stage LED Driver with PFC
logo
ON Semiconductor
FAM65CR51XZ1 ONSEMI-FAM65CR51XZ1 Datasheet
737Kb / 16P
   Boost Converter Stage in APM16 Series for Multiphase and Semi-Bridgeless PFC
May, 2021 ??Rev. 2
FAM65CR51DZ1 ONSEMI-FAM65CR51DZ1 Datasheet
670Kb / 16P
   Boost Converter Stage in APM16 Series for Multiphase and Semi-Bridgeless PFC
May, 2020 ??Rev. 1
FAM65CR51DZ1 ONSEMI-FAM65CR51DZ1_V01 Datasheet
744Kb / 16P
   Boost Converter Stage in APM16 Series for Multiphase and Semi-Bridgeless PFC
June, 2021 - Rev. 3
logo
Taiwan Semiconductor Co...
TS19310 TSC-TS19310 Datasheet
423Kb / 8P
   Single-Stage PFC TRIAC Dimmable LED Driver
logo
Silergy Corp.
SY5802 SILERGY-SY5802 Datasheet
210Kb / 8P
   Single Stage Flyback And PFC Controller
logo
Diodes Incorporated
AL1673 DIODES-AL1673 Datasheet
317Kb / 15P
   UNIVERSAL FLYBACK AND BUCK-BOOST SINGLE STAGE DIMMABLE LED DRIVER
logo
Intersil Corporation
ISL6580 INTERSIL-ISL6580 Datasheet
1Mb / 31P
   Integrated Power Stage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com