Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRAM256-1567A Datasheet(PDF) 10 Page - International Rectifier

Part # IRAM256-1567A
Description  Integrated gate drivers and bootstrap diodes
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRAM256-1567A Datasheet(HTML) 10 Page - International Rectifier

Back Button IRAM256-1567A Datasheet HTML 6Page - International Rectifier IRAM256-1567A Datasheet HTML 7Page - International Rectifier IRAM256-1567A Datasheet HTML 8Page - International Rectifier IRAM256-1567A Datasheet HTML 9Page - International Rectifier IRAM256-1567A Datasheet HTML 10Page - International Rectifier IRAM256-1567A Datasheet HTML 11Page - International Rectifier IRAM256-1567A Datasheet HTML 12Page - International Rectifier IRAM256-1567A Datasheet HTML 13Page - International Rectifier IRAM256-1567A Datasheet HTML 14Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
IRAM256-1567A
10 www.irf.com
© 2015 International Rectifier
Submit Datasheet Feedback
June 11, 2015
Figure 4. Maximum Sinusoidal Phase Current vs. PWM Switching Frequency
Sinusoidal Modulation, TJ=150°C, MI=0.8, PF=0.6, fmod=50Hz
Figure 5. Maximum Sinusoidal Phase Current vs. Modulation Frequency
Sinusoidal Modulation, TJ=150°C, TC=100°C, MI=0.8, PF=0.6
0
2
4
6
8
10
12
0
2
4
6
8
10
12
14
16
18
20
PWM SwitchingFrequency - kHz
TC = 90ºC
TC = 100ºC
TC = 125ºC
TC = 90ºC
TC = 100ºC
TC = 125ºC
V+=320V
V+=400V
0
1
2
3
4
5
6
7
8
9
1
10
100
Modulation Frequency - Hz
V+=320V
V+=400V
FPWM = 6kHz
FPWM = 16kHz
FPWM = 20kHz


Similar Part No. - IRAM256-1567A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRAM256-1067A IRF-IRAM256-1067A Datasheet
1Mb / 17P
   Integrated gate drivers and bootstrap diodes
IRAM256-1067A IRF-IRAM256-1067A_15 Datasheet
1Mb / 17P
   Integrated gate drivers and bootstrap diodes
More results

Similar Description - IRAM256-1567A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRAM256-1067A IRF-IRAM256-1067A_15 Datasheet
1Mb / 17P
   Integrated gate drivers and bootstrap diodes
IRAM256-2067A IRF-IRAM256-2067A_15 Datasheet
1Mb / 17P
   Integrated gate drivers and bootstrap diodes
IRAMX30TP60A IRF-IRAMX30TP60A_15 Datasheet
485Kb / 17P
   Integrated gate drivers and bootstrap diodes
IRSM807-045MH IRF-IRSM807-045MH_15 Datasheet
358Kb / 11P
   Integrated gate drivers and bootstrap functionality
IRSM807-105MH IRF-IRSM807-105MH_15 Datasheet
947Kb / 17P
   Integrated gate drivers and bootstrap functionality
IRSM836-015MA IRF-IRSM836-015MA_15 Datasheet
484Kb / 20P
   Integrated gate drivers and bootstrap functionality
IRSM836-044MA IRF-IRSM836-044MA_15 Datasheet
738Kb / 19P
   Integrated gate drivers and bootstrap functionality
logo
Infineon Technologies A...
IM111-X6Q1B INFINEON-IM111-X6Q1B Datasheet
1Mb / 19P
   Integrated gate drivers and bootstrap functionality
Revision 1.0 2019-12-12
logo
International Rectifier
IRSM808-105MH IRF-IRSM808-105MH_15 Datasheet
970Kb / 17P
   Integrated gate drivers and bootstrap functionality
IRSM836-024MA IRF-IRSM836-024MA_15 Datasheet
508Kb / 19P
   Integrated gate drivers and bootstrap functionality
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com