Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3261ECJ Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX3261ECJ
Description  Single 5V, Fully Integrated, 1.25Gbps Laser Diode Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3261ECJ Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX3261ECJ Datasheet HTML 4Page - Maxim Integrated Products MAX3261ECJ Datasheet HTML 5Page - Maxim Integrated Products MAX3261ECJ Datasheet HTML 6Page - Maxim Integrated Products MAX3261ECJ Datasheet HTML 7Page - Maxim Integrated Products MAX3261ECJ Datasheet HTML 8Page - Maxim Integrated Products MAX3261ECJ Datasheet HTML 9Page - Maxim Integrated Products MAX3261ECJ Datasheet HTML 10Page - Maxim Integrated Products MAX3261ECJ Datasheet HTML 11Page - Maxim Integrated Products MAX3261ECJ Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Single +5V, Fully Integrated,
1.25Gbps Laser Diode Driver
10
______________________________________________________________________________________
Reducing Power Consumption
The laser driver typically consumes 40mA of current
for internal functions. Typical load currents, such as
12mA of modulation current and 20mA of bias cur-
rent, bring the total current requirement to 72mA. If
this were dissipated entirely in the laser driver, it
would generate 360mW of heat. Fortunately, a sub-
stantial portion of this power is dissipated across the
laser diode. A typical laser diode will drop approxi-
mately 1.6V when forward biased. This leaves 3.4V at
the MAX3261’s OUT- terminal. It is safe to reduce the
output terminal voltage even further with a series
damping resistor. Terminal voltage levels down to
2.2V can be used without degrading the laser driver’s
high-frequency performance. Power dissipation can
be further reduced by adding a series resistor on the
laser driver’s OUT+ side. Select the series resistor so
the OUT+ terminal voltage does not drop below 2.2V
with the maximum modulation current.
__________Applications Information
Programming the MAX3261 Laser Driver
Programming the MAX3261 is best explained by an
example. Assume the following laser diode characteris-
tics:
Wavelength
λ
780nm
Threshold Current
ITH
20mA at +25°C
(+0.35mA/°C temperature variation)
Monitor Responsivity
ρmon
0.1A/W (monitor current /
average optical power into the
fiber)
Modulation Efficiency
η
0.1mW/mA (worst case)
Now assume the communications system has the fol-
lowing requirements:
Average Power
PAVE
0dBm (1mW)
Extinction Ratio
Er
6dB (Er = 4)
Temperature Range
Tr
0°C to +70°C
1) Determine the value of IPINSET:
The desired monitor-diode current is (PAVE)(
ρmon) =
(1mW)(0.1A/W) = 100µA. The RPINSET vs. Monitor
Current graph in the
Typical Operating Characteristics
shows that RPINSET should be 18k
Ω.
2) Determine RMODSET:
The average power is defined as (P1 + P0) / 2, where
P1 is the average amplitude of a transmitted “one”
and P0 is the average amplitude of a transmitted
“zero.” The extinction ratio is P1/P0. Combining these
equations results in P1 = (2 x PAVE x Er) / (Er + 1) and
P0 = (2 x PAVE) / (Er + 1). In this example, P1 = 1.6mW
and P0 = 0.4mW. The optical modulation is 1.2mW. The
modulation current required to produce this output is
1.2mW /
η= (1.2mW) / (0.1mA/mW) = 12mA. The
Typical Operating Characteristics show that RMODSET
= 3.9k
Ω yields the desired modulation current.
3) Determine the value of ROSADJ:
Using the Allowable ROSADJ vs. Modulation Current
graph in the
Typical Operating Characteristics, a 5.6k
resistor is chosen for 12mA of modulation current. The
maximum ROSADJ values given in the graph minimize
aberrations in the waveform and ensure that the driver
stage operates fully limited.
4) Determine the value of RBIASSET:
The automatic power control circuit can adjust the bias
current 40mA from the initial setpoint. This feature
makes the laser driver circuit reasonably insensitive to
variations of laser threshold from lot to lot. The bias set-
ting can be determined using one of two methods:
a) Set the bias at the laser threshold.
b) Set the bias at the midpoint of the highest and low-
est expected threshold values.
Method A is straightforward. In the second method, it is
assumed that the laser threshold will increase with age.
The lowest threshold current occurs at 0°C, when the
laser is new. The highest threshold current occurs at
+70°C, at the end of the product’s life. Assume the
laser is near the end of life when its threshold reaches
two-times its original value.
Lowest Bias Current:
ITH +
∆ITH = 20mA + (0.35mA/°C)(-25°C) = 11.25mA
Highest Bias Current:
2 x ITH +
∆ITH = 40mA + (0.35mA/°C)(+45°C) = 55.8mA
In this case, set the initial bias value to 34mA (which is
the midpoint of the two extremes). The adjustment
range of the MAX3261 maintains the average laser
power at either extreme.
The
Typical Operating Characteristics show that
RBIASSET = 1.8k
Ω delivers the required bias current.


Similar Part No. - MAX3261ECJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3261ECJ MAXIM-MAX3261ECJ Datasheet
397Kb / 12P
   Single 5V, Fully Integrated, 1.25Gbps Laser Diode Driver
2001
More results

Similar Description - MAX3261ECJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3261 MAXIM-MAX3261_V01 Datasheet
397Kb / 12P
   Single 5V, Fully Integrated, 1.25Gbps Laser Diode Driver
2001
MAX3263 MAXIM-MAX3263_V01 Datasheet
199Kb / 12P
   Single 5V, Fully Integrated, 155Mbps Laser Diode Driver
2001
MAX3262 MAXIM-MAX3262 Datasheet
145Kb / 12P
   Single 5V, Fully Integrated, 155Mbps Laser Diode Driver
19-0432; Rev 1b; 4/98
logo
Taiwan Memory Technolog...
I7511N TMT-I7511N Datasheet
21Kb / 1P
   1.25Gbps FTTX Laser Diode Driver/Limiting Amplifier
logo
Micrel Semiconductor
SY84782U MICREL-SY84782U Datasheet
300Kb / 9P
   Low Power 2.5V 1.25Gbps FP/DFB Laser Diode Driver
SY84782U MICREL-SY84782U_15 Datasheet
444Kb / 10P
   Low Power 2.5V 1.25Gbps FP/DFB Laser Diode Driver
SY88922V MICREL-SY88922V_06 Datasheet
455Kb / 5P
   5V/3.3V 2.5Gbps LASER DIODE DRIVER
SY88922V MICREL-SY88922V Datasheet
42Kb / 5P
   5V/3.3V 2.5Gbps LASER DIODE DRIVER
SY88232L MICREL-SY88232L_10 Datasheet
701Kb / 18P
   2.5Gbps Laser Diode Driver with Integrated
SY88702 MICREL-SY88702 Datasheet
56Kb / 5P
   5V 622Mbps LASER DIODE DRIVER WITH OUTPUT ENABLE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com