Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3227E Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX3227E
Description  ±15kV ESD-Protected, 1μA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3227E Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX3227E Datasheet HTML 1Page - Maxim Integrated Products MAX3227E Datasheet HTML 2Page - Maxim Integrated Products MAX3227E Datasheet HTML 3Page - Maxim Integrated Products MAX3227E Datasheet HTML 4Page - Maxim Integrated Products MAX3227E Datasheet HTML 5Page - Maxim Integrated Products MAX3227E Datasheet HTML 6Page - Maxim Integrated Products MAX3227E Datasheet HTML 7Page - Maxim Integrated Products MAX3227E Datasheet HTML 8Page - Maxim Integrated Products MAX3227E Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 408-737-7600 ext. 3468.
________________General Description
The MAX3224E/MAX3225E/MAX3226E/MAX3227E/
MAX3244E/MAX3245E are 3V-powered EIA/TIA-232
and V.28/V.24 communications interfaces with automat-
ic shutdown/wakeup features, high data-rate capabili-
ties, and enhanced electrostatic discharge (ESD)
protection. All transmitter outputs and receiver inputs
are protected to ±15kV using IEC 1000-4-2 Air-Gap
Discharge, ±8kV using IEC 1000-4-2 Contact Discharge,
and ±15kV using the Human Body Model.
All devices achieve a 1µA supply current using Maxim’s
revolutionary AutoShutdown Plus™ feature. These
devices automatically enter a low-power shutdown
mode when the RS-232 cable is disconnected or the
transmitters of the connected peripherals are inactive,
and the UART driving the transmitter inputs is inactive
for more than 30 seconds. They turn on again when
they sense a valid transition at any transmitter or receiv-
er input. AutoShutdown Plus saves power without
changes to the existing BIOS or operating system.
The MAX3225E/MAX3227E/MAX3245E also feature
MegaBaud™ operation, guaranteeing 1Mbps for high-
speed applications such as communicating with ISDN
modems. The MAX3224E/MAX3226E/MAX3244E guar-
antee 250kbps operation. The transceivers have a pro-
prietary low-dropout transmitter output stage enabling
true RS-232 performance from a +3.0V to +5.5V supply
with a dual charge pump. The charge pump requires
only four small 0.1µF capacitors for operation from a
3.3V supply. The MAX3224E–MAX3227E feature a logic-
level output (READY) that asserts when the charge
pump is regulating and the device is ready to begin
transmitting.
All devices are available in a space-saving SSOP pack-
age.
________________________Applications
Notebook, Subnotebook, and Palmtop Computers
Cellular Phones
Battery-Powered Equipment
Hand-Held Equipment
Peripherals
Printers
____________________________Features
o ESD Protection for RS-232 I/O Pins:
±15kV—Human Body Model
±8kV—IEC1000-4-2, Contact Discharge
±15kV—IEC1000-4-2, Air-Gap Discharge
o Latchup Free
o 1µA Supply Current
o AutoShutdown Plus—EDN Innovation of the Year
o Guaranteed Data Rate:
250kbps (MAX3224E/3226E/3244E)
1Mbps (MAX3225E/3227E/3245E)
o Guaranteed Slew Rate:
6V/µs (MAX3224E/3226E/3244E)
24V/µs (MAX3225E/3227E/3245E)
o Meets EIA/TIA-232 Specifications Down to 3.0V
o Guaranteed Mouse Driveability
(MAX3244E/3245E)
o Ready-to-Transmit Logic-Level Output
±15kV ESD-Protected, 1µA, 1Mbps, 3.0V to 5.5V,
RS-232 Transceivers with AutoShutdown Plus
________________________________________________________________
Maxim Integrated Products
1
19-1339; Rev 0; 1/98
PART
MAX3224E
MAX3225E
MAX3226E
1/1
2/2
2/2
NO. OF
DRIVERS/
RECEIVERS
READY
OUTPUT
AUTO-
SHUTDOWN
PLUS
250k
1M
250k
GUARANTEED
DATA RATE
(bps)
MAX3227E
MAX3244E
MAX3245E
3/5
3/5
1/1
1M
250k
1M
PART
MAX3224ECPP
MAX3224ECAP
MAX3224EEPP
-40°C to +85°C
0°C to +70°C
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
20 Plastic DIP
20 SSOP
20 Plastic DIP
MAX3224EEAP
MAX3225ECPP
MAX3225ECAP
0°C to +70°C
0°C to +70°C
-40°C to +85°C
20 SSOP
20 Plastic DIP
20 SSOP
MAX3225EEPP
-40°C to +85°C
20 Plastic DIP
MAX3225EEAP
-40°C to +85°C
20 SSOP
Ordering Information continued at end of data sheet.
AutoShutdown Plus and MegaBaud are trademarks of
Maxim Integrated Products.
Covered by U.S. Patent numbers 4,636,930; 4,679,134; 4,777,577;
4,797,899; 4,809,152; 4,897,774; 4,999,761; 5,649,210; and other
patents pending.
_____________________ Selector Guide
_______________Ordering Information


Similar Part No. - MAX3227E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX3227E TI-MAX3227E Datasheet
164Kb / 13P
[Old version datasheet]   3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
logo
Maxim Integrated Produc...
MAX3227E MAXIM-MAX3227E Datasheet
958Kb / 21P
   ±15kV ESD-Protected, 1μA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 10; 3/11
MAX3227E MAXIM-MAX3227E Datasheet
958Kb / 21P
   ±15kV ESD-Protected, 1μA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 10; 3/11
MAX3227E MAXIM-MAX3227E Datasheet
958Kb / 21P
   15kV ESD-Protected, 1uA, 1Mbps, 3.0V to 5.5V RS-232 Transceivers
Rev 10; 3/11
logo
Texas Instruments
MAX3227E TI1-MAX3227E Datasheet
351Kb / 15P
[Old version datasheet]   MULTICHANNEL LINE DRIVER/RECEIVER WITH ESD PROTECTION
More results

Similar Description - MAX3227E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3244EEAI MAXIM-MAX3244EEAI Datasheet
958Kb / 21P
   ±15kV ESD-Protected, 1μA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 10; 3/11
MAX3245EEUI MAXIM-MAX3245EEUI Datasheet
958Kb / 21P
   ±15kV ESD-Protected, 1μA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 10; 3/11
MAX3224E MAXIM-MAX3224E_14 Datasheet
454Kb / 21P
   ±15kV ESD-Protected, 1μA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 10; 3/11
MAX3221E MAXIM-MAX3221E Datasheet
153Kb / 16P
   ±15kV ESD-Protected, 1μA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers with AutoShutdown
Rev 2; 1/98
MAX3221E MAXIM-MAX3221E_14 Datasheet
659Kb / 19P
   ±15kV ESD-Protected, 1μA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers with AutoShutdown
Rev 7; 8/11
MAX3224 MAXIM-MAX3224_11 Datasheet
251Kb / 19P
   1μA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 5; 2/11
MAX3224 MAXIM-MAX3224_14 Datasheet
430Kb / 19P
   1μA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 5; 2/11
MAX3224 MAXIM-MAX3224_08 Datasheet
211Kb / 20P
   1μA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
MAX3225EEUP MAXIM-MAX3225EEUP Datasheet
958Kb / 21P
   15kV ESD-Protected, 1uA, 1Mbps, 3.0V to 5.5V RS-232 Transceivers
Rev 10; 3/11
MAX3224E MAXIM-MAX3224E_V01 Datasheet
2Mb / 25P
   짹15kV ESD-Protected, 1關A, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
19-1339; Rev 11; 11/18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com