Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX323CPA Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX323CPA
Description  Precision, Single-Supply, SPST Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX323CPA Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX323CPA Datasheet HTML 1Page - Maxim Integrated Products MAX323CPA Datasheet HTML 2Page - Maxim Integrated Products MAX323CPA Datasheet HTML 3Page - Maxim Integrated Products MAX323CPA Datasheet HTML 4Page - Maxim Integrated Products MAX323CPA Datasheet HTML 5Page - Maxim Integrated Products MAX323CPA Datasheet HTML 6Page - Maxim Integrated Products MAX323CPA Datasheet HTML 7Page - Maxim Integrated Products MAX323CPA Datasheet HTML 8Page - Maxim Integrated Products MAX323CPA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 408-737-7600 ext. 3468.
_______________General Description
The MAX323/MAX324/MAX325 are precision, dual,
SPST analog switches. They are single-supply devices
designed to operate from +2.7V to +16V. The MAX323
has two normally open (NO) switches, and the MAX324
has two normally closed (NC) switches. The MAX325
has one NO and one NC switch. Low power consump-
tion (5µW) makes these parts ideal for battery-powered
equipment. These switches offer low leakage currents
(100pA max) and fast switching speeds (tON = 150ns
max, tOFF = 100ns max).
When powered from a 5V supply, the MAX323 series
offers 2
Ω max matching between channels, 60Ω max
on-resistance, and 6
Ω max RON flatness.
These switches also offer 5pC max charge injection,
and a minimum of 2000V ESD per Method 3015.7.
For equivalent devices specified for dual-supply opera-
tion, see the MAX320/MAX321/MAX322 data sheet. For
quad versions of the MAX320 series, see MAX391/
MAX392/MAX393 data sheet.
________________________Applications
Battery-Operated Systems Sample-and-Hold Circuits
Heads-Up Displays
Guidance and Control Systems
Audio and Video Switching Military Radios
Test Equipment
Communications Systems
+3V, +5V DACs and ADCs
PBX, PABX
____________________________Features
o Low On-Resistance (RON), 60
Ω max (33Ω typ)
o RON Matching Between Channels <2
o RON Flatness <6
Ω Max
o Guaranteed Charge Injection <5pC
o Single-Supply Operation (+2.7V to +16V)
o Low Power Consumption, <5µW
o Low Leakage Current Over Temperature,
<2.5nA at +85°C
o Fast Switching: tON <150ns, tOFF <100ns
o Guaranteed Break-Before-Make (MAX325 only)
o TTL/CMOS Logic Compatible
______________Ordering Information
Precision, Single-Supply,
SPST Analog Switches
________________________________________________________________
Maxim Integrated Products
1
DIP/SO/
µMAX
8
7
6
5
1
2
3
4
V+
IN1
COM2
NC2
V-
IN2
COM1
NC1
MAX324
DIP/SO/
µMAX
8
7
6
5
1
2
3
4
V+
IN1
COM2
NC2
V-
IN2
COM1
NO1
MAX325
SWITCHES SHOWN FOR LOGIC "0" INPUT
MAX324
LOGIC
SWITCH
0
1
ON
OFF
TOP VIEW
DIP/SO/
µMAX
MAX323
LOGIC
SWITCH
0
1
OFF
ON
MAX325
LOGIC
SWITCH 1
0
1
OFF
ON
SWITCH 2
ON
OFF
8
7
6
5
1
2
3
4
V+
IN1
COM2
NO2
V-
IN2
COM1
NO1
MAX323
_____________________Pin Configurations/Functional Diagrams/Truth Tables
19-0347; Rev 1; 10/97
Ordering Information continued at end of data sheet.
* Contact factory for dice specifications.
** Contact factory for availability.
8 CERDIP**
-55°C to +125°C
MAX323MJA
8 CERDIP**
-40°C to +85°C
MAX323EJA
8 SO
-40°C to +85°C
MAX323ESA
8 Plastic DIP
-40°C to +85°C
MAX323EPA
Dice*
0°C to +70°C
MAX323C/D
8 µMAX
0°C to +70°C
MAX323CUA
8 Plastic DIP
0°C to +70°C
MAX323CPA
PIN-PACKAGE
TEMP. RANGE
PART
8 SO
0°C to +70°C
MAX323CSA


Similar Part No. - MAX323CPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX323CPA MAXIM-MAX323CPA Datasheet
1Mb / 13P
   Precision, Single-Supply, SPST Analog Switches
2022
More results

Similar Description - MAX323CPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX323 MAXIM-MAX323_V01 Datasheet
1Mb / 13P
   Precision, Single-Supply, SPST Analog Switches
2022
logo
Pericom Semiconductor C...
PS323 PERICOM-PS323 Datasheet
336Kb / 10P
   Precision, Single-Supply SPST Analog Switches
PS301 PERICOM-PS301 Datasheet
265Kb / 7P
   Precision, Single-Supply SPST Analog Switches
logo
Maxim Integrated Produc...
MAX320 MAXIM-MAX320 Datasheet
109Kb / 8P
   Precision, Dual-Supply, SPST Analog Switches
19-0350; Rev 0; 12/94
logo
Renesas Technology Corp
ISL84514 RENESAS-ISL84514 Datasheet
615Kb / 12P
   Low-Voltage, Single Supply, SPST, Analog Switches
logo
Intersil Corporation
ISL84514 INTERSIL-ISL84514 Datasheet
266Kb / 11P
   Low-Voltage, Single Supply, SPST, Analog Switches
ISL84514 INTERSIL-ISL84514_04 Datasheet
276Kb / 11P
   Low-Voltage, Single Supply, SPST, Analog Switches
logo
Maxim Integrated Produc...
MAX364 MAXIM-MAX364_04 Datasheet
357Kb / 13P
   Precision, Quad, SPST Analog Switches
Rev 2; 6/04
logo
Pericom Semiconductor C...
PS391ESE PERICOM-PS391ESE Datasheet
271Kb / 12P
   Precision, Quad, SPST, Analog Switches
logo
Maxim Integrated Produc...
MAX361 MAXIM-MAX361 Datasheet
99Kb / 8P
   Precision, Quad, SPST Analog Switches
Rev 0; 9/93
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com