Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3235ECPP Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX3235ECPP
Description  짹15kV ESD-Protected, 1關A, 250kbps, 3.3V/5V, Dual RS-232 Transceivers with Internal Capacitors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3235ECPP Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX3235ECPP Datasheet HTML 4Page - Maxim Integrated Products MAX3235ECPP Datasheet HTML 5Page - Maxim Integrated Products MAX3235ECPP Datasheet HTML 6Page - Maxim Integrated Products MAX3235ECPP Datasheet HTML 7Page - Maxim Integrated Products MAX3235ECPP Datasheet HTML 8Page - Maxim Integrated Products MAX3235ECPP Datasheet HTML 9Page - Maxim Integrated Products MAX3235ECPP Datasheet HTML 10Page - Maxim Integrated Products MAX3235ECPP Datasheet HTML 11Page - Maxim Integrated Products MAX3235ECPP Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
±15kV ESD-Protected, 1µA, 250kbps, 3.3V/5V, Dual
RS-232 Transceivers with Internal Capacitors
_______________________________________________________________________________________
9
event, Maxim’s E versions keep working without
latchup, whereas competing RS-232 products can
latch and must be powered down to remove latchup.
ESD protection can be tested in various ways; the
transmitter outputs and receiver inputs of this product
family are characterized for protection to the following
limits:
1) ±15kV using the Human Body Model
2) ±8kV using the Contact Discharge method specified
in IEC 1000-4-2
3) ±15kV using IEC 1000-4-2’s Air-Gap Discharge
method
ESD Test Conditions
ESD performance depends on a variety of conditions.
Contact Maxim for a reliability report that documents
test setup, test methodology, and test results.
Human Body Model
Figure 5a shows the Human Body Model and Figure 5b
shows the current waveform it generates when dis-
charged into a low impedance. This model consists of
a 100pF capacitor charged to the ESD voltage of inter-
est, which is then discharged into the test device
through a 1.5k
Ω resistor.
IEC 1000-4-2
The IEC 1000-4-2 standard covers ESD testing and per-
formance of finished equipment; it does not specifically
refer to integrated circuits. The MAX3233E/MAX3235E
help you design equipment that meets Level 4 (the high-
est level) of IEC 1000-4-2, without the need for additional
ESD-protection components.
The major difference between tests done using the
Human Body Model and IEC 1000-4-2 is higher peak cur-
rent in IEC 1000-4-2, because series resistance is lower
in the IEC 1000-4-2 model. Hence, the ESD withstand
voltage measured to IEC 1000-4-2 is generally lower than
FORCEON
MASTER SHDN LINE
0.1µF
1M
FORCEOFF
MAX3233E
MAX3235E
POWER-
MANAGEMENT
UNIT
Figure 4. AutoShutdown Plus Initial Turn-On to Wake Up
Another System
IP 100%
90%
36.8%
tRL
TIME
tDL
CURRENT WAVEFORM
PEAK-TO-PEAK RINGING
(NOT DRAWN TO SCALE)
Ir
10%
0
0
AMPERES
Figure 5b. Human Body Current Waveform
CHARGE-CURRENT
LIMIT RESISTOR
DISCHARGE
RESISTANCE
STORAGE
CAPACITOR
Cs
100pF
RC 1M
RD 1500Ω
HIGH-
VOLTAGE
DC
SOURCE
DEVICE
UNDER
TEST
Figure 5a. Human Body ESD Test Model
Figure 6a. IEC 1000-4-2 ESD Test Model
CHARGE CURRENT
LIMIT RESISTOR
DISCHARGE
RESISTANCE
STORAGE
CAPACITOR
Cs
150pF
RC 50M to 100M
RD 330Ω
HIGH-
VOLTAGE
DC
SOURCE
DEVICE
UNDER
TEST


Similar Part No. - MAX3235ECPP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3235E MAXIM-MAX3235E Datasheet
263Kb / 12P
   짹15kV ESD-Protected, 1關A, 250kbps, 3.3V/5V, Dual RS-232 Transceivers with Internal Capacitors
19-1473; Rev 2; 8/04
More results

Similar Description - MAX3235ECPP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3233E MAXIM-MAX3233E_V01 Datasheet
263Kb / 12P
   짹15kV ESD-Protected, 1關A, 250kbps, 3.3V/5V, Dual RS-232 Transceivers with Internal Capacitors
19-1473; Rev 2; 8/04
MAX3233ECWP-TG36 MAXIM-MAX3233ECWP-TG36 Datasheet
263Kb / 12P
   ±15kV ESD-Protected, 1μA, 250kbps, 3.3V/5V, Dual RS-232 Transceivers with Internal Capacitors
Rev 2; 8/04
MAX202E MAXIM-MAX202E_15 Datasheet
395Kb / 25P
   짹15kV ESD-Protected,5V RS-232 Transceivers
Rev 7; 1/15
logo
Intersil Corporation
ICL3221EM INTERSIL-ICL3221EM Datasheet
238Kb / 12P
   짹15kV ESD Protected, 3V, 1關A, 250kbps, RS-232 Transmitters/Receivers
ISL81387 INTERSIL-ISL81387_07 Datasheet
998Kb / 27P
   짹15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
logo
Renesas Technology Corp
ISL81387 RENESAS-ISL81387 Datasheet
1Mb / 27P
   짹15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
ISL3330 RENESAS-ISL3330 Datasheet
1Mb / 25P
   3.3V, 짹15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
logo
Intersil Corporation
ISL3330 INTERSIL-ISL3330 Datasheet
950Kb / 25P
   3.3V, 짹15kV ESD Protected, Dual Protocol RS-232/RS-485 Transceivers
5962-0620701Q3A INTERSIL-5962-0620701Q3A Datasheet
195Kb / 9P
   짹15kV ESD Protected, 3.3V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
logo
Maxim Integrated Produc...
MAX3316E MAXIM-MAX3316E Datasheet
190Kb / 16P
   짹15kV ESD-Protected, 2.5V, 1關A, 460kbps, RS-232 Compatible Transceivers
Rev 0; 1/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com