Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3227 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX3227
Description  1uA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3227 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX3227 Datasheet HTML 6Page - Maxim Integrated Products MAX3227 Datasheet HTML 7Page - Maxim Integrated Products MAX3227 Datasheet HTML 8Page - Maxim Integrated Products MAX3227 Datasheet HTML 9Page - Maxim Integrated Products MAX3227 Datasheet HTML 10Page - Maxim Integrated Products MAX3227 Datasheet HTML 11Page - Maxim Integrated Products MAX3227 Datasheet HTML 12Page - Maxim Integrated Products MAX3227 Datasheet HTML 13Page - Maxim Integrated Products MAX3227 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Figures 3a and 3b depict valid and invalid RS-232
receiver voltage levels. INVALID indicates the receiver
input’s condition, and is independent of FORCEON and
FORCEOFF states. Figure 3 and Tables 1 and 2 sum-
marize the operating modes of the MAX3224–
MAX3227/MAX3244/MAX3245 devices. FORCEON and
FORCEOFF override AutoShutdown Plus circuitry.
When neither control is asserted, the IC selects
between these states automatically based on the last
receiver or transmitter input edge received.
When shut down, the device’s charge pumps turn off,
V+ is pulled to VCC, V- is pulled to ground, the transmit-
ter outputs are high impedance, and READY
(MAX3224–MAX3227) is driven low. The time required
to exit shutdown is typically 100µs (Figure 8).
By connecting FORCEON to INVALID, the MAX3224–
MAX3227/MAX3244/MAX3245 shut down when no valid
receiver level and no receiver or transmitter edge is
detected for 30sec, and wake up when a valid receiver
level or receiver or transmitter edge is detected.
By connecting FORCEON and FORCEOFF to INVALID,
the MAX3224–MAX3227/MAX3244/MAX3245 shutdown
when no valid receiver level is detected and wake up
1µA Supply Current, 1Mbps, 3.0V to 5.5V,
RS-232 Transceivers with AutoShutdown Plus
10
______________________________________________________________________________________
+0.3V
-0.3V
INVALID
R_IN
INVALID ASSERTED IF ALL RECEIVER INPUTS ARE BETWEEN +0.3V AND -0.3V FOR
AT LEAST 30
µs.
30µs
TIMER
R
+2.7V
-2.7V
INVALID
R_IN
INVALID DEASSERTED IF ANY RECEIVER INPUT HAS BEEN BETWEEN +2.7V AND -2.7V
FOR LESS THAN 30
µs.
30µs
TIMER
R
AUTOSHDN
R_IN
T_IN
R
S
30sec
TIMER
EDGE
DETECT
EDGE
DETECT
FORCEOFF
FORCEON
Figure 3a. INVALID Functional Diagram, INVALID Low
Figure 3b. INVALID Functional Diagram, INVALID High
Figure 3c. AutoShutdown Plus Logic
POWERDOWN*
AUTOSHDN
FORCEOFF
FORCEON
* POWERDOWN IS ONLY AN INTERNAL SIGNAL.
IT CONTROLS THE OPERATIONAL STATUS OF
THE TRANSMITTERS AND THE POWER SUPPLIES.
Figure 3d. Power-Down Logic
-2.7V
-0.3V
+2.7V
+0.3V
0
INDETERMINATE
INVALID HIGH
INVALID LOW
INVALID HIGH
INDETERMINATE
Figure 4a. Receiver Positive/Negative Thresholds for INVALID
RS-232 SIGNAL
PRESENT AT ANY
RECEIVER INPUT
INVALID OUTPUT
Yes
High
No
Low
Table 2. INVALID Truth Table


Similar Part No. - MAX3227

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX3227 TI-MAX3227 Datasheet
164Kb / 13P
[Old version datasheet]   3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
logo
Maxim Integrated Produc...
MAX3227 MAXIM-MAX3227 Datasheet
211Kb / 20P
   1μA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
logo
Texas Instruments
MAX3227 TI1-MAX3227 Datasheet
354Kb / 16P
[Old version datasheet]   MULTICHANNEL LINE DRIVER/RECEIVER WITH ESD PROTECTION
MAX3227C TI-MAX3227C Datasheet
459Kb / 18P
[Old version datasheet]   3-V TO 5.5-V TWO-CHANNEL RS-232 1-MBIT/S LINE DRIVERS/RECEIVERS WITH 짹15-kV IEC ESD PROTECTION
logo
Maxim Integrated Produc...
MAX3227CAE MAXIM-MAX3227CAE Datasheet
211Kb / 20P
   1μA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
More results

Similar Description - MAX3227

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3224 MAXIM-MAX3224_11 Datasheet
251Kb / 19P
   1μA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 5; 2/11
MAX3224 MAXIM-MAX3224_14 Datasheet
430Kb / 19P
   1μA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 5; 2/11
MAX3224 MAXIM-MAX3224_08 Datasheet
211Kb / 20P
   1μA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
MAX3244EEAI MAXIM-MAX3244EEAI Datasheet
958Kb / 21P
   ±15kV ESD-Protected, 1μA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 10; 3/11
MAX3245EEUI MAXIM-MAX3245EEUI Datasheet
958Kb / 21P
   ±15kV ESD-Protected, 1μA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 10; 3/11
MAX3224E MAXIM-MAX3224E_14 Datasheet
454Kb / 21P
   ±15kV ESD-Protected, 1μA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 10; 3/11
MAX3224E MAXIM-MAX3224E Datasheet
243Kb / 20P
   ±15kV ESD-Protected, 1μA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 10; 3/11
MAX3227EEAE MAXIM-MAX3227EEAE Datasheet
942Kb / 19P
   1muA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers
Rev 5; 2/11
MAX3225EEUP MAXIM-MAX3225EEUP Datasheet
958Kb / 21P
   15kV ESD-Protected, 1uA, 1Mbps, 3.0V to 5.5V RS-232 Transceivers
Rev 10; 3/11
MAX3221E MAXIM-MAX3221E_11 Datasheet
692Kb / 19P
   15kV ESD-Protected, 1uA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers with AutoShutdown
Rev 7; 8/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com