Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR21571 Datasheet(PDF) 1 Page - International Rectifier

Part # IR21571
Description  FULLY INTEGRATED BALLAST CONTROL IC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR21571 Datasheet(HTML) 1 Page - International Rectifier

  IR21571_15 Datasheet HTML 1Page - International Rectifier IR21571_15 Datasheet HTML 2Page - International Rectifier IR21571_15 Datasheet HTML 3Page - International Rectifier IR21571_15 Datasheet HTML 4Page - International Rectifier IR21571_15 Datasheet HTML 5Page - International Rectifier IR21571_15 Datasheet HTML 6Page - International Rectifier IR21571_15 Datasheet HTML 7Page - International Rectifier IR21571_15 Datasheet HTML 8Page - International Rectifier IR21571_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Features
Programmablepreheattime&frequency
Programmable ignition ramp
Protection from failure-to-strike
Lamp filament sensing & protection
Protection from operation below resonance -
0.2V CS threshold sync’d to falling edge on LO
Protection from low-line condition
Automatic restart for lamp exchange
FULLY INTEGRATED BALLAST CONTROL IC
Typical Connection
Thermal overload protection
Programmable deadtime
Integrated 600V level-shifting gate driver
Internal 15.6V zener clamp diode on VCC
Micropower startup (150uA)
Latch immunity protection on all leads
ESD protection on all leads
Parts also available LEAD-FREE
Description
The IR21571 is a fully integrated, fully protected 600V ballast control IC designed
to drive virtually all types of rapid start fluorescent lamp ballasts. Externally pro-
grammable features such as preheat time & frequency, ignition ramp characteris-
tics, and running mode operating frequency provide a high degree of flexibility for
the ballast design engineer. Comprehensive protection features such as protec-
tion from failure of a lamp to strike, filament failures, low dc bus conditions, thermal
overload, or lamp failure during normal operation, as well as an automatic restart
function, have been included in the design. The heart of this control IC is a variable
frequency oscillator with externally programmable deadtime. Precise control of a
50% duty cycle is accomplished using a T-flip-flop. The IR21571 is available in both
16 pin DIP and 16 pin narrow body SOIC packages.
Packages
16 Lead SOIC
(narrow body)
16 Lead PDIP
+ V
BUS
+ Rectified AC Line
V
BUS return
R
PH
R
RUN
C
START
R
START
R
T
C
T
C
RAMP
C
PH
R
DT
C
BS
D
BOOT
R
Supply
C
VCC
R
CS
L
RES
C
RES
R
GHS
R
GLS
C
BLOCK
C
SNUBBER
R1
R2
C1
R
OC
R4
R3
R5
C2
D1
D2
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VDC
CPH
RPH
RT
RUN
CT
DT
OC
LO
COM
VCC
VB
VS
HO
SD
CS
www.irf.com
1
IR21571(S) & (PbF)
Not recommended for new design:
please use IRS21571D
Data Sheet PD No. 60179 revM


Similar Part No. - IR21571_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR21571S IRF-IR21571S Datasheet
234Kb / 17P
   FULLY INTEGRATED BALLAST CONTROL IC
IR21571STRPBF IRF-IR21571STRPBF Datasheet
529Kb / 18P
   FULLY INTEGRATED BALLAST CONTROL IC
More results

Similar Description - IR21571_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR21571 IRF-IR21571 Datasheet
234Kb / 17P
   FULLY INTEGRATED BALLAST CONTROL IC
IR21571STRPBF IRF-IR21571STRPBF Datasheet
529Kb / 18P
   FULLY INTEGRATED BALLAST CONTROL IC
IRS21571D IRF-IRS21571D Datasheet
570Kb / 28P
   FULLY INTEGRATED BALLAST CONTROL IC
IRS21571DSPBF IRF-IRS21571DSPBF_15 Datasheet
570Kb / 28P
   FULLY INTEGRATED BALLAST CONTROL IC
IR2157 IRF-IR2157_07 Datasheet
308Kb / 20P
   FULLY INTEGRATED BALLAST CONTROL IC
IR2156 IRF-IR2156 Datasheet
497Kb / 24P
   BALLAST CONTROL IC
logo
Fairchild Semiconductor
FAN7532 FAIRCHILD-FAN7532 Datasheet
252Kb / 16P
   Ballast Control IC
logo
SHANGHAI BELLING CO., L...
BL8305A BELLING-BL8305A Datasheet
274Kb / 8P
   BALLAST CONTROL IC
logo
Princeton Technology Co...
PT5615 PTC-PT5615 Datasheet
216Kb / 4P
   Ballast Control IC
logo
International Rectifier
IR2156STRPBF IRF-IR2156STRPBF Datasheet
783Kb / 21P
   BALLAST CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com