Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR21364PBF Datasheet(PDF) 8 Page - International Rectifier

Part # IR21364PBF
Description  3-PHASE BRIDGE DRIVER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR21364PBF Datasheet(HTML) 8 Page - International Rectifier

Back Button IR21364PBF_15 Datasheet HTML 4Page - International Rectifier IR21364PBF_15 Datasheet HTML 5Page - International Rectifier IR21364PBF_15 Datasheet HTML 6Page - International Rectifier IR21364PBF_15 Datasheet HTML 7Page - International Rectifier IR21364PBF_15 Datasheet HTML 8Page - International Rectifier IR21364PBF_15 Datasheet HTML 9Page - International Rectifier IR21364PBF_15 Datasheet HTML 10Page - International Rectifier IR21364PBF_15 Datasheet HTML 11Page - International Rectifier IR21364PBF_15 Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
IR21364(S&J)PbF
www.irf.com
© 2009 International Rectifier
8
Lead Definitions
Symbol
Description
VCC
Low side supply voltage
VSS
Logic ground
HIN1,2,3
Logic inputs for high side gate driver outputs (HO1,2,3), in phase
LIN1,2,3
Logic input for low side gate driver outputs (LO1,2,3), in phase
FAULT
Indicates over-current (ITRIP) or low-side undervoltage lockout has occurred. Negative logic, open-drain
output
EN
Logic input to enable I/O functionality. Positive logic, i.e. I/O logic functions When ENABLE is high. No
effect on FAULT and not latched
ITRIP
Analog input for overcurrent shutdown. When active, ITRIP shuts down outputs and activates FAULT and
RCIN low. When ITRIP becomes inactive, FAULT stays active low for an externally set time TFLTCLR, then
automatically becomes inactive (open-drain high impedance).
RCIN
External RC network input used to define FAULT CLEAR delay, TFLTCLR, approximately equal to R*C.
When RCIN > 8 V, the FAULT pin goes back into open-drain high-impedance
COM
Low side gate drivers return
VB1,2,3
High side floating supply
HO1,2,3
High side gate driver outputs
VS1,2,3
High voltage floating supply return
LO1,2,3
Low side gate driver outputs


Similar Part No. - IR21364PBF_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IR21364PBF INFINEON-IR21364PBF Datasheet
708Kb / 20P
   600 V three-phase gate driver IC with OCP, Enable, and Fault
May 31, 2016
More results

Similar Description - IR21364PBF_15

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPIC2130 MOTOROLA-MPIC2130 Datasheet
179Kb / 6P
   3-PHASE BRIDGE DRIVER
logo
International Rectifier
IR21363 IRF-IR21363_15 Datasheet
325Kb / 27P
   3-PHASE BRIDGE DRIVER
IR2237 IRF-IR2237 Datasheet
173Kb / 12P
   3-PHASE BRIDGE DRIVER
IR21303C IRF-IR21303C Datasheet
247Kb / 21P
   3-PHASE BRIDGE DRIVER
IRS2332JTRPBF IRF-IRS2332JTRPBF Datasheet
1Mb / 39P
   3-PHASE-BRIDGE DRIVER
IR2130 IRF-IR2130 Datasheet
639Kb / 21P
   3-PHASE BRIDGE DRIVER
IR2132 IRF-IR2132 Datasheet
643Kb / 21P
   3-PHASE BRIDGE DRIVER
IRS2330SPBF IRF-IRS2330SPBF Datasheet
1Mb / 39P
   3-PHASE-BRIDGE DRIVER
IR2133 IRF-IR2133_15 Datasheet
433Kb / 27P
   3-PHASE BRIDGE DRIVER
IR2130 IRF-IR2130_15 Datasheet
304Kb / 26P
   3-PHASE BRIDGE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com