Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR21363 Datasheet(PDF) 5 Page - International Rectifier

Part # IR21363
Description  3-PHASE BRIDGE DRIVER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR21363 Datasheet(HTML) 5 Page - International Rectifier

  IR21363 Datasheet HTML 1Page - International Rectifier IR21363 Datasheet HTML 2Page - International Rectifier IR21363 Datasheet HTML 3Page - International Rectifier IR21363 Datasheet HTML 4Page - International Rectifier IR21363 Datasheet HTML 5Page - International Rectifier IR21363 Datasheet HTML 6Page - International Rectifier IR21363 Datasheet HTML 7Page - International Rectifier IR21363 Datasheet HTML 8Page - International Rectifier IR21363 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
www.irf.com
5
IR21363(J&S)PbF
Functional Block Diagram
IR2136/21363/21365
COM
VCC
LO1
LO2
LO3
DELAY
VSS/COM
LEVEL
SHIFTER
DELAY
VSS/COM
LEVEL
SHIFTER
DELAY
VSS/COM
LEVEL
SHIFTER
LIN1
HIN1
LIN2
HIN2
LIN3
HIN3
DEADTIME &
SHOOT-THROUGH
PREVENTION
DEADTIME &
SHOOT-THROUGH
PREVENTION
DEADTIME &
SHOOT-THROUGH
PREVENTION
VS1
HO1
VB1
HV
LEVEL
SHIFTER
VSS/COM
LEVEL
SHIFTER
LATCH
UV
DETECT
SET
RESET
DRIVER
VS2
HO2
VB2
HV
LEVEL
SHIFTER
VSS/COM
LEVEL
SHIFTER
LATCH
UV
DETECT
SET
RESET
DRIVER
VS3
HO3
VB3
HV
LEVEL
SHIFTER
VSS/COM
LEVEL
SHIFTER
LATCH
UV
DETECT
SET
RESET
DRIVER
DRIVER
DRIVER
DRIVER
INPUT
NOISE
FILTER
INPUT
NOISE
FILTER
INPUT
NOISE
FILTER
INPUT
NOISE
FILTER
INPUT
NOISE
FILTER
INPUT
NOISE
FILTER
UV
DETECT
EN
ITRIP
+
-
0.5V
RCIN
S
R
Q
FAULT
INPUT
NOISE
FILTER
VSS
INPUT
NOISE
FILTER
SET
DOMINANT
LATCH


Similar Part No. - IR21363

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR21363 IRF-IR21363 Datasheet
390Kb / 36P
   3-PHASE BRIDGE DRIVER
IR21363 IRF-IR21363 Datasheet
896Kb / 36P
   3-PHASE BRIDGE DRIVER
logo
Infineon Technologies A...
IR21363 INFINEON-IR21363 Datasheet
917Kb / 36P
   600 V three-phase gate driver IC with OCP, Enable, and Fault
logo
International Rectifier
IR21363J IRF-IR21363J Datasheet
390Kb / 36P
   3-PHASE BRIDGE DRIVER
IR21363JPBF IRF-IR21363JPBF Datasheet
390Kb / 36P
   3-PHASE BRIDGE DRIVER
More results

Similar Description - IR21363

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPIC2130 MOTOROLA-MPIC2130 Datasheet
179Kb / 6P
   3-PHASE BRIDGE DRIVER
logo
International Rectifier
IR2237 IRF-IR2237 Datasheet
173Kb / 12P
   3-PHASE BRIDGE DRIVER
IR21303C IRF-IR21303C Datasheet
247Kb / 21P
   3-PHASE BRIDGE DRIVER
IRS2332JTRPBF IRF-IRS2332JTRPBF Datasheet
1Mb / 39P
   3-PHASE-BRIDGE DRIVER
IR2130 IRF-IR2130 Datasheet
639Kb / 21P
   3-PHASE BRIDGE DRIVER
IR2132 IRF-IR2132 Datasheet
643Kb / 21P
   3-PHASE BRIDGE DRIVER
IRS2330SPBF IRF-IRS2330SPBF Datasheet
1Mb / 39P
   3-PHASE-BRIDGE DRIVER
IR2133 IRF-IR2133_15 Datasheet
433Kb / 27P
   3-PHASE BRIDGE DRIVER
IR2130 IRF-IR2130_15 Datasheet
304Kb / 26P
   3-PHASE BRIDGE DRIVER
IR21364PBF IRF-IR21364PBF_15 Datasheet
364Kb / 20P
   3-PHASE BRIDGE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com