Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3233ECPP Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX3233ECPP
Description  짹15kV ESD-Protected, 1關A, 250kbps, 3.3V/5V, Dual RS-232 Transceivers with Internal Capacitors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3233ECPP Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX3233ECPP Datasheet HTML 4Page - Maxim Integrated Products MAX3233ECPP Datasheet HTML 5Page - Maxim Integrated Products MAX3233ECPP Datasheet HTML 6Page - Maxim Integrated Products MAX3233ECPP Datasheet HTML 7Page - Maxim Integrated Products MAX3233ECPP Datasheet HTML 8Page - Maxim Integrated Products MAX3233ECPP Datasheet HTML 9Page - Maxim Integrated Products MAX3233ECPP Datasheet HTML 10Page - Maxim Integrated Products MAX3233ECPP Datasheet HTML 11Page - Maxim Integrated Products MAX3233ECPP Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
By connecting FORCEON to INVALID, the device shuts
down when no valid receiver level and no receiver or
transmitter edge is detected for 30sec. It wakes up
when a valid receiver level or receiver or transmitter
edge is detected.
By connecting FORCEON and FORCEOFF to INVALID,
the device shuts down when no valid receiver level is
detected and wakes up when a valid receiver level is
detected.
A system with AutoShutdown Plus may need time to
wake up. Figure 4 shows a circuit that forces the
transmitters on for 100ms, allowing enough time
for another system to realize that the MAX3233E/
MAX3235E is awake. If another system outputs valid
RS-232 signal transitions within that time, the RS-232
ports on both systems remain enabled.
Software-Controlled Shutdown
If direct software control is desired, use INVALID to
indicate DTR or Ring Indicator signal. Tie FORCEOFF
and FORCEON together to bypass the AutoShutdown
Plus so the line acts like a SHDN input.
±15kV ESD Protection
As with all Maxim devices, ESD-protection structures are
incorporated on all pins to protect against electrostatic
discharges encountered during handling and assembly.
The driver outputs and receiver inputs have extra pro-
tection against static electricity. Maxim’s engineers have
developed state-of-the-art structures to protect these
pins against ESD of ±15kV without damage. The ESD
structures withstand high ESD in all states: normal
operation, shutdown, and powered down. After an ESD
±15kV ESD-Protected, 1µA, 250kbps, 3.3V/5V, Dual
RS-232 Transceivers with Internal Capacitors
8
_______________________________________________________________________________________
Table 2. INVALID Truth Table
Low
No
High
Yes
INVALID OUTPUT
RS-232 SIGNAL
PRESENT AT ANY
RECEIVER INPUT
-2.7
-0.3
+2.7
+0.3
0
INDETERMINATE
INVALID HIGH
INVALID LOW
INVALID HIGH
INDETERMINATE
Figure 3a. Receiver Positive/Negative Thresholds for INVALID
VCC
0
V+
V-
VCC
0
INVALID
OUTPUT
TRANSMITTER
INPUTS
RECEIVER
INPUTS
}
INVALID
REGION
TRANSMITTER
OUTPUTS
tAUTOSHDN
tWU
tWU
tINVL
tINVH
tAUTOSHDN
Figure 3b. AutoShutdown Plus, INVALID, and READY Timing Diagram


Similar Part No. - MAX3233ECPP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3233ECPP MAXIM-MAX3233ECPP Datasheet
263Kb / 12P
   짹15kV ESD-Protected, 1關A, 250kbps, 3.3V/5V, Dual RS-232 Transceivers with Internal Capacitors
19-1473; Rev 2; 8/04
More results

Similar Description - MAX3233ECPP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3233E MAXIM-MAX3233E_V01 Datasheet
263Kb / 12P
   짹15kV ESD-Protected, 1關A, 250kbps, 3.3V/5V, Dual RS-232 Transceivers with Internal Capacitors
19-1473; Rev 2; 8/04
MAX3233ECWP-TG36 MAXIM-MAX3233ECWP-TG36 Datasheet
263Kb / 12P
   ±15kV ESD-Protected, 1μA, 250kbps, 3.3V/5V, Dual RS-232 Transceivers with Internal Capacitors
Rev 2; 8/04
MAX202E MAXIM-MAX202E_15 Datasheet
395Kb / 25P
   짹15kV ESD-Protected,5V RS-232 Transceivers
Rev 7; 1/15
logo
Intersil Corporation
ICL3221EM INTERSIL-ICL3221EM Datasheet
238Kb / 12P
   짹15kV ESD Protected, 3V, 1關A, 250kbps, RS-232 Transmitters/Receivers
ISL81387 INTERSIL-ISL81387_07 Datasheet
998Kb / 27P
   짹15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
logo
Renesas Technology Corp
ISL81387 RENESAS-ISL81387 Datasheet
1Mb / 27P
   짹15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
ISL3330 RENESAS-ISL3330 Datasheet
1Mb / 25P
   3.3V, 짹15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
logo
Intersil Corporation
ISL3330 INTERSIL-ISL3330 Datasheet
950Kb / 25P
   3.3V, 짹15kV ESD Protected, Dual Protocol RS-232/RS-485 Transceivers
5962-0620701Q3A INTERSIL-5962-0620701Q3A Datasheet
195Kb / 9P
   짹15kV ESD Protected, 3.3V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
logo
Maxim Integrated Produc...
MAX3316E MAXIM-MAX3316E Datasheet
190Kb / 16P
   짹15kV ESD-Protected, 2.5V, 1關A, 460kbps, RS-232 Compatible Transceivers
Rev 0; 1/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com