Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3241E Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX3241E
Description  짹15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3241E Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX3241E Datasheet HTML 3Page - Maxim Integrated Products MAX3241E Datasheet HTML 4Page - Maxim Integrated Products MAX3241E Datasheet HTML 5Page - Maxim Integrated Products MAX3241E Datasheet HTML 6Page - Maxim Integrated Products MAX3241E Datasheet HTML 7Page - Maxim Integrated Products MAX3241E Datasheet HTML 8Page - Maxim Integrated Products MAX3241E Datasheet HTML 9Page - Maxim Integrated Products MAX3241E Datasheet HTML 10Page - Maxim Integrated Products MAX3241E Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
_______________Detailed Description
Dual Charge-Pump Voltage Converter
The MAX3222E/MAX3232E/MAX3237E/MAX3241E’s
internal power supply consists of a regulated dual
charge pump that provides output voltages of +5.5V
(doubling charge pump) and -5.5V (inverting charge
pump), over the 3.0V to 5.5V VCC range. The charge
pump operates in discontinuous mode; if the output
voltages are less than 5.5V, the charge pump is
enabled, and if the output voltages exceed 5.5V, the
charge pump is disabled. Each charge pump requires
a flying capacitor (C1, C2) and a reservoir capacitor
(C3, C4) to generate the V+ and V- supplies (Figure 1).
RS-232 Transmitters
The transmitters are inverting level translators that con-
vert TTL/CMOS-logic levels to ±5.0V EIA/TIA-232-com-
pliant levels.
The MAX3222E/MAX3232E/MAX3237E/MAX3241E
transmitters guarantee a 250kbps data rate with worst-
case loads of 3k
Ω in parallel with 1000pF, providing
compatibility with PC-to-PC communication software
(such as LapLink™). Transmitters can be paralleled to
drive multiple receivers or mice.
The MAX3222E/MAX3237E/MAX3241E’s transmitters are
disabled and the outputs are forced into a high-imped-
ance state when the device is in shutdown mode (SHDN =
GND). The MAX3222E/MAX3232E/MAX3237E/MAX3241E
permit the outputs to be driven up to ±12V in shutdown.
The MAX3222E/MAX3232E/MAX3241E transmitter
inputs do not have pull-up resistors. Connect unused
inputs to GND or VCC. The MAX3237E transmitter
inputs have a 400k
Ω active positive feedback resistor,
allowing unused inputs to be left unconnected.
MAX3237E MegaBaud Operation
For higher-speed serial communications, the MAX3237E
features MegaBaud operation. In MegaBaud operating
mode (MBAUD = VCC), the MAX3237E transmitters
guarantee a 1Mbps data rate with worst-case loads of
3k
Ω in parallel with 250pF for 3.0V < VCC < 4.5V. For 5V
±10% operation, the MAX3237E transmitters guarantee a
1Mbps data rate into worst-case loads of 3k
Ω in parallel
with 1000pF.
RS-232 Receivers
The receivers convert RS-232 signals to CMOS-logic
output levels. The MAX3222E/MAX3237E/MAX3241E
receivers have inverting three-state outputs. Drive EN
high to place the receiver(s) into a high-impedance
state. Receivers can be either active or inactive in shut-
down (Table 1).
±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V,
Up to 1Mbps, True RS-232 Transceivers
_______________________________________________________________________________________
7
_________________________________________________Pin Description (continued)
No Connection
N.C.
MegaBaud Control Input. Connect to
GND for normal operation; connect to
VCC for 1Mbps transmission rates.
MBAUD
15*
Noninverting Complementary
Receiver Outputs. Always active.
R_OUTB
16
Shutdown Control. Active low.
SHDN
14*
+3.0V to +5.5V Supply Voltage
VCC
26
FUNCTION
NAME
MAX3237E
11, 14
20
18
19
17
TSSOP/
SSOP
SO/DIP
MAX3222E
1, 10, 11,
20
19
16
TSSOP/
SSOP
SO/DIP
MAX3232E
20, 21
22
26
PIN
MAX3241E
*These pins have an active positive feedback resistor internal to the MAX3237E, allowing unused inputs to be left unconnected.
LapLink is a trademark of Traveling Software.


Similar Part No. - MAX3241E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3241E MAXIM-MAX3241E Datasheet
411Kb / 22P
   ±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
Rev 7; 2/03
MAX3241E MAXIM-MAX3241E Datasheet
874Kb / 26P
   ±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
Rev 10; 1/06
MAX3241E MAXIM-MAX3241E Datasheet
958Kb / 21P
   15kV ESD-Protected, 1uA, 1Mbps, 3.0V to 5.5V RS-232 Transceivers
Rev 10; 3/11
MAX3241EAI MAXIM-MAX3241EAI Datasheet
268Kb / 16P
   3.0V to 5.5V, Low-Power, up to 1Mbps, True RS-232 Transceivers Using Four 0.1uF External Capacitors
Rev 5; 3/99
MAX3241ECAI MAXIM-MAX3241ECAI Datasheet
411Kb / 22P
   ±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
Rev 7; 2/03
More results

Similar Description - MAX3241E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3222E MAXIM-MAX3222E_V01 Datasheet
2Mb / 22P
   짹15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
19-1298; Rev 13; 12/18
MAX3222E MAXIM-MAX3222E_03 Datasheet
411Kb / 22P
   ±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
Rev 7; 2/03
MAX3222E MAXIM-MAX3222E_10 Datasheet
345Kb / 22P
   ±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
Rev 12; 12/10
MAX3222E MAXIM-MAX3222E_06 Datasheet
874Kb / 26P
   ±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
Rev 10; 1/06
MAX3232ECAE-T MAXIM-MAX3232ECAE-T Datasheet
1Mb / 22P
   ±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
Rev 12; 12/10
MAX3222 MAXIM-MAX3222_V01 Datasheet
1Mb / 17P
   3.0V to 5.5V, Low-Power, Up to 1Mbps, True RS-232 Transceivers
19-0273; Rev 10; 5/19
logo
Intersil Corporation
ICL3245ECAZ-T INTERSIL-ICL3245ECAZ-T Datasheet
450Kb / 20P
   짹15kV ESD Protected, 3V to 5.5V, 1Microamp, 1Mbps, RS-232 Transceivers
logo
Maxim Integrated Produc...
MAX3225EEUP MAXIM-MAX3225EEUP Datasheet
958Kb / 21P
   15kV ESD-Protected, 1uA, 1Mbps, 3.0V to 5.5V RS-232 Transceivers
Rev 10; 3/11
MAX338 MAXIM-MAX338 Datasheet
182Kb / 12P
   짹15kV ESD-Protected, 3.0V to 5.5V, Low-Power, up to 250kbps, True RS-232 Transceiver
19-1437; Rev 1; 10/99
MAX3384E MAXIM-MAX3384E Datasheet
221Kb / 11P
   짹15kV ESD-Protected, 3.0V to 5.5V, Low-Power, up to 250kbps, True RS-232 Transceiver
19-1949; Rev 0; 1/01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com