Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3238 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX3238
Description  3.0V to 5.5V, 1關A, up to 250kbps, True RS-232 Transceiver with AutoShutdown Plus?
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3238 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX3238 Datasheet HTML 1Page - Maxim Integrated Products MAX3238 Datasheet HTML 2Page - Maxim Integrated Products MAX3238 Datasheet HTML 3Page - Maxim Integrated Products MAX3238 Datasheet HTML 4Page - Maxim Integrated Products MAX3238 Datasheet HTML 5Page - Maxim Integrated Products MAX3238 Datasheet HTML 6Page - Maxim Integrated Products MAX3238 Datasheet HTML 7Page - Maxim Integrated Products MAX3238 Datasheet HTML 8Page - Maxim Integrated Products MAX3238 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
+3.0V to +5.5V, 1µA, up to 250kbps, True
RS-232 Transceiver with AutoShutdown Plus™
_______________________________________________________________________________________
5
_______________Detailed Description
Dual Charge-Pump Voltage Converter
The MAX3238’s internal power supply consists of a reg-
ulated dual charge pump that provides output voltages
of +5.5V (doubling charge pump) and -5.5V (inverting
charge pump), regardless of the input voltage (VCC)
over the 3.0V to 5.5V range. The charge pumps operate
in a discontinuous mode: if the output voltages are less
than 5.5V, the charge pumps are enabled; if the output
voltages exceed 5.5V, the charge pumps are disabled.
Each charge pump requires a flying capacitor (C1, C2)
and a reservoir capacitor (C3, C4) to generate the V+
and V- supplies.
RS-232 Transmitters
The transmitters are inverting level translators that con-
vert CMOS-logic levels to 5.0V EIA/TIA-232 levels. The
MAX3238 transmitters guarantee a 250kbps data rate
with worst-case loads of 3k
Ω in parallel with 1000pF,
providing compatibility with PC-to-PC communication
software (such as LapLink™). Transmitters can be par-
alleled to drive multiple receivers. Figure 1 shows a
complete system connection.
LapLink is a trademark of Traveling Software.
When
FORCEOFF is driven to ground, the transmitters
and receivers are disabled and the outputs go high
impedance, except for R1OUTB. When the Auto-
Shutdown Plus circuitry senses that all receiver and
transmitter inputs are inactive for more than 30sec, the
transmitters are disabled and the outputs go into a
high-impedance state, but the receivers remain active.
When the power is off, the MAX3238 permits the out-
puts to be driven up to ±12V.
The transmitter inputs do not have pull-up resistors.
Connect unused inputs to GND or VCC.
RS-232 Receivers
The receivers convert RS-232 signals to CMOS-logic
output levels. All receivers have inverting three-state
outputs and are inactive in shutdown (
FORCEOFF)
(Table 1). The MAX3238 also features an extra, always-
active noninverting output, R1OUTB. This extra output
monitors receiver activity while the other receivers are
high impedance, allowing Ring Indicator to be moni-
tored without forward biasing other devices connected
to the receiver outputs. This is ideal for systems where
VCC is set to 0V in shutdown to accommodate peripher-
als, such as UARTs (Figure 2).
Table 1. Output Control Truth Table
FORCEON
FORCEOFF
AUTOSHUTDOWN
PLUS*
OPERATION
STATUS
T_OUT
R_OUT
R1OUTB
X
0
X
Shutdown
(Forced Off)
High-Z
High-Z
Active
1
1
X
Normal Operation
(Forced On)
Active
Active
Active
0
1
<30sec*
Normal
Operation
(AutoShutdown
Plus)
Active
Active
Active
0
1
>30sec*
Shutdown
(AutoShutdown
Plus)
High-Z
Active
Active
X = Don’t Care
* Time since last receiver or transmitter input transition.


Similar Part No. - MAX3238

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX3238 TI-MAX3238 Datasheet
237Kb / 15P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
MAX3238 TI1-MAX3238 Datasheet
845Kb / 19P
[Old version datasheet]   MULTICHANNEL LINE DRIVER/RECEIVER WITH ESD PROTECTION
logo
Maxim Integrated Produc...
MAX3238 MAXIM-MAX3238 Datasheet
207Kb / 12P
   3.0V to 5.5V, 1關A, up to 250kbps, True RS-232 Transceiver with AutoShutdown Plus
19-1144; Rev 1; 10/02
logo
Texas Instruments
MAX3238-Q1 TI1-MAX3238-Q1 Datasheet
252Kb / 15P
[Old version datasheet]   3-V TO 5.5V MULTICHANNEL RS-232 LINE DRIVER RECEIVER WITH 15-kV ESD(HBM) PROTECTION
MAX3238-Q1 TI1-MAX3238-Q1 Datasheet
834Kb / 18P
[Old version datasheet]   LINE DRIVER/RECEIVER WITH ESD PROTECTION
More results

Similar Description - MAX3238

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3238 MAXIM-MAX3238_V01 Datasheet
207Kb / 12P
   3.0V to 5.5V, 1關A, up to 250kbps, True RS-232 Transceiver with AutoShutdown Plus
19-1144; Rev 1; 10/02
MAX3238CAI-T MAXIM-MAX3238CAI-T Datasheet
207Kb / 12P
   3.0V to 5.5V, 1μA, up to 250kbps, True RS-232 Transceiver with AutoShutdown Plus
Rev 1; 10/02
MAX3320A MAXIM-MAX3320A Datasheet
114Kb / 12P
   3V to 5.5V, up to 250kbps True RS-232 Transceiver with 4關A AutoShutdown Plus and Power-On Reset
19-1253; Rev 0; 8/97
MAX3224E MAXIM-MAX3224E_V01 Datasheet
2Mb / 25P
   짹15kV ESD-Protected, 1關A, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
19-1339; Rev 11; 11/18
MAX338 MAXIM-MAX338 Datasheet
182Kb / 12P
   짹15kV ESD-Protected, 3.0V to 5.5V, Low-Power, up to 250kbps, True RS-232 Transceiver
19-1437; Rev 1; 10/99
MAX3384E MAXIM-MAX3384E Datasheet
221Kb / 11P
   짹15kV ESD-Protected, 3.0V to 5.5V, Low-Power, up to 250kbps, True RS-232 Transceiver
19-1949; Rev 0; 1/01
MAX3221E MAXIM-MAX3221E Datasheet
153Kb / 16P
   ±15kV ESD-Protected, 1μA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers with AutoShutdown
Rev 2; 1/98
MAX3221E MAXIM-MAX3221E_11 Datasheet
692Kb / 19P
   15kV ESD-Protected, 1uA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers with AutoShutdown
Rev 7; 8/11
MAX3221E MAXIM-MAX3221E_14 Datasheet
659Kb / 19P
   ±15kV ESD-Protected, 1μA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers with AutoShutdown
Rev 7; 8/11
logo
Sipex Corporation
SP3222 SIPEX-SP3222 Datasheet
131Kb / 20P
   True 3.0V to 5.5V RS-232 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com