Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OD1225 Datasheet(PDF) 1 Page - ORION FANS

Part # OD1225
Description  DC FAN - 12V, 24V
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORIONFANS [ORION FANS]
Direct Link  http://www.orionfans.com/index.html
Logo ORIONFANS - ORION FANS

OD1225 Datasheet(HTML) 1 Page - ORION FANS

  OD1225 Datasheet HTML 1Page - ORION FANS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
O
ODD11222255 SSeerriieess
DC Fan - 12V, 24V
120x25mm (4.7”x 1.0”)
Frame & Impeller
PBT, UL94V-O plastic
Available Options:
Sleeve Bearing
Ball Bearing
Tachometer
Alarm
Thermal control
PWM Input
IP55
48V & 5V
Life Expectancy (L10)
50,000+ hrs
Operating Temperature
-10 ~ 70C
Connection
2x Lead wires 24AWG
Motor
Brushless DC, auto restart,
polarity protected
Bearing System
Sealed Sleeve
Insulation Resistance 10M ohm between leadwire
and frame (500VDC)
Dielectric Strength
1 second at 500 VAC, max
leakage - 500 MicroAmp
Model Number
OD1225-12HSS
OD1225-24HSS
Part Number
122143001
122243001
Nominal Voltage
12 VDC
24 VDC
Nominal Current
0.44
0.24A
Rated Power
5.3 W
5.8 W
Rated Speed (RPM)
2200
2200
Airflow (CFM)
85
85
Noise Level (dB)
39
39
Max. Static Pressure
0.14” H2O
0.14” H2O
RoHS Compliant
10557 Metric Drive
Dallas, Texas 75243
214-340-0265
OrionFans.com
Information and data is subject to
change without prior notification.
121409


Similar Part No. - OD1225

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OD1225 ORIONFANS-OD1225 Datasheet
5Mb / 8P
   AC & EC FANS
OD1225-12HB ORIONFANS-OD1225-12HB Datasheet
116Kb / 1P
   DC Fan
OD1225-12HSS ORIONFANS-OD1225-12HSS Datasheet
247Kb / 1P
   DC Fan
OD1225-12LB ORIONFANS-OD1225-12LB Datasheet
116Kb / 1P
   DC Fan
OD1225-12MB ORIONFANS-OD1225-12MB Datasheet
116Kb / 1P
   DC Fan
More results

Similar Description - OD1225

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OD9238VA ORIONFANS-OD9238VA Datasheet
153Kb / 1P
   DC Fan - 12V, 24V and 48V
OD9225-SS ORIONFANS-OD9225-SS Datasheet
208Kb / 1P
   DC Fan - 12V, 24V 92x25 (3.62?쓝 1.00??
OD9225 ORIONFANS-OD9225 Datasheet
119Kb / 1P
   DC Fan - 12V & 24V 92x25 (3.62 x 1.00)
logo
TiMOTION Technology Co....
TID1 TIMOTION-TID1 Datasheet
461Kb / 3P
   Input Voltage 12V DC, 24V DC
20230925-E
logo
ORION FANS
OD1232 ORIONFANS-OD1232_16 Datasheet
1Mb / 4P
   DC Fan - 12V, 24V, 48V 120 x 32mm (4.7.62 x 1.25in)
OD6038VA ORIONFANS-OD6038VA_17 Datasheet
229Kb / 1P
   DC Fan 12V, 24V - Vaneaxial, High Pressure 60x38mm (2.36?쓝 1.5??
OD5210 ORIONFANS-OD5210 Datasheet
1Mb / 1P
   DC Fan - 5, 12V
OD9238 ORIONFANS-OD9238 Datasheet
151Kb / 1P
   DC Fan - 12V, 24V and 48V 92x38mm (3.62' x 1.5')i
OD6010 ORIONFANS-OD6010 Datasheet
100Kb / 1P
   DC Fan - 5V, 12V
logo
TiMOTION Technology Co....
TA19 TIMOTION-TA19 Datasheet
716Kb / 8P
   Voltage of motor 12V DC, 24V DC or 24V DC (PTC)
20191223-H
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com