Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR3898M Datasheet(PDF) 5 Page - International Rectifier

Part # IR3898M
Description  Single-Input Voltage, Synchronous Buck Regulator
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3898M Datasheet(HTML) 5 Page - International Rectifier

  IR3898M Datasheet HTML 1Page - International Rectifier IR3898M Datasheet HTML 2Page - International Rectifier IR3898M Datasheet HTML 3Page - International Rectifier IR3898M Datasheet HTML 4Page - International Rectifier IR3898M Datasheet HTML 5Page - International Rectifier IR3898M Datasheet HTML 6Page - International Rectifier IR3898M Datasheet HTML 7Page - International Rectifier IR3898M Datasheet HTML 8Page - International Rectifier IR3898M Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 46 page
background image
- 5 -
JANURARY 18, 2013 | DATA SHEET | Rev 3.5
5
IR3898
6A Highly Integrated SupIRBuck
TM
Single-Input Voltage, Synchronous Buck Regulator
PD-97662
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are
stress ratings only and functional operation of the device at these or any other conditions beyond those indicated in the
operational sections of the specifications are not implied.
PVin, Vin
-0.3V to 25V
Vcc/LDO_Out
-0.3V to 8V (Note 2)
Boot
-0.3V to 33V
SW
-0.3V to 25V (DC), -4V to 25V (AC, 100ns)
Boot to SW
-0.3V to VCC + 0.3V (Note 1)
S_Ctrl, PGood
-0.3V to VCC + 0.3V (Note 1)
Other Input/Output Pins
-0.3V to +3.9V
PGnd to Gnd
-0.3V to +0.3V
Storage Temperature Range
-55°C to 150°C
Junction Temperature Range
-40°C to 150°C (Note 2)
ESD Classification (HBM JESD22-A114)
2kV
Moisture Sensitivity Level
JEDEC Level 2@260°C
Note 1: Must not exceed 8V
Note 2: Vcc must not exceed 7.5V for Junction Temperature between -10°C and -40°C


Similar Part No. - IR3898M

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3898MPBF IRF-IR3898MPBF Datasheet
2Mb / 45P
   6A HIGHLY INTERGRATED SUPLRBUCK
IR3898MPBF IRF-IR3898MPBF Datasheet
2Mb / 17P
   USER GUIDE FOR IR3898 EVALUATION BOARD
IR3898MPBF IRF-IR3898MPBF Datasheet
3Mb / 46P
   6A Highly Integrated SupIRBuck
IR3898MTR1PBF IRF-IR3898MTR1PBF Datasheet
2Mb / 45P
   6A HIGHLY INTERGRATED SUPLRBUCK
IR3898MTR1PBF IRF-IR3898MTR1PBF Datasheet
3Mb / 46P
   6A Highly Integrated SupIRBuck
More results

Similar Description - IR3898M

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3846 IRF-IR3846 Datasheet
3Mb / 53P
   Single-Input Voltage, Synchronous Buck Regulator
IR3891M IRF-IR3891M_15 Datasheet
1Mb / 51P
   Single-Input Voltage, Synchronous Buck Regulator
IR3892M IRF-IR3892M_15 Datasheet
3Mb / 52P
   Single-Input Voltage, Synchronous Buck Regulator
IR3847M IRF-IR3847M_15 Datasheet
1Mb / 55P
   Single-Input Voltage, Synchronous Buck Regulator
IR3871MTRPBF IRF-IR3871MTRPBF Datasheet
1Mb / 21P
   WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3865MTRPBF IRF-IR3865MTRPBF Datasheet
1Mb / 22P
   WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3839MPBF IRF-IR3839MPBF_15 Datasheet
1Mb / 35P
   HIGHLY INTEGRATED 6A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3838MTR1PBF IRF-IR3838MTR1PBF Datasheet
1Mb / 35P
   HIGHLY INTEGRATED 10A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3837MPBF IRF-IR3837MPBF Datasheet
1Mb / 36P
   HIGHLY INTEGRATED 14A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3839MPBF IRF-IR3839MPBF Datasheet
1Mb / 35P
   HIGHLY INTEGRATED 6A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com