Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR3895M Datasheet(PDF) 11 Page - International Rectifier

Part # IR3895M
Description  Single?륤nput Voltage, Synchronous Buck Regulator
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3895M Datasheet(HTML) 11 Page - International Rectifier

Back Button IR3895M Datasheet HTML 7Page - International Rectifier IR3895M Datasheet HTML 8Page - International Rectifier IR3895M Datasheet HTML 9Page - International Rectifier IR3895M Datasheet HTML 10Page - International Rectifier IR3895M Datasheet HTML 11Page - International Rectifier IR3895M Datasheet HTML 12Page - International Rectifier IR3895M Datasheet HTML 13Page - International Rectifier IR3895M Datasheet HTML 14Page - International Rectifier IR3895M Datasheet HTML 15Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 45 page
background image
- 11 -P
JANUARY 18, 2013    | DATA SHEET|    Rev 3.4
11
IR3895 
16A Highly Integrated SupIRBuck  
Single‐Input Voltage, Synchronous Buck Regulator  
PD‐97746
TYPICAL EFFICIENCY AND POWER LOSS CURVES 
 
PVin = 12V, Vcc = External 5V, Io = 0A‐16A, Fs = 600kHz, Room Temperature, No Air Flow. Note that the efficiency and 
power loss curves include the losses of IR3895, the inductor losses and the losses of the input and output capacitors. 
The table below shows the inductors used for each of the output voltages in the efficiency measurement. 
Vout(V) 
Lout(µH) 
P/N 
DCR(mΩ) 
1.0 
0.4 
59PR9875N (Vitec) 
0.29 
1.2 
0.4 
59PR9875N (Vitec) 
0.29 
1.8 
0.47 
7443330047(Wurth Elektronik) 
0.8 
3.3 
0.88  MPC1040LR88C(NEC/Tokin) 
2.3 
1.0 
7443330100(Wurth Elektronik) 
1.35 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 


Similar Part No. - IR3895M

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3895MPBF IRF-IR3895MPBF Datasheet
2Mb / 43P
   16A HIGHLY INTERGRATED SUPLRBUCK
IR3895MPBF IRF-IR3895MPBF Datasheet
4Mb / 14P
   USER GUIDE FOR IR3895 EVALUATION BOARD
IR3895MPBF IRF-IR3895MPBF Datasheet
2Mb / 45P
   16A Highly Integrated SupIRBuck
IR3895MTR1PBF IRF-IR3895MTR1PBF Datasheet
2Mb / 43P
   16A HIGHLY INTERGRATED SUPLRBUCK
IR3895MTR1PBF IRF-IR3895MTR1PBF Datasheet
2Mb / 45P
   16A Highly Integrated SupIRBuck
More results

Similar Description - IR3895M

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3894M IRF-IR3894M_15 Datasheet
2Mb / 45P
   Single?륤nput Voltage, Synchronous Buck Regulator
IR3897M IRF-IR3897M_15 Datasheet
2Mb / 47P
   Single?륤nput Voltage, Synchronous Buck Regulator
IR3899M IRF-IR3899M_15 Datasheet
2Mb / 45P
   Single?륤nput Voltage, Synchronous Buck Regulator
IR3846 IRF-IR3846 Datasheet
3Mb / 53P
   Single-Input Voltage, Synchronous Buck Regulator
IR3891M IRF-IR3891M_15 Datasheet
1Mb / 51P
   Single-Input Voltage, Synchronous Buck Regulator
IR3892M IRF-IR3892M_15 Datasheet
3Mb / 52P
   Single-Input Voltage, Synchronous Buck Regulator
IR3898M IRF-IR3898M_15 Datasheet
3Mb / 46P
   Single-Input Voltage, Synchronous Buck Regulator
IR3847M IRF-IR3847M_15 Datasheet
1Mb / 55P
   Single-Input Voltage, Synchronous Buck Regulator
logo
Infineon Technologies A...
IR3447A INFINEON-IR3447A Datasheet
1Mb / 40P
   25 A single-voltage synchronous Buck regulator
V 2.4 2021-11-19
IR3823A INFINEON-IR3823A Datasheet
1Mb / 41P
   3 A single-voltage synchronous Buck regulator
V 2.3 2021-07-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com