Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR3894M Datasheet(PDF) 10 Page - International Rectifier

Part # IR3894M
Description  Single?륤nput Voltage, Synchronous Buck Regulator
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3894M Datasheet(HTML) 10 Page - International Rectifier

Back Button IR3894M_15 Datasheet HTML 6Page - International Rectifier IR3894M_15 Datasheet HTML 7Page - International Rectifier IR3894M_15 Datasheet HTML 8Page - International Rectifier IR3894M_15 Datasheet HTML 9Page - International Rectifier IR3894M_15 Datasheet HTML 10Page - International Rectifier IR3894M_15 Datasheet HTML 11Page - International Rectifier IR3894M_15 Datasheet HTML 12Page - International Rectifier IR3894M_15 Datasheet HTML 13Page - International Rectifier IR3894M_15 Datasheet HTML 14Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 45 page
background image
- 10 -`
JANUARY 18, 2013 | DATA SHEET |    Rev 3.4
10
IR3894 
12A Highly Integrated SupIRBuck  
Single‐Input Voltage, Synchronous Buck Regulator  
PD‐97745
TYPICAL EFFICIENCY AND POWER LOSS CURVES 
 
PVin = 12V, Vcc = Internal LDO (4.4V/6.4V), Io = 0A‐12A, Fs = 600kHz, Room Temperature, No Air Flow. Note that the 
efficiency and power loss curves include the losses of IR3898, the inductor losses and the losses of the input and output 
capacitors. The table below shows the inductors used for each of the output voltages in the efficiency measurement. 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
Vout(V)
Lout(µH)
P/N
DCR(mΩ)
1
0.51
59PR9876N (Vitec)
0.29
1.2
0.51
59PR9876N (Vitec)
0.29
1.8
0.72
744325072(Wurth Elektronik)
1.3
3.3
1.2
744325120(Wurth Elektronik)
1.8
5
1.2
744325120(Wurth Elektronik)
1.8


Similar Part No. - IR3894M_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3894MPBF IRF-IR3894MPBF Datasheet
2Mb / 43P
   12A HIGHLY INTERGRATED SUPLRBUCK
IR3894MPBF IRF-IR3894MPBF Datasheet
4Mb / 14P
   USER GUIDE FOR IR3894 EVALUATION BOARD
IR3894MPBF IRF-IR3894MPBF Datasheet
2Mb / 45P
   12A Highly Integrated SupIRBuck Single?륤nput Voltage
IR3894MTR1PBF IRF-IR3894MTR1PBF Datasheet
2Mb / 43P
   12A HIGHLY INTERGRATED SUPLRBUCK
IR3894MTR1PBF IRF-IR3894MTR1PBF Datasheet
2Mb / 45P
   12A Highly Integrated SupIRBuck Single?륤nput Voltage
More results

Similar Description - IR3894M_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3897M IRF-IR3897M_15 Datasheet
2Mb / 47P
   Single?륤nput Voltage, Synchronous Buck Regulator
IR3895M IRF-IR3895M_15 Datasheet
2Mb / 45P
   Single?륤nput Voltage, Synchronous Buck Regulator
IR3899M IRF-IR3899M_15 Datasheet
2Mb / 45P
   Single?륤nput Voltage, Synchronous Buck Regulator
IR3846 IRF-IR3846 Datasheet
3Mb / 53P
   Single-Input Voltage, Synchronous Buck Regulator
IR3891M IRF-IR3891M_15 Datasheet
1Mb / 51P
   Single-Input Voltage, Synchronous Buck Regulator
IR3892M IRF-IR3892M_15 Datasheet
3Mb / 52P
   Single-Input Voltage, Synchronous Buck Regulator
IR3898M IRF-IR3898M_15 Datasheet
3Mb / 46P
   Single-Input Voltage, Synchronous Buck Regulator
IR3847M IRF-IR3847M_15 Datasheet
1Mb / 55P
   Single-Input Voltage, Synchronous Buck Regulator
logo
Infineon Technologies A...
IR3447A INFINEON-IR3447A Datasheet
1Mb / 40P
   25 A single-voltage synchronous Buck regulator
V 2.4 2021-11-19
IR3823A INFINEON-IR3823A Datasheet
1Mb / 41P
   3 A single-voltage synchronous Buck regulator
V 2.3 2021-07-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com