Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3202 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX3202
Description  Low-Capacitance, 2/3/4/6-Channel, 짹15kV ESD Protection Arrays for High-Speed Data Interfaces
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3202 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX3202 Datasheet HTML 7Page - Maxim Integrated Products MAX3202 Datasheet HTML 8Page - Maxim Integrated Products MAX3202 Datasheet HTML 9Page - Maxim Integrated Products MAX3202 Datasheet HTML 10Page - Maxim Integrated Products MAX3202 Datasheet HTML 11Page - Maxim Integrated Products MAX3202 Datasheet HTML 12Page - Maxim Integrated Products MAX3202 Datasheet HTML 13Page - Maxim Integrated Products MAX3202 Datasheet HTML 14Page - Maxim Integrated Products MAX3202 Datasheet HTML 15Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Low-Capacitance, 2/3/4/6-Channel, ±15kV ESD
Protection Arrays for High-Speed Data Interfaces
______________________________________________________________________________________
11
Package Information (continued)
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information
go to
www.maxim-ic.com/packages.)
I
1
1
21-0093
PACKAGE OUTLINE, 3x3 UCSP


Similar Part No. - MAX3202

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3202E MAXIM-MAX3202E Datasheet
152Kb / 9P
   Low-Capacitance, 2/3/4/6-Channel, ±15kV ESD Protection Arrays for High-Speed Data Interfaces
MAX3202E MAXIM-MAX3202E Datasheet
231Kb / 9P
   Low-Capacitance, 2/3/4/6-Channel, 15kV ESD Protection Arrays for High-Speed Data Interfaces
Rev 5; 6/11
MAX3202EETT MAXIM-MAX3202EETT Datasheet
231Kb / 9P
   Low-Capacitance, 2/3/4/6-Channel, 15kV ESD Protection Arrays for High-Speed Data Interfaces
Rev 5; 6/11
MAX3202EETT+T MAXIM-MAX3202EETT+T Datasheet
152Kb / 9P
   Low-Capacitance, 2/3/4/6-Channel, ±15kV ESD Protection Arrays for High-Speed Data Interfaces
MAX3202EETT+T MAXIM-MAX3202EETT+T Datasheet
231Kb / 9P
   Low-Capacitance, 2/3/4/6-Channel, 짹15kV ESD Protection Arrays for High-Speed Data Interfaces
2011
More results

Similar Description - MAX3202

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3202E MAXIM-MAX3202E_V01 Datasheet
231Kb / 9P
   Low-Capacitance, 2/3/4/6-Channel, 짹15kV ESD Protection Arrays for High-Speed Data Interfaces
2011
MAX3202E MAXIM-MAX3202E_09 Datasheet
152Kb / 9P
   Low-Capacitance, 2/3/4/6-Channel, ±15kV ESD Protection Arrays for High-Speed Data Interfaces
MAX3202E MAXIM-MAX3202E_11 Datasheet
231Kb / 9P
   Low-Capacitance, 2/3/4/6-Channel, 15kV ESD Protection Arrays for High-Speed Data Interfaces
Rev 5; 6/11
logo
Texas Instruments
TPD2E001 TI1-TPD2E001_17 Datasheet
1Mb / 24P
[Old version datasheet]   Low-Capacitance 2-Channel ESD-Protection for High-Speed Data Interfaces
TPD3E001 TI1-TPD3E001_15 Datasheet
1Mb / 22P
[Old version datasheet]   Low-Capacitance 3-Channel ESD-Protection for High-Speed Data Interfaces
TPD4E001 TI1-TPD4E001_16 Datasheet
1Mb / 28P
[Old version datasheet]   Low-Capacitance 4-Channel ESD-Protection for High-Speed Data Interfaces
TPD4E001 TI1-TPD4E001_17 Datasheet
1Mb / 28P
[Old version datasheet]   Low-Capacitance 4-Channel ESD-Protection for High-Speed Data Interfaces
TPD4E001 TI1-TPD4E001_V02 Datasheet
1Mb / 30P
[Old version datasheet]   TPD4E001 Low-Capacitance 4-Channel ESD-Protection for High-Speed Data Interfaces
TPD4E001 TI1-TPD4E001_V01 Datasheet
1Mb / 30P
[Old version datasheet]   TPD4E001 Low-Capacitance 4-Channel ESD-Protection for High-Speed Data Interfaces
logo
TECH PUBLIC Electronics...
TPD3E001DRYR-TP TECHPUBLIC-TPD3E001DRYR-TP Datasheet
1Mb / 5P
   Low-Capacitance 3-Channel ESD-Protection for High-Speed Date Interfaces
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com