Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3222CWN Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX3222CWN
Description  3.0V to 5.5V, Low-Power, up to 1Mbps, True RS-232 Transceivers Using Four 0.1uF External Capacitors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3222CWN Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX3222CWN Datasheet HTML 5Page - Maxim Integrated Products MAX3222CWN Datasheet HTML 6Page - Maxim Integrated Products MAX3222CWN Datasheet HTML 7Page - Maxim Integrated Products MAX3222CWN Datasheet HTML 8Page - Maxim Integrated Products MAX3222CWN Datasheet HTML 9Page - Maxim Integrated Products MAX3222CWN Datasheet HTML 10Page - Maxim Integrated Products MAX3222CWN Datasheet HTML 11Page - Maxim Integrated Products MAX3222CWN Datasheet HTML 12Page - Maxim Integrated Products MAX3222CWN Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
3.0V to 5.5V, Low-Power, up to 1Mbps, True RS-232
Transceivers Using Four 0.1µF External Capacitors
_______________________________________________________________________________________
9
Power-Supply Decoupling
In most circumstances, a 0.1µF bypass capacitor is
adequate. In applications that are sensitive to power-
supply noise, decouple VCC to ground with a capacitor
of the same value as charge-pump capacitor C1. Connect
bypass capacitors as close to the IC as possible.
Operation Down to 2.7V
Transmitter outputs will meet EIA/TIA-562 levels of
±3.7V with supply voltages as low as 2.7V.
Transmitter Outputs when
Exiting Shutdown
Figure 3 shows two transmitter outputs when exiting
shutdown mode. As they become active, the two trans-
mitter outputs are shown going to opposite RS-232 lev-
els (one transmitter input is high, the other is low).
Each transmitter is loaded with 3k
Ω in parallel with
2500pF. The transmitter outputs display no ringing or
undesirable transients as they come out of shutdown.
Note that the transmitters are enabled only when the
magnitude of V- exceeds approximately 3V.
Mouse Driveability
The MAX3241 has been specifically designed to power
serial mice while operating from low-voltage power sup-
plies. It has been tested with leading mouse brands from
manufacturers such as Microsoft and Logitech. The
MAX3241 successfully drove all serial mice tested and
met their respective current and voltage requirements.
Figure 4a shows the transmitter output voltages under
increasing load current at 3.0V. Figure 4b shows a typical
mouse connection using the MAX3241.
Table 1. MAX3222/MAX3237/MAX3241
Shutdown and Enable Control Truth Table
Table 2. Required Minimum Capacitor Values
5V/div
VCC = 3.3V
C1–C4 = 0.1
µF
2V/div
T2
50
µs/div
T1
Figure 3. Transmitter Outputs when Exiting Shutdown or
Powering Up
VCC
(V)
C1
(µF)
4.5 to 5.5
0.047
3.0 to 5.5
0.1
C2, C3, C4
(µF)
MAX3222/MAX3232/MAX3241
0.33
0.47
1
Active
0
1
Active
1
S
SH
HD
DN
N
High-Z
1
0
High-Z
0
0
T_OUT
E
EN
N
High-Z
Active
High-Z
Active
R_OUT
R_OUTB
(MAX3237/
MAX3241)
Active
Active
Active
Active
3.0 to 3.6
0.22
3.15 to 3.6
0.1
MAX3237
0.22
0.1
4.5 to 5.5
0.047
3.0 to 5.5
0.22
0.33
1.0
3.0 to 3.6
0.1
0.1


Similar Part No. - MAX3222CWN

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
MAX3222CWN TGS-MAX3222CWN Datasheet
362Kb / 16P
   3.0V to 5.5V, Low-Power, up to 1Mbps, True RS-232 Transceivers Using Four 0.1關F External Capacitors
logo
Maxim Integrated Produc...
MAX3222CWN MAXIM-MAX3222CWN Datasheet
464Kb / 17P
   3.0V to 5.5V, Low-Power, up to 1Mbps, True RS-232 Transceivers Using Four 0.1μF External Capacitors
Rev 7; 1/07
logo
ARTSCHIP ELECTRONICS CO...
MAX3222CWN ARTSCHIP-MAX3222CWN Datasheet
1Mb / 15P
   Transceivers Transmitter
logo
Maxim Integrated Produc...
MAX3222CWN++ MAXIM-MAX3222CWN+ Datasheet
1Mb / 17P
   3.0V to 5.5V, Low-Power, Up to 1Mbps, True RS-232 Transceivers
19-0273; Rev 10; 5/19
More results

Similar Description - MAX3222CWN

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3222 MAXIM-MAX3222_14 Datasheet
464Kb / 17P
   3.0V to 5.5V, Low-Power, up to 1Mbps, True RS-232 Transceivers Using Four 0.1μF External Capacitors
Rev 7; 1/07
MAX3232CUE-T MAXIM-MAX3232CUE-T Datasheet
1Mb / 17P
   3.0V to 5.5V, Low-Power, up to 1Mbps, True RS-232 Transceivers Using Four 0.1μF External Capacitors
Rev 7; 1/07
logo
Tiger Electronic Co.,Lt...
MAX3232 TGS-MAX3232 Datasheet
362Kb / 16P
   3.0V to 5.5V, Low-Power, up to 1Mbps, True RS-232 Transceivers Using Four 0.1關F External Capacitors
logo
Maxim Integrated Produc...
MAX3222 MAXIM-MAX3222_V01 Datasheet
1Mb / 17P
   3.0V to 5.5V, Low-Power, Up to 1Mbps, True RS-232 Transceivers
19-0273; Rev 10; 5/19
logo
Sipex Corporation
SP3222 SIPEX-SP3222 Datasheet
131Kb / 20P
   True 3.0V to 5.5V RS-232 Transceivers
logo
Exar Corporation
SP3222EEY-L-TR EXAR-SP3222EEY-L-TR Datasheet
1Mb / 23P
   True 3.0V to 5.5V RS-232 Transceivers
SP3232EUEY-L-TR EXAR-SP3232EUEY-L-TR Datasheet
1Mb / 24P
   True 3.0V to 5.5V RS-232 Transceivers
logo
Guangdong Youtai Semico...
ADM3222A UMW-ADM3222A Datasheet
592Kb / 16P
   True 3.0V to 5.5V RS-232 Transceivers
logo
Exar Corporation
SP3222EEA-L-TR EXAR-SP3222EEA-L-TR Datasheet
1Mb / 24P
   True 3.0V to 5.5V RS-232 Transceivers
SP3232EBCY-L-TR EXAR-SP3232EBCY-L-TR Datasheet
644Kb / 24P
   True 3.0V to 5.5V RS-232 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com