Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3223EEPP Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX3223EEPP
Description  ±15kV ESD-Protected, 1μA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers with AutoShutdown
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3223EEPP Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX3223EEPP Datasheet HTML 5Page - Maxim Integrated Products MAX3223EEPP Datasheet HTML 6Page - Maxim Integrated Products MAX3223EEPP Datasheet HTML 7Page - Maxim Integrated Products MAX3223EEPP Datasheet HTML 8Page - Maxim Integrated Products MAX3223EEPP Datasheet HTML 9Page - Maxim Integrated Products MAX3223EEPP Datasheet HTML 10Page - Maxim Integrated Products MAX3223EEPP Datasheet HTML 11Page - Maxim Integrated Products MAX3223EEPP Datasheet HTML 12Page - Maxim Integrated Products MAX3223EEPP Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
_______________________________________________________________________________________
9
1µA Supply-Current, True +3V to +5.5V
RS-232 Transceivers with AutoShutdown™
Table 2 and Figure 3c summarize the MAX3221E/
MAX3223E/MAX3243E operating modes. FORCEON
and FORCEOFF override AutoShutdown. When neither
control is asserted, the IC selects between these states
automatically, based on receiver input levels. Figures
3a, 3b, and 5a depict valid and invalid RS-232 receiver
levels. Figure 5 shows the input levels and timing dia-
gram for AutoShutdown operation.
A mouse or other system with AutoShutdown may need
time to wake up. Figure 4 shows a circuit that forces the
transmitters on for 100ms, allowing enough time for the
other system to realize that the MAX3221E/MAX3223E/
MAX3243E are awake. If the other system transmits
valid RS-232 signals within that time, the RS-232 ports
on both systems remain enabled.
When shut down, the device’s charge pumps are off, V+
is pulled to VCC, V- is pulled to ground, and the trans-
mitter outputs are high impedance. The time required to
exit shutdown is typically 100µs (Figure 5b).
Software-Controlled Shutdown
If direct software control is desired, INVALID can be
used to indicate DTR or Ring Indicator signal. Connect
FORCEOFF and FORCEON together to disable Auto-
Shutdown so the line acts like a SHDN input.
V-
VCC
0
V+
0
VCC
tINVL
tWU
INVALID
REGION
RECEIVER
INPUT
VOLTAGE
(V)
INVALID
OUTPUT
(V)
tINVH
TRANSMITTERS ENABLED, INVALID HIGH
AUTOSHUTDOWN, TRANSMITTERS DISABLED,
1
µA SUPPLY CURRENT, INVALID LOW
TRANSMITTERS ENABLED, INVALID HIGH
-2.7V
-0.3V
+2.7V
+0.3V
0
INDETERMINATE
INDETERMINATE
b)
a)
Figure 5. AutoShutdown Trip Levels
FORCEON
MASTER SHDN LINE
0.1µF
1M
FORCEOFF
MAX3221E
MAX3223E
MAX3243E
POWER-
MANAGEMENT
UNIT
Figure 4. AutoShutdown with Initial Turn-On to Wake Up a
Mouse or Another System
FORCEOFF
POWER DOWN
INVALID
FORCEON
INVALID IS AN INTERNALLY GENERATED SIGNAL
THAT IS USED BY THE AUTOSHUTDOWN LOGIC
AND APPEARS AS AN OUTPUT OF THE DEVICE.
POWER DOWN IS ONLY AN INTERNAL SIGNAL.
IT CONTROLS THE OPERATIONAL STATUS OF
THE TRANSMITTERS AND THE POWER SUPPLIES.
Figure 3c. MAX32_ _E AutoShutdown Logic
Table 2. INVALID Truth Table
Low
No
High
Yes
INVALID OUTPUT
RS-232 SIGNAL PRESENT
AT ANY RECEIVER INPUT


Similar Part No. - MAX3223EEPP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3223EEPP MAXIM-MAX3223EEPP Datasheet
1Mb / 19P
   15,-15kV ESD-Protected, 1muA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers
Rev 7; 8/11
MAX3223EEPP++ MAXIM-MAX3223EEPP+ Datasheet
659Kb / 19P
   ±15kV ESD-Protected, 1μA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers with AutoShutdown
Rev 7; 8/11
More results

Similar Description - MAX3223EEPP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3221E MAXIM-MAX3221E_14 Datasheet
659Kb / 19P
   ±15kV ESD-Protected, 1μA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers with AutoShutdown
Rev 7; 8/11
MAX3221E MAXIM-MAX3221E_11 Datasheet
692Kb / 19P
   15kV ESD-Protected, 1uA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers with AutoShutdown
Rev 7; 8/11
MAX3244EEAI MAXIM-MAX3244EEAI Datasheet
958Kb / 21P
   ±15kV ESD-Protected, 1μA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 10; 3/11
MAX3245EEUI MAXIM-MAX3245EEUI Datasheet
958Kb / 21P
   ±15kV ESD-Protected, 1μA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 10; 3/11
MAX3224E MAXIM-MAX3224E_14 Datasheet
454Kb / 21P
   ±15kV ESD-Protected, 1μA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 10; 3/11
MAX3224E MAXIM-MAX3224E Datasheet
243Kb / 20P
   ±15kV ESD-Protected, 1μA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 10; 3/11
MAX3221EEUE MAXIM-MAX3221EEUE Datasheet
1Mb / 19P
   15,-15kV ESD-Protected, 1muA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers
Rev 7; 8/11
MAX3225EEUP MAXIM-MAX3225EEUP Datasheet
958Kb / 21P
   15kV ESD-Protected, 1uA, 1Mbps, 3.0V to 5.5V RS-232 Transceivers
Rev 10; 3/11
MAX3238CAI-T MAXIM-MAX3238CAI-T Datasheet
207Kb / 12P
   3.0V to 5.5V, 1μA, up to 250kbps, True RS-232 Transceiver with AutoShutdown Plus
Rev 1; 10/02
MAX3224 MAXIM-MAX3224_14 Datasheet
430Kb / 19P
   1μA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 5; 2/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com