Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3223EAP Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX3223EAP
Description  1μA Supply-Current, True 3V to 5.5V RS 232 Transceiver with AutoShutdown
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3223EAP Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX3223EAP Datasheet HTML 1Page - Maxim Integrated Products MAX3223EAP Datasheet HTML 2Page - Maxim Integrated Products MAX3223EAP Datasheet HTML 3Page - Maxim Integrated Products MAX3223EAP Datasheet HTML 4Page - Maxim Integrated Products MAX3223EAP Datasheet HTML 5Page - Maxim Integrated Products MAX3223EAP Datasheet HTML 6Page - Maxim Integrated Products MAX3223EAP Datasheet HTML 7Page - Maxim Integrated Products MAX3223EAP Datasheet HTML 8Page - Maxim Integrated Products MAX3223EAP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
1µA Supply-Current, True +3V to +5.5V
RS-232 Transceivers with AutoShutdown
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +3.0V to +5.5V, C1–C4 = 0.1µF (Note 2), TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
Note 2: C1–C4 = 0.1µF, tested at 3.3V ±10%. C1 = 0.047µF, C2–C4 = 0.33µF, tested at 5.0V ±10%.
200
Normal operation
200
Receiver Output Enable Time
Normal operation
ns
tPLH
Receiver input to receiver output,
CL = 150pF
4
8.0
30
Transition-Region Slew Rate
V/µs
VCC = 3.3V,
RL = 3k
Ω to 7kΩ,
TA = +25°C,
measured from +3V to
-3V or -3V to +3V
Transmitter Skew
200
ns
 tPHL - tPLH
PARAMETER
MIN
TYP
MAX
UNITS
±25
Output Short-Circuit Current
±35
±60
mA
Output Resistance
300
10M
Output Leakage Current
µA
Input Threshold Low
0.6
1.2
V
±5.0
±5.4
Output Voltage Swing
V
Maximum Data Rate
120
235
kbps
Receiver Propagation Delay
0.3
µs
CONDITIONS
VCC = V+ = V- = 0V, transmitter output = ±2V
VOUT = ±12V, VCC = 0V or 3.0V to 5.5V,
transmitters disabled
RL = 3k
Ω, CL = 1000pF, one transmitter switching
All transmitter outputs loaded with 3k
Ω to ground
ns
Receiver Output Disable Time
tPHL
0.3
Input Voltage Range
-25
25
V
Input Hysteresis
0.3
V
Input Threshold High
V
Input Resistance
35
7
k
TA = +25°C
0.8
1.5
1.8
2.4
1.5
2.4
TA = +25°C
TA = +25°C
VCC = 3.3V
VCC = 3.3V
VCC = 5.0V
VCC = 5.0V
CL = 200pF to 2500pF
CL = 200pF to 1000pF
630
±5
Transmitter Output Voltage
V
T1IN = T2IN = GND, T3IN = VCC,
T3OUT loaded with 3k
Ω to GND, T1OUT and
T2OUT loaded with 2.5mA each
MAX3221/MAX3223
MAX3243
200
1000
Receiver Skew
100
ns
 tPHL - tPLH
MAX3221/MAX3223
MAX3243
100
500
RECEIVER INPUTS
TIMING CHARACTERISTICS
TRANSMITTER OUTPUTS
MOUSE DRIVEABILITY (MAX3243)


Similar Part No. - MAX3223EAP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3223EAP MAXIM-MAX3223EAP Datasheet
454Kb / 16P
   1μA Supply-Current, True 3V to 5.5V RS-232 Transceivers with AutoShutdown
Rev 8; 10/03
MAX3223EAP MAXIM-MAX3223EAP Datasheet
331Kb / 17P
   3V to 5.5V RS-232 Transceivers with AutoShutdown
Rev 9; 1/15
MAX3223EAP MAXIM-MAX3223EAP Datasheet
1Mb / 16P
   3V to 5.5V RS-232 Transceivers with AutoShutdown
19-0306; Rev 10; 5/19
More results

Similar Description - MAX3223EAP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3221 MAXIM-MAX3221_03 Datasheet
454Kb / 16P
   1μA Supply-Current, True 3V to 5.5V RS-232 Transceivers with AutoShutdown
Rev 8; 10/03
MAX3238CAI-T MAXIM-MAX3238CAI-T Datasheet
207Kb / 12P
   3.0V to 5.5V, 1μA, up to 250kbps, True RS-232 Transceiver with AutoShutdown Plus
Rev 1; 10/02
MAX3224 MAXIM-MAX3224_11 Datasheet
251Kb / 19P
   1μA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 5; 2/11
MAX3224 MAXIM-MAX3224_14 Datasheet
430Kb / 19P
   1μA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 5; 2/11
MAX3224 MAXIM-MAX3224_08 Datasheet
211Kb / 20P
   1μA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
MAX3221 MAXIM-MAX3221_15 Datasheet
331Kb / 17P
   3V to 5.5V RS-232 Transceivers with AutoShutdown
Rev 9; 1/15
MAX3221 MAXIM-MAX3221_V01 Datasheet
1Mb / 16P
   3V to 5.5V RS-232 Transceivers with AutoShutdown
19-0306; Rev 10; 5/19
MAX3221E MAXIM-MAX3221E Datasheet
153Kb / 16P
   ±15kV ESD-Protected, 1μA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers with AutoShutdown
Rev 2; 1/98
logo
Renesas Technology Corp
ICL3224 RENESAS-ICL3224 Datasheet
410Kb / 27P
   1μA, 3V to 5.5V, 250kbps, RS-232 Transceivers with Enhanced Automatic
May.29.19
logo
Maxim Integrated Produc...
MAX3221E MAXIM-MAX3221E_14 Datasheet
659Kb / 19P
   ±15kV ESD-Protected, 1μA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers with AutoShutdown
Rev 7; 8/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com