Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR3892M Datasheet(PDF) 8 Page - International Rectifier

Part # IR3892M
Description  Single-Input Voltage, Synchronous Buck Regulator
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3892M Datasheet(HTML) 8 Page - International Rectifier

Back Button IR3892M_15 Datasheet HTML 4Page - International Rectifier IR3892M_15 Datasheet HTML 5Page - International Rectifier IR3892M_15 Datasheet HTML 6Page - International Rectifier IR3892M_15 Datasheet HTML 7Page - International Rectifier IR3892M_15 Datasheet HTML 8Page - International Rectifier IR3892M_15 Datasheet HTML 9Page - International Rectifier IR3892M_15 Datasheet HTML 10Page - International Rectifier IR3892M_15 Datasheet HTML 11Page - International Rectifier IR3892M_15 Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
IR3892
8
www.irf.com
© 2014 International Rectifier
Submit Datasheet Feedback
May 29, 2014
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Reference Voltage
Feedback Voltage
Vfb
VSeq=3.3V
0.5
V
Accuracy
0°C < Tj < 85°C
-1
+1
%
-40°C < Tj < 125°C,
Note 5
-1.5
+1.5
Soft Start
Soft Start Ramp Rate
Ramp (SS_start)
0.14
0.18
0.22
mV /
µs
Fault Protecion
Current Limit
ICC
Vcc=5.5V, Tj = 25°C
7.8
9
10.4
A /
Phase
Hiccup blanking time
Tblk_Hiccup
Note 4
20.48
ms
OFLP Trip Threshold
OFLP(threshold)
Fb Falling
65
70
75
%Vref
OFLP Fault Prop Delay
OFLP(delay)
0.1
0.3
0.5
µs
OVP Trip Threshold
OVP(threshold)
Vsns Rising
115
120
125
%Vref
OVP Trip Threshold
Hysteresis
OVP_Hys
Vsns falling from above
120% of Vref, Sync_FET
turns off afterwards
25
mV
OVP Comparator Delay
OVP(delay)
2
µs
Thermal Shutdown
Note 4
140
°C
Thermal Hysteresis
Note 4
20
°C
VCC-Start-Threshold
VCC_UVLO_Start
VCC Rising Trip Level
4.0
4.2
4.4
V
VCC-Stop-Threshold
VCC_UVLO_Stop
VCC Falling Trip Level
3.7
3.9
4.1
Input / Output Signals
Enable-Start-Threshold
EN_UVLO_Start
Supply ramping up
1.14
1.2
1.26
V
Enable-Stop-Threshold
EN_UVLO_Stop
Supply ramping down
0.95
1
1.05
Enable leakage current
Ien
Enable=3.3V
3
4.5
µA
Power Good upper
Threshold
VPG(upper)
Vsns Rising
80
85
90
%Vref
Power Good lower
Threshold
VPG(lower)
Vsns Falling
75
80
85
%Vref
Lower Threshold Delay
VPG(lower)_Dly
Vsns Rising
1
1.3
1.6
ms
PGood Voltage Low
PG(voltage)
IPgood= -5mA
0.5
V
Note:
4.
Guaranteed by design but not tested in production.
5.
Cold temperature performance is guaranteed via correlation using statistical quality control. Not tested in
production.


Similar Part No. - IR3892M_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3892MPBF IRF-IR3892MPBF Datasheet
3Mb / 51P
   Dual output, 6A/Phase, Highly Integrated SupIRBuck
IR3892MTR1PBF IRF-IR3892MTR1PBF Datasheet
3Mb / 51P
   Dual output, 6A/Phase, Highly Integrated SupIRBuck
IR3892MTRPBF IRF-IR3892MTRPBF Datasheet
3Mb / 51P
   Dual output, 6A/Phase, Highly Integrated SupIRBuck
More results

Similar Description - IR3892M_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3846 IRF-IR3846 Datasheet
3Mb / 53P
   Single-Input Voltage, Synchronous Buck Regulator
IR3891M IRF-IR3891M_15 Datasheet
1Mb / 51P
   Single-Input Voltage, Synchronous Buck Regulator
IR3898M IRF-IR3898M_15 Datasheet
3Mb / 46P
   Single-Input Voltage, Synchronous Buck Regulator
IR3847M IRF-IR3847M_15 Datasheet
1Mb / 55P
   Single-Input Voltage, Synchronous Buck Regulator
IR3871MTRPBF IRF-IR3871MTRPBF Datasheet
1Mb / 21P
   WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3865MTRPBF IRF-IR3865MTRPBF Datasheet
1Mb / 22P
   WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3839MPBF IRF-IR3839MPBF_15 Datasheet
1Mb / 35P
   HIGHLY INTEGRATED 6A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3838MTR1PBF IRF-IR3838MTR1PBF Datasheet
1Mb / 35P
   HIGHLY INTEGRATED 10A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3837MPBF IRF-IR3837MPBF Datasheet
1Mb / 36P
   HIGHLY INTEGRATED 14A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3839MPBF IRF-IR3839MPBF Datasheet
1Mb / 35P
   HIGHLY INTEGRATED 6A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com