Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR3871M Datasheet(PDF) 4 Page - International Rectifier

Part # IR3871M
Description  8A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3871M Datasheet(HTML) 4 Page - International Rectifier

  IR3871M Datasheet HTML 1Page - International Rectifier IR3871M Datasheet HTML 2Page - International Rectifier IR3871M Datasheet HTML 3Page - International Rectifier IR3871M Datasheet HTML 4Page - International Rectifier IR3871M Datasheet HTML 5Page - International Rectifier IR3871M Datasheet HTML 6Page - International Rectifier IR3871M Datasheet HTML 7Page - International Rectifier IR3871M Datasheet HTML 8Page - International Rectifier IR3871M Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
4
IR3871MPBF
Pin Description
NAME
NUMBER
I/O
LEVEL
DESCRIPTION
NC
1
-----
No connection.
ISET
2
Connecting resistor to PHASE pin sets over current trip point.
PGOOD
3
5V
Power good open drain output
– pull up with a resistor to 3.3V.
GND
4,17
Reference
Bias return and signal reference.
FB
5
3.3V
Inverting input to PWM comparator, OVP / PGood sense.
SS
6
3.3V
Soft start/shutdown. This pin provides user programmable soft-
start function. Connect an external capacitor from this pin to
GND to set the startup time of the output voltage. The converter
can be shutdown by pulling this pin below 0.3V.
NC
7
-----
No connection.
3VCBP
8
3.3V
LDO output. A minimum of 1.0 µF ceramic capacitor is required
from 3VCBP to GND.
NC
9
-----
No connection.
VCC
10
5V
Gate drive supply. A minimum of 1.0µF ceramic capacitor must
be connected from this pin to the power return (PGND).
PGND
11
Reference
Power return.
PHASE
12
VIN
Phase node (or switching node) of MOSFET half bridge.
VIN
13
VIN
Input voltage for the system.
BOOT
14
VIN +VCC
Bootstrapped gate drive supply
– connect a capacitor to
PHASE.
FF
15
VIN
Input voltage feed forward
– sets on-time with a resistor to VIN.
EN
16
5V
Enable pin to turn on and off the device. Use two external
resistors to set the turn on threshold (see Electrical
Specifications) for input voltage monitoring.


Similar Part No. - IR3871M

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3871MPBF IRF-IR3871MPBF Datasheet
1Mb / 21P
   8A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3871MTRPBF IRF-IR3871MTRPBF Datasheet
1Mb / 21P
   WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
More results

Similar Description - IR3871M

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3871MPBF IRF-IR3871MPBF Datasheet
1Mb / 21P
   8A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3800MPBF IRF-IR3800MPBF Datasheet
672Kb / 21P
   HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3821MPBF IRF-IR3821MPBF Datasheet
40Kb / 1P
   HIGHLY INTEGRATED 7A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3810MTR1PBF IRF-IR3810MTR1PBF Datasheet
677Kb / 21P
   HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3865MPBF IRF-IR3865MPBF Datasheet
1Mb / 22P
   10A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3820MPBF IRF-IR3820MPBF_08 Datasheet
676Kb / 21P
   HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3865M IRF-IR3865M_15 Datasheet
1Mb / 22P
   10A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3876M IRF-IR3876M_15 Datasheet
1Mb / 21P
   12A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3802MTRPBF IRF-IR3802MTRPBF Datasheet
672Kb / 21P
   HIGHLY INTEGRATED 4A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3870MBF IRF-IR3870MBF Datasheet
1Mb / 20P
   10A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com