Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3212EAI Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX3212EAI
Description  2.7V to3.6V-Powered, 1關A Supply Current, 3-Driver/5-Receiver, True RS-232Transceiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3212EAI Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX3212EAI Datasheet HTML 4Page - Maxim Integrated Products MAX3212EAI Datasheet HTML 5Page - Maxim Integrated Products MAX3212EAI Datasheet HTML 6Page - Maxim Integrated Products MAX3212EAI Datasheet HTML 7Page - Maxim Integrated Products MAX3212EAI Datasheet HTML 8Page - Maxim Integrated Products MAX3212EAI Datasheet HTML 9Page - Maxim Integrated Products MAX3212EAI Datasheet HTML 10Page - Maxim Integrated Products MAX3212EAI Datasheet HTML 11Page - Maxim Integrated Products MAX3212EAI Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Table 2 summarizes the MAX3212 operating modes.
FORCEON and FORCEOFF override the automatic cir-
cuitry and force the transceiver into its normal operat-
ing state or into its low-power standby state. When
neither control is asserted, the IC selects between
these states automatically based on receiver input lev-
els. Figure 4 depicts valid and invalid RS-232 receiver
levels. The MAX3212 shuts down after sensing invalid
RS-232 levels for greater than 30µs, ensuring the
AutoShutdown mode is not enabled for slow-moving
signals (1V/µs).
A mouse or another system with AutoShutdown may
need a period of time to wake up. Figure 5 shows a cir-
cuit that forces the transmitters on for 100ms after start-
up, allowing enough time for the other system to realize
that the MAX3212 system is awake. If the other system
outputs valid RS-232 signals within that time, the RS-
232 ports on both systems remain enabled.
Transition Detector
The MAX3212 also has an on-board transition detector
that monitors activity on the receiver inputs. In systems
with a sleep mode, the transition detector output (TRAN)
can be used to wake up the system when activity at the
receiver inputs is detected. Before putting the system to
sleep, set TRAN low by cycling EN high and then low.
TRAN remains low as long as no activity is detected on
the receiver inputs. When any receiver is toggled, TRAN
latches high. Connect TRAN to a microprocessor inter-
rupt, or if the system wakes up periodically TRAN can
be polled. Transition detection is useful when valid RS-
232 levels are present at the receiver inputs but no data
is being sent. For example, if a printer is attached to the
serial port but is not in use, the microprocessor senses
this and forces the MAX3212 off.
+2.7V to +3.6V-Powered, 1µA Supply Current,
3-Driver/5-Receiver, True RS-232 Transceiver
8
_______________________________________________________________________________________
INVALID IS AN INTERNALLY GENERATED SIGNAL
THAT IS USED BY THE AUTOSHUTDOWN LOGIC
AND APPEARS AS AN OUTPUT OF THE DEVICE.
POWER DOWN IS ONLY AN INTERNAL SIGNAL.
IT CONTROLS THE OPERATIONAL STATUS OF
THE TRANSMITTERS AND THE POWER SUPPLIES.
FORCEOFF
0
0
0
0
1
1
1
1
FORCEON
0
0
1
1
0
0
1
1
INVALID
0
1
0
1
0
1
0
1
POWER DOWN
0
0
0
0
0
1
1
1
POWER DOWN
FORCEOFF
FORCEON
INVALID
+
-
+
-
Rx
RIN_
EN
ROUT_
30µs
DELAY
+0.3V to +3.0V
-0.3V to -3.0V
Figure 3. AutoShutdown Logic


Similar Part No. - MAX3212EAI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3218 MAXIM-MAX3218 Datasheet
123Kb / 12P
   1uA Supply Current, 1.8V to 4.25V-Powered RS-232 Transceiver with AutoShutdown™
Rev 0; 3/95
MAX3218 MAXIM-MAX3218 Datasheet
817Kb / 13P
   1關A Supply Current, 1.8V to 4.25V-Powered RS-232 Transceiver with AutoShutdown
19-0380; Rev 2; 5/18
MAX3218C/D MAXIM-MAX3218C/D Datasheet
123Kb / 12P
   1uA Supply Current, 1.8V to 4.25V-Powered RS-232 Transceiver with AutoShutdown™
Rev 0; 3/95
MAX3218CAP MAXIM-MAX3218CAP Datasheet
123Kb / 12P
   1uA Supply Current, 1.8V to 4.25V-Powered RS-232 Transceiver with AutoShutdown™
Rev 0; 3/95
MAX3218CAP++ MAXIM-MAX3218CAP+ Datasheet
817Kb / 13P
   1關A Supply Current, 1.8V to 4.25V-Powered RS-232 Transceiver with AutoShutdown
19-0380; Rev 2; 5/18
More results

Similar Description - MAX3212EAI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2242EVKIT MAXIM-MAX2242EVKIT Datasheet
156Kb / 5P
   2.7V to 3.6V True Single-Supply Operation Evaluation Kit
Rev 0; 1/01
MAX3218 MAXIM-MAX3218_V01 Datasheet
817Kb / 13P
   1關A Supply Current, 1.8V to 4.25V-Powered RS-232 Transceiver with AutoShutdown
19-0380; Rev 2; 5/18
MAX40025EVKIT MAXIM-MAX40025EVKIT Datasheet
495Kb / 8P
   Supply Voltage 2.7V to 3.6V
319-100306; Rev 3; 5/19
logo
Elite Semiconductor Mem...
F59L4G81A ESMT-F59L4G81A Datasheet
1Mb / 54P
   Voltage Supply: 3.3V (2.7V ~ 3.6V)
F59L1G81MA ESMT-F59L1G81MA Datasheet
1Mb / 44P
   Voltage Supply: 3.3V (2.7V~3.6V)
F59L1G81MA-2Y ESMT-F59L1G81MA-2Y Datasheet
1Mb / 44P
   Voltage Supply: 3.3V (2.7V~3.6V)
F59L2G81A ESMT-F59L2G81A Datasheet
1Mb / 55P
   Voltage Supply: 3.3V (2.7V ~ 3.6V)
F50L1G41A-2Y ESMT-F50L1G41A-2Y Datasheet
695Kb / 36P
   Voltage Supply: 3.3V (2.7V~3.6V)
logo
Union Semiconductor, In...
UM3243 UNIONSEMI-UM3243 Datasheet
541Kb / 22P
   Low Supply Current, 3V to 5.5V, 250kbps, 3-Driver/5-Receiver, Enhanced ESD Protection Smart RS-232 Transceivers
logo
Exar Corporation
XR32430 EXAR-XR32430 Datasheet
976Kb / 13P
   3-Driver/5-Receiver Intelligent RS-232 Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com