Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3221E Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX3221E
Description  ±15kV ESD-Protected, 1μA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers with AutoShutdown
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3221E Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX3221E Datasheet HTML 7Page - Maxim Integrated Products MAX3221E Datasheet HTML 8Page - Maxim Integrated Products MAX3221E Datasheet HTML 9Page - Maxim Integrated Products MAX3221E Datasheet HTML 10Page - Maxim Integrated Products MAX3221E Datasheet HTML 11Page - Maxim Integrated Products MAX3221E Datasheet HTML 12Page - Maxim Integrated Products MAX3221E Datasheet HTML 13Page - Maxim Integrated Products MAX3221E Datasheet HTML 14Page - Maxim Integrated Products MAX3221E Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
The major difference between tests done using the
Human Body Model and IEC1000-4-2 is higher peak
current in IEC1000-4-2, because series resistance is
lower in the IEC1000-4-2 model. Hence, the ESD with-
stand voltage measured to IEC1000-4-2 is generally
lower than that measured using the Human Body
Model. Figure 7a shows the IEEE1000-4-2 model and
Figure 7b shows the current waveform for the ±8kV
IEC1000-4-2 Level 4 ESD contact-discharge test.
The air-gap test involves approaching the device with a
charged probe. The contact-discharge method connects
the probe to the device before the probe is energized.
Machine Model
The Machine Model for ESD tests all pins using a 200pF
storage capacitor and zero discharge resistance. Its
objective is to emulate the stress caused by contact that
occurs with handling and assembly during manufactur-
ing. Of course, all pins require this protection during
manufacturing, not just RS-232 inputs and outputs.
Therefore, after PC board assembly, the Machine Model
is less relevant to I/O ports.
___________Applications Information
Capacitor Selection
The capacitor type used for C1–C4 is not critical for
proper operation; either polarized or nonpolarized
capacitors may be used. The charge pump requires
0.1µF capacitors for 3.3V operation. For other supply
voltages, refer to Table 3 for required capacitor values.
Do not use values smaller than those listed in Table 3.
Increasing the capacitor values (e.g., by a factor of 2)
reduces ripple on the transmitter outputs and slightly
reduces power consumption. C2, C3, and C4 can be
increased without changing C1’s value. However, do
not increase C1 without also increasing the values of
C2, C3, and C4 to maintain the proper ratios (C1 to
the other capacitors).
When using the minimum required capacitor values,
make sure the capacitor value does not degrade exces-
sively with temperature. If in doubt, use capacitors with a
larger nominal value. The capacitor’s equivalent series
resistance (ESR) usually rises at low temperatures and
influences the amount of ripple on V+ and V-.
Power-Supply Decoupling
In most circumstances, a 0.1µF VCC bypass capacitor is
adequate. In applications that are sensitive to power-
supply noise, use a capacitor of the same value as the
charge-pump capacitor C1. Connect bypass capacitors
as close to the IC as possible.
Transmitter Outputs
when Exiting Shutdown
Figure 8 shows two transmitter outputs when exiting
shut down mode. As they become active, the two trans-
mitter outputs are shown going to opposite RS-232 lev-
els (one transmitter output is high, the other is low).
Each transmitter is loaded with 3k
Ω in parallel with
1000pF. The transmitter outputs display no ringing or
undesirable transients as they come out of shutdown,
and are enabled only when the magnitude of V-
exceeds approximately -3V.
±15kV ESD-Protected, 1µA, 3.0V to 5.5V, 250kbps,
RS-232 Transceivers with AutoShutdown
______________________________________________________________________________________
11
0.33
0.047
4.5 to 5.5
0.1
0.1
3.15 to 3.6
0.22
0.22
3.0 to 3.6
C2, C3, C4
(µF)
C1, CBYPASS
(µF)
VCC
(V)
Table 3. Required Capacitor Values
40
µs/div
T2OUT
FORCEON =
FORCEOFF
T1OUT
5V/div
2V/div
VCC = 3.3V
C1–C4 = 0.1
µF
Figure 8. Transmitter Outputs Exiting Shutdown or Powering Up
1
0.22
3.0 to 5.5
Table 4. Logic Family Compatibility with
Various Supply Voltages
Compatible with ACT and
HCT CMOS, and with TTL.
Incompatible with AC, HC,
or CD4000 CMOS.
3.3
5
SYSTEM
POWER-
SUPPLY
VOLTAGE
(V)
Compatible with all TTL and
CMOS-logic families.
5
5
Compatible with all CMOS
families.
3.3
3.3
COMPATIBILITY
VCC SUPPLY
VOLTAGE
(V)


Similar Part No. - MAX3221E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX3221E TI-MAX3221E Datasheet
166Kb / 15P
[Old version datasheet]   3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER WITH 15-kV IEC ESD PROTECTION
MAX3221E TI-MAX3221E Datasheet
357Kb / 17P
[Old version datasheet]   3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER WITH 15-kV IEC ESD PROTECTION
logo
Maxim Integrated Produc...
MAX3221E MAXIM-MAX3221E Datasheet
692Kb / 19P
   15kV ESD-Protected, 1uA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers with AutoShutdown
Rev 7; 8/11
MAX3221E MAXIM-MAX3221E Datasheet
958Kb / 21P
   15kV ESD-Protected, 1uA, 1Mbps, 3.0V to 5.5V RS-232 Transceivers
Rev 10; 3/11
MAX3221EAE MAXIM-MAX3221EAE Datasheet
454Kb / 16P
   1μA Supply-Current, True 3V to 5.5V RS-232 Transceivers with AutoShutdown
Rev 8; 10/03
More results

Similar Description - MAX3221E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3221E MAXIM-MAX3221E_14 Datasheet
659Kb / 19P
   ±15kV ESD-Protected, 1μA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers with AutoShutdown
Rev 7; 8/11
MAX3221E MAXIM-MAX3221E_11 Datasheet
692Kb / 19P
   15kV ESD-Protected, 1uA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers with AutoShutdown
Rev 7; 8/11
MAX3244EEAI MAXIM-MAX3244EEAI Datasheet
958Kb / 21P
   ±15kV ESD-Protected, 1μA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 10; 3/11
MAX3245EEUI MAXIM-MAX3245EEUI Datasheet
958Kb / 21P
   ±15kV ESD-Protected, 1μA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 10; 3/11
MAX3224E MAXIM-MAX3224E_14 Datasheet
454Kb / 21P
   ±15kV ESD-Protected, 1μA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 10; 3/11
MAX3224E MAXIM-MAX3224E Datasheet
243Kb / 20P
   ±15kV ESD-Protected, 1μA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 10; 3/11
MAX3221EEUE MAXIM-MAX3221EEUE Datasheet
1Mb / 19P
   15,-15kV ESD-Protected, 1muA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers
Rev 7; 8/11
MAX3225EEUP MAXIM-MAX3225EEUP Datasheet
958Kb / 21P
   15kV ESD-Protected, 1uA, 1Mbps, 3.0V to 5.5V RS-232 Transceivers
Rev 10; 3/11
MAX3238CAI-T MAXIM-MAX3238CAI-T Datasheet
207Kb / 12P
   3.0V to 5.5V, 1μA, up to 250kbps, True RS-232 Transceiver with AutoShutdown Plus
Rev 1; 10/02
MAX3224 MAXIM-MAX3224_14 Datasheet
430Kb / 19P
   1μA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 5; 2/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com