Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3212EWI Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX3212EWI
Description  2.7V to3.6V-Powered, 1關A Supply Current, 3-Driver/5-Receiver, True RS-232Transceiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3212EWI Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX3212EWI Datasheet HTML 2Page - Maxim Integrated Products MAX3212EWI Datasheet HTML 3Page - Maxim Integrated Products MAX3212EWI Datasheet HTML 4Page - Maxim Integrated Products MAX3212EWI Datasheet HTML 5Page - Maxim Integrated Products MAX3212EWI Datasheet HTML 6Page - Maxim Integrated Products MAX3212EWI Datasheet HTML 7Page - Maxim Integrated Products MAX3212EWI Datasheet HTML 8Page - Maxim Integrated Products MAX3212EWI Datasheet HTML 9Page - Maxim Integrated Products MAX3212EWI Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
not the absolute voltages. Increasing the size of C1 and
C2 increases the time V+ and V- take to reach their final
value. Bypass VCC to GND with at least 0.33
µF close to
the MAX3212. Increase this to 4.7
µF if there are no other
VCC supply bypass components less than 6 inches
(15cm) away from the MAX3212.
Component suppliers are listed in Table 1.
RS-232 Drivers
All three drivers are identical and deliver EIA/TIA-232E
and EIA/TIA-562 output voltage levels when VCC is be-
tween 2.7V and 3.6V. When FORCEOFF is driven low or
when the AutoShutdown circuitry senses invalid voltage
levels at all receiver inputs, the drivers are disabled
and the outputs are forced into a high-impedance
state.
RS-232 Receivers
The MAX3212 receivers convert RS-232 signals to
CMOS-logic output levels. All receivers have one in-
verting three-state output. Receiver 5 also has a com-
plementary (noninverting) output. In shutdown, all five
inverting receivers can be either active or inactive
under logic control.
The complementary output (R5OUTB) is always active,
regardless of the state of EN or the part’s shutdown sta-
tus. R5OUTB can monitor RS-232 activity while the
other receivers are high impedance. This allows Ring
Indicator to be monitored without forward biasing other
devices connected to the receiver outputs. This is ideal
for systems where the UART’s VCC is set to 0V in shut-
down. (See Figure 2.)
Enable Control
The EN input has two functions: It allows enabling/dis-
abling of the receivers, and it is used to reset the transi-
tion detector.
Driving EN low places five inverting receiver outputs
(R_OUT) into a high-impedance state. R5OUTB is
always active, regardless of the state of EN or the part’s
shutdown status (Table 2). EN has no effect on T_OUT.
EN also resets the transition detector. Drive EN high and
then low to reset the TRAN output low. TRAN goes high
when a transition occurs on any receiver input.
+2.7V to +3.6V-Powered, 1µA Supply Current,
3-Driver/5-Receiver, True RS-232 Transceiver
6
_______________________________________________________________________________________
Table 1. Suggested Component Suppliers
Table 2. AutoShutdown Logic
MANUFACTURER
PART NUMBER
PHONE
FAX
Motorola
MMBD6050LT1
USA (408) 749-0510
USA (408) 991-7420
Murata-Erie
LQH4N150K-TA
USA (404) 436-1300
Japan (075) 951-9111
USA (404) 684-1541
Japan (075) 955-6526
Sumida
CD43150
USA (708) 956-0666
Japan (03) 3607-5111
USA (708) 956-0702
Japan (03) 3607-5428
TDK
NLC453232T-150K
USA (708) 803-6100
Japan (03) 3278-5111
USA (708) 803-6296
Japan (03) 3278-5358
Allegro
TMPD6050LT
USA (508) 853-5000
USA (508) 853-5049
Philips
PMBD6050
USA (401) 762-3800
USA (401) 767-4493
RS-232 SIGNAL
PRESENT AT
RECEIVER INPUT
FORCEOFF INPUT
FORCEON
INPUT
INVALID OUTPUT
TRANSCEIVER STATUS
Yes
H
X
H
Normal Operation
No
H
H
L
Normal Operation (Forced On)
No
H
L
L
Shutdown (AutoShutdown)
Yes
L
X
H
Shutdown (Forced Off)
No
L
X
L
Shutdown (Forced Off)
Diodes
Inductors


Similar Part No. - MAX3212EWI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3218 MAXIM-MAX3218 Datasheet
123Kb / 12P
   1uA Supply Current, 1.8V to 4.25V-Powered RS-232 Transceiver with AutoShutdown™
Rev 0; 3/95
MAX3218 MAXIM-MAX3218 Datasheet
817Kb / 13P
   1關A Supply Current, 1.8V to 4.25V-Powered RS-232 Transceiver with AutoShutdown
19-0380; Rev 2; 5/18
MAX3218C/D MAXIM-MAX3218C/D Datasheet
123Kb / 12P
   1uA Supply Current, 1.8V to 4.25V-Powered RS-232 Transceiver with AutoShutdown™
Rev 0; 3/95
MAX3218CAP MAXIM-MAX3218CAP Datasheet
123Kb / 12P
   1uA Supply Current, 1.8V to 4.25V-Powered RS-232 Transceiver with AutoShutdown™
Rev 0; 3/95
MAX3218CAP++ MAXIM-MAX3218CAP+ Datasheet
817Kb / 13P
   1關A Supply Current, 1.8V to 4.25V-Powered RS-232 Transceiver with AutoShutdown
19-0380; Rev 2; 5/18
More results

Similar Description - MAX3212EWI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2242EVKIT MAXIM-MAX2242EVKIT Datasheet
156Kb / 5P
   2.7V to 3.6V True Single-Supply Operation Evaluation Kit
Rev 0; 1/01
MAX3218 MAXIM-MAX3218_V01 Datasheet
817Kb / 13P
   1關A Supply Current, 1.8V to 4.25V-Powered RS-232 Transceiver with AutoShutdown
19-0380; Rev 2; 5/18
MAX40025EVKIT MAXIM-MAX40025EVKIT Datasheet
495Kb / 8P
   Supply Voltage 2.7V to 3.6V
319-100306; Rev 3; 5/19
logo
Elite Semiconductor Mem...
F59L4G81A ESMT-F59L4G81A Datasheet
1Mb / 54P
   Voltage Supply: 3.3V (2.7V ~ 3.6V)
F59L1G81MA ESMT-F59L1G81MA Datasheet
1Mb / 44P
   Voltage Supply: 3.3V (2.7V~3.6V)
F59L1G81MA-2Y ESMT-F59L1G81MA-2Y Datasheet
1Mb / 44P
   Voltage Supply: 3.3V (2.7V~3.6V)
F59L2G81A ESMT-F59L2G81A Datasheet
1Mb / 55P
   Voltage Supply: 3.3V (2.7V ~ 3.6V)
F50L1G41A-2Y ESMT-F50L1G41A-2Y Datasheet
695Kb / 36P
   Voltage Supply: 3.3V (2.7V~3.6V)
logo
Union Semiconductor, In...
UM3243 UNIONSEMI-UM3243 Datasheet
541Kb / 22P
   Low Supply Current, 3V to 5.5V, 250kbps, 3-Driver/5-Receiver, Enhanced ESD Protection Smart RS-232 Transceivers
logo
Exar Corporation
XR32430 EXAR-XR32430 Datasheet
976Kb / 13P
   3-Driver/5-Receiver Intelligent RS-232 Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com