Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N6291 Datasheet(PDF) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # 2N6291
Description  Silicon NPN Power Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

2N6291 Datasheet(HTML) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  2N6291_15 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. 2N6291_15 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. 2N6291_15 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Product Specification
www.jmnic.com
JMnic
Silicon NPN Power Transistors
2N6291 2N6293
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
2N6291
50
VCEO(SUS)
Collector-emitter
sustaining voltage
2N6293
IC=0.1A ;IB=0
70
V
2N6291
IC=2.5A;IB=0.25A
VCEsat-1
Collector-emitter
saturation voltage
2N6293
IC=2A;IB=0.2A
1.0
V
VCEsat-2
Collector-emitter saturation voltage
IC=7A;IB=3A
3.5
V
2N6291
IC=2.5A ; VCE=4V
VBE-1
Base-emitter on voltage
2N6293
IC=2A ; VCE=4V
1.5
V
VBE-2
Base-emitter on voltage
IC=7A ; VCE=4V
3.0
V
2N6291
VCE=40V; IB=0
ICEO
Collector cut-off current
2N6293
VCE=60V; IB=0
1.0
mA
2N6291
VCE=56V; VBE=-1.5V
VCE=50V; BE=-1.5V,TC=150℃
0.1
2.0
ICEX
Collector cut-off current
2N6293
VCE=75V; VBE=-1.5V
VCE=70V; BE=-1.5V,TC=150℃
0.1
2.0
mA
IEBO
Emitter cut-off current
VEB=5V; IC=0
1.0
mA
2N6291
IC=2.5A ; VCE=4V
hFE-1
DC current gain
2N6293
IC=2A ; VCE=4V
30
150
hFE-2
DC current gain
IC=7A ; VCE=4V
2.3
COB
Output capacitance
IE=0 ; VCB=10V;f=1MHz
250
pF
fT
Transition frequency
IC=0.5A ; VCE=4V;f=1MHz
10
MHz


Similar Part No. - 2N6291_15

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N6291 BOCA-2N6291 Datasheet
101Kb / 3P
   EPITAXIAL-BASE, SILICON N-P-N AND P-N-P VERSAWATT TRANSISTORS
logo
Savantic, Inc.
2N6291 SAVANTIC-2N6291 Datasheet
94Kb / 3P
   Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2N6291 JMNIC-2N6291 Datasheet
124Kb / 3P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2N6291 ISC-2N6291 Datasheet
134Kb / 3P
   Silicon NPN Power Transistors
logo
New Jersey Semi-Conduct...
2N6291 NJSEMI-2N6291 Datasheet
193Kb / 2P
   MAXIMUM RATINGS, ABSOLUTE-MAXIMUM VALUOS
More results

Similar Description - 2N6291_15

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5301 ONSEMI-2N5301 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com