Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3209EEUU Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX3209EEUU
Description  짹15kV ESD-Protected, 12V, Dual RS-232 Serial Port with Low-Power Standby for Motherboards/Desktops
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3209EEUU Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX3209EEUU Datasheet HTML 1Page - Maxim Integrated Products MAX3209EEUU Datasheet HTML 2Page - Maxim Integrated Products MAX3209EEUU Datasheet HTML 3Page - Maxim Integrated Products MAX3209EEUU Datasheet HTML 4Page - Maxim Integrated Products MAX3209EEUU Datasheet HTML 5Page - Maxim Integrated Products MAX3209EEUU Datasheet HTML 6Page - Maxim Integrated Products MAX3209EEUU Datasheet HTML 7Page - Maxim Integrated Products MAX3209EEUU Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
±15kV ESD-Protected, 12V, Dual RS-232 Serial Port
with Low-Power Standby for Motherboards/Desktops
4
_______________________________________________________________________________________
Pin Description
PIN
NAME
FUNCTION
6, 7, 8, 12,
13, 14
T_IN
TTL/CMOS Transmitter Inputs
9
VSTBY
Standby Power Supply for R5 and R10
11
C1+
Positive Terminal of the Inverting
Charge-Pump Capacitor
1–5, 15–19
R_OUT
TTL/CMOS Receiver Outputs
10
VDD
+12V Single-Supply Voltage
20–24,
34–38
R_IN
RS-232 Receiver Inputs
25, 26, 27,
31, 32, 33
T_OUT
RS-232 Transmitter Outputs
28
GND
Ground
tF2
tF1
tPHL
tPLH
tR1
tR2
1.5V
3.0V
0
0V
DRIVER
INPUT
VOUT
VOH
VOL
3.3V
3.0V
-3.0V
-3.3V
RL
CL
SIGNAL
GENERATOR
Figure 1. Slew-Rate Test Circuit and Timing Diagram
29
C1-
Negative Terminal of the Inverting
Charge-Pump Capacitor
30
V-
-12V generated by the inverting
charge pump
Typical Operating Characteristics (continued)
(VSTBY = +5V, VDD = +12V, C1 = C2 = 0.1µF, TA = +25°C, unless otherwise noted.)
0
0.1
0.2
0.3
0.4
0.5
0.6
02
1
3456789
RECEIVER OUTPUT LOW VOLTAGE
vs. SINK CURRENT
ISINK (mA)
0
1.5
1.0
0.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
010
5
15202530
RECEIVER OUTPUT HIGH VOLTAGE
vs. SOURCE CURRENT
ISOURCE (mA)


Similar Part No. - MAX3209EEUU

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3209EEUU MAXIM-MAX3209EEUU Datasheet
262Kb / 12P
   짹15kV ESD-Protected, 12V, Dual RS-232 Serial Port with Low-Power Standby for Motherboards/Desktops
19-1471; Rev 5; 9/02
More results

Similar Description - MAX3209EEUU

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3209E MAXIM-MAX3209E_V01 Datasheet
262Kb / 12P
   짹15kV ESD-Protected, 12V, Dual RS-232 Serial Port with Low-Power Standby for Motherboards/Desktops
19-1471; Rev 5; 9/02
MAX3187 MAXIM-MAX3187 Datasheet
81Kb / 8P
   짹15kV ESD-Protected, EMC-Compliant, 230kbps, Dual RS-232 Serial Port for Motherboards/Desktops
19-1186; Rev 1; 10/98
MAX3185 MAXIM-MAX3185 Datasheet
64Kb / 8P
   짹15kV ESD-Protected, EMC-Compliant, 230kbps RS-232 Serial Port for Motherboards/Desktop PCs
19-1076; Rev 0; 9/96
MAX3186 MAXIM-MAX3186 Datasheet
86Kb / 8P
   짹15kV ESD-Protected, EMC-Compliant, 230kbps RS-232 Serial Port for Modems
19-1077; Rev 0; 9/96
logo
Intersil Corporation
ISL81387 INTERSIL-ISL81387 Datasheet
1Mb / 27P
   짹15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
logo
Renesas Technology Corp
ISL33334E RENESAS-ISL33334E Datasheet
1Mb / 23P
   3.3V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
logo
Maxim Integrated Produc...
MAX202E MAXIM-MAX202E_15 Datasheet
395Kb / 25P
   짹15kV ESD-Protected,5V RS-232 Transceivers
Rev 7; 1/15
logo
Renesas Technology Corp
ISL33354E RENESAS-ISL33354E Datasheet
1Mb / 23P
   5V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
ISL3332 RENESAS-ISL3332 Datasheet
1Mb / 26P
   3.3V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
logo
Maxim Integrated Produc...
MAX1489E MAXIM-MAX1489E Datasheet
80Kb / 8P
   짹15kV ESD-Protected, Quad, Low-Power RS-232 Line Receiver
Rev 0; 8/95
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com