Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HC_HCT365 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74HC_HCT365
Description  Hex buffer/line driver; 3-state
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC_HCT365 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74HC_HCT365_15 Datasheet HTML 5Page - NXP Semiconductors 74HC_HCT365_15 Datasheet HTML 6Page - NXP Semiconductors 74HC_HCT365_15 Datasheet HTML 7Page - NXP Semiconductors 74HC_HCT365_15 Datasheet HTML 8Page - NXP Semiconductors 74HC_HCT365_15 Datasheet HTML 9Page - NXP Semiconductors 74HC_HCT365_15 Datasheet HTML 10Page - NXP Semiconductors 74HC_HCT365_15 Datasheet HTML 11Page - NXP Semiconductors 74HC_HCT365_15 Datasheet HTML 12Page - NXP Semiconductors 74HC_HCT365_15 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
74HC_HCT365
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 3 — 5 September 2012
9 of 21
NXP Semiconductors
74HC365; 74HCT365
Hex buffer/line driver; 3-state
10. Dynamic characteristics
ICC
supply current
VI =VCC or GND; IO =0A; VCC =5.5 V
-
-
160
A
I
CC
additional supply current
VI =VCC  2.1 V; other inputs at VCC or GND; IO =0A
pins nA
-
-
490
A
pin OE1
--
490
A
pin OE2
--
441
A
Table 7.
Static characteristics 74HCT365 …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Table 8.
Dynamic characteristics 74HC365
Voltages are referenced to GND (ground = 0 V); CL = 50 pF unless otherwise specified; see test circuit Figure 8.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Tamb =25 C
tpd
propagation delay
nA to nY; see Figure 6
[1]
VCC = 2.0 V
-
30
95
ns
VCC = 4.5 V
-
11
19
ns
VCC = 5 V; CL =15 pF
-
9
-
ns
VCC =6.0 V
-
9
16
ns
ten
enable time
OEn to nY; see Figure 7
[2]
VCC = 2.0 V
-
47
150
ns
VCC = 4.5 V
-
17
30
ns
VCC = 6.0 V
-
14
26
ns
tdis
disable time
OEn to nY; see Figure 7
[3]
VCC = 2.0 V
-
61
150
ns
VCC = 4.5 V
-
22
30
ns
VCC = 6.0 V
-
18
26
ns
tt
transition time
see Figure 6
[4]
VCC = 2.0 V
-
14
60
ns
VCC =4.5 V
-
5
12
ns
VCC =6.0 V
-
4
10
ns
CPD
power dissipation
capacitance
per buffer; VI =GND to VCC
[5] -40
-
pF
Tamb = 40 Cto+85 C
tpd
propagation delay
nA to nY; see Figure 6
[1]
VCC = 2.0 V
-
-
120
ns
VCC = 4.5 V
--24
ns
VCC = 6.0 V
--20
ns
ten
enable time
OEn to nY; see Figure 7
[2]
VCC = 2.0 V
-
-
190
ns
VCC = 4.5 V
--38
ns
VCC = 6.0 V
--33
ns


Similar Part No. - 74HC_HCT365_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC_HCT366 PHILIPS-74HC_HCT366_15 Datasheet
150Kb / 21P
   Hex buffer/line driver; 3-state; inverting
Rev. 4-4 September 2012
74HC_HCT367_CNV PHILIPS-74HC_HCT367_CNV_15 Datasheet
52Kb / 7P
   Hex buffer/line driver; 3-state
December 1990
74HC_HCT368_CNV PHILIPS-74HC_HCT368_CNV_15 Datasheet
53Kb / 7P
   Hex buffer/line driver; 3-state; inverting
December 1990
More results

Similar Description - 74HC_HCT365_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HC365-Q100 NEXPERIA-74HC365-Q100 Datasheet
746Kb / 19P
   Hex buffer/line driver; 3-state
logo
List of Unclassifed Man...
74HC367 ETC1-74HC367 Datasheet
173Kb / 4P
   HEX BUFFER / LINE DRIVER 3-STATE
logo
NXP Semiconductors
74LV367 PHILIPS-74LV367 Datasheet
113Kb / 12P
   Hex buffer/line driver 3-State
1998 May 29
logo
Nexperia B.V. All right...
74HCT365 NEXPERIA-74HCT365 Datasheet
275Kb / 17P
   Hex buffer/line driver; 3-state
Rev. 6 - 28 July 2021
logo
NXP Semiconductors
74HC365 PHILIPS-74HC365 Datasheet
45Kb / 7P
   Hex buffer/line driver; 3-state
December 1990
74LV365 PHILIPS-74LV365 Datasheet
113Kb / 12P
   Hex buffer/line driver 3-State
1998 May 29
logo
List of Unclassifed Man...
74HC365 ETC1-74HC365 Datasheet
166Kb / 4P
   HEX BUFFER / LINE DRIVER 3-STATE
logo
Nexperia B.V. All right...
74HCT367 NEXPERIA-74HCT367 Datasheet
242Kb / 14P
   Hex buffer/line driver; 3-state
Rev. 4 - 24 February 2021
logo
NXP Semiconductors
74HC367 PHILIPS-74HC367 Datasheet
46Kb / 7P
   Hex buffer/line driver; 3-state
December 1990
74HC_HCT367_CNV PHILIPS-74HC_HCT367_CNV_15 Datasheet
52Kb / 7P
   Hex buffer/line driver; 3-state
December 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com