Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HC_HCT365 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74HC_HCT365
Description  Hex buffer/line driver; 3-state
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC_HCT365 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74HC_HCT365_15 Datasheet HTML 4Page - NXP Semiconductors 74HC_HCT365_15 Datasheet HTML 5Page - NXP Semiconductors 74HC_HCT365_15 Datasheet HTML 6Page - NXP Semiconductors 74HC_HCT365_15 Datasheet HTML 7Page - NXP Semiconductors 74HC_HCT365_15 Datasheet HTML 8Page - NXP Semiconductors 74HC_HCT365_15 Datasheet HTML 9Page - NXP Semiconductors 74HC_HCT365_15 Datasheet HTML 10Page - NXP Semiconductors 74HC_HCT365_15 Datasheet HTML 11Page - NXP Semiconductors 74HC_HCT365_15 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
74HC_HCT365
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 3 — 5 September 2012
8 of 21
NXP Semiconductors
74HC365; 74HCT365
Hex buffer/line driver; 3-state
VOL
LOW-level output
voltage
VI =VIH or VIL; VCC =4.5 V
IO =20 A-
0
0.1
V
IO = 6.0 mA
-
0.16
0.26
V
II
input leakage current
VI =VCC or GND; VCC =5.5 V
-
-
0.1
A
IOZ
OFF-state output current VI = VIH or VIL; VO =VCC or GND per input pin; other
inputs at GND or VCC; IO =0A; VCC =5.5 V
--
0.5
A
ICC
supply current
VI =VCC or GND; IO =0A; VCC = 5.5 V
-
-
8.0
A
I
CC
additional supply current
VI =VCC  2.1 V; other inputs at VCC or GND; IO =0A
pins nA
-
100
360
A
pin OE1
-
100
360
A
pin OE2
-90
324
A
CI
input capacitance
-
3.5
-
pF
Tamb = 40 C to +85 C
VIH
HIGH-level input voltage
VCC = 4.5 V to 5.5 V
2.0
-
-
V
VIL
LOW-level input voltage
VCC = 4.5 V to 5.5 V
-
-
0.8
V
VOH
HIGH-level output
voltage
VI =VIH or VIL; VCC =4.5 V
IO = 20 A4.4
-
-
V
IO = 6.0 mA
3.84
-
-
V
VOL
LOW-level output
voltage
VI =VIH or VIL; VCC =4.5 V
IO =20 A-
-
0.1
V
IO = 6.0 mA
-
-
0.33
V
II
input leakage current
VI =VCC or GND; VCC =5.5 V
-
-
1.0
A
IOZ
OFF-state output current VI = VIH or VIL; VO =VCC or GND per input pin; other
inputs at GND or VCC; IO =0A; VCC =5.5 V
5.0
A
ICC
supply current
VI =VCC or GND; IO =0A; VCC =5.5 V
-
-
80
A
I
CC
additional supply current
VI =VCC  2.1 V; other inputs at VCC or GND; IO =0A
pins nA
-
-
450
A
pin OE1
--
450
A
pin OE2
--
405
A
Tamb = 40 C to +125 C
VIH
HIGH-level input voltage
VCC = 4.5 V to 5.5 V
2.0
-
-
V
VIL
LOW-level input voltage
VCC = 4.5 V to 5.5 V
-
-
0.8
V
VOH
HIGH-level output
voltage
VI =VIH or VIL; VCC =4.5 V
IO = 20 A4.4
-
-
V
IO = 6.0 mA
3.7
-
-
V
VOL
LOW-level output
voltage
VI =VIH or VIL; VCC =4.5 V
IO =20 A-
-
0.1
V
IO =6.0 mA
-
-
0.4
V
II
input leakage current
VI =VCC or GND; VCC =5.5 V
-
-
1.0
A
IOZ
OFF-state output current VI = VIH or VIL; VO =VCC or GND per input pin; other
inputs at GND or VCC; IO =0A; VCC =5.5 V
--
10.0 A
Table 7.
Static characteristics 74HCT365 …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Typ
Max
Unit


Similar Part No. - 74HC_HCT365_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC_HCT366 PHILIPS-74HC_HCT366_15 Datasheet
150Kb / 21P
   Hex buffer/line driver; 3-state; inverting
Rev. 4-4 September 2012
74HC_HCT367_CNV PHILIPS-74HC_HCT367_CNV_15 Datasheet
52Kb / 7P
   Hex buffer/line driver; 3-state
December 1990
74HC_HCT368_CNV PHILIPS-74HC_HCT368_CNV_15 Datasheet
53Kb / 7P
   Hex buffer/line driver; 3-state; inverting
December 1990
More results

Similar Description - 74HC_HCT365_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HC365-Q100 NEXPERIA-74HC365-Q100 Datasheet
746Kb / 19P
   Hex buffer/line driver; 3-state
logo
List of Unclassifed Man...
74HC367 ETC1-74HC367 Datasheet
173Kb / 4P
   HEX BUFFER / LINE DRIVER 3-STATE
logo
NXP Semiconductors
74LV367 PHILIPS-74LV367 Datasheet
113Kb / 12P
   Hex buffer/line driver 3-State
1998 May 29
logo
Nexperia B.V. All right...
74HCT365 NEXPERIA-74HCT365 Datasheet
275Kb / 17P
   Hex buffer/line driver; 3-state
Rev. 6 - 28 July 2021
logo
NXP Semiconductors
74HC365 PHILIPS-74HC365 Datasheet
45Kb / 7P
   Hex buffer/line driver; 3-state
December 1990
74LV365 PHILIPS-74LV365 Datasheet
113Kb / 12P
   Hex buffer/line driver 3-State
1998 May 29
logo
List of Unclassifed Man...
74HC365 ETC1-74HC365 Datasheet
166Kb / 4P
   HEX BUFFER / LINE DRIVER 3-STATE
logo
Nexperia B.V. All right...
74HCT367 NEXPERIA-74HCT367 Datasheet
242Kb / 14P
   Hex buffer/line driver; 3-state
Rev. 4 - 24 February 2021
logo
NXP Semiconductors
74HC367 PHILIPS-74HC367 Datasheet
46Kb / 7P
   Hex buffer/line driver; 3-state
December 1990
74HC_HCT367_CNV PHILIPS-74HC_HCT367_CNV_15 Datasheet
52Kb / 7P
   Hex buffer/line driver; 3-state
December 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com