Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3076EASD Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX3076EASD
Description  3.3V, 짹15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3076EASD Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX3076EASD Datasheet HTML 1Page - Maxim Integrated Products MAX3076EASD Datasheet HTML 2Page - Maxim Integrated Products MAX3076EASD Datasheet HTML 3Page - Maxim Integrated Products MAX3076EASD Datasheet HTML 4Page - Maxim Integrated Products MAX3076EASD Datasheet HTML 5Page - Maxim Integrated Products MAX3076EASD Datasheet HTML 6Page - Maxim Integrated Products MAX3076EASD Datasheet HTML 7Page - Maxim Integrated Products MAX3076EASD Datasheet HTML 8Page - Maxim Integrated Products MAX3076EASD Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
+3.3V, ±15kV ESD-Protected, Fail-Safe,
Hot-Swap, RS-485/RS-422 Transceivers
_______________________________________________________________________________________
3
DC ELECTRICAL CHARACTERISTICS (continued)
(VCC = 3.3V ±10%, TA =TMIN to TMAX, unless otherwise noted. Typical values are at VCC = 3.3V and TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
0
≤ VOUT ≤ 12V (Note 3)
40
250
Driver Short-Circuit Output
Current
IOSD
-7V
≤ VOUT ≤ VCC (Note 3)
-250
-40
mA
(VCC - 1V)
≤ VOUT ≤ 12V (Note 3)
20
Driver Short-Circuit Foldback
Output Current
IOSDF
-7V
≤ VOUT ≤ 1V (Note 3)
-20
mA
Thermal-Shutdown Threshold
TTS
175
°C
Thermal-Shutdown Hysteresis
TTSH
15
°C
VIN = +12V
125
Input Current (A and B)
IA, B
DE = GND,
VCC = GND or 3.6
VIN = -7V
-100
µA
RECEIVER
Receiver Differential Threshold
Voltage
VTH
-7V
≤ VCM ≤ 12V
-200
-125
-50
mV
Receiver Input Hysteresis
∆VTH
VA + VB = 0V
15
mV
RO Output High Voltage
VOH
IO = -1mA
VCC - 0.6
V
RO Output Low Voltage
VOL
IO = 1mA
0.4
V
Three-State Output Current at
Receiver
IOZR
0
≤ VO ≤ VCC
± 1µA
Receiver Input Resistance
RIN
-7V
≤ VCM ≤ 12V
96
k
Receiver Output Short-Circuit
Current
IOSR
0V
≤ VRO ≤ VCC
±80
mA
SUPPLY CURRENT
No load, RE = 0, DE = VCC
0.8
1.5
No load, RE = VCC, DE = VCC
0.8
1.5
Supply Current
ICC
No load, RE = 0, DE = 0
0.8
1.5
mA
Supply Current in Shutdown
Mode
ISHDN
RE = VCC, DE = GND
0.05
10
µA
ESD PROTECTION
ESD Protection for Y, Z, A, and B
Human Body Model
±15
kV
Note 1: All currents into the device are positive. All currents out of the device are negative. All voltages are referred to device
ground, unless otherwise noted.
Note 2:
∆VOD and ∆VOC are the changes in VOD and VOC, respectively, when the DI input changes state.
Note 3: The short-circuit output current applies to peak current just prior to foldback current limiting. The short-circuit foldback out-
put current applies during current limiting to allow a recovery from bus contention.


Similar Part No. - MAX3076EASD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3076EASD-T MAXIM-MAX3076EASD-T Datasheet
1Mb / 24P
   3.3V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 4/09
More results

Similar Description - MAX3076EASD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3070E MAXIM-MAX3070E_V01 Datasheet
2Mb / 23P
   3.3V, 짹15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
19-2668; Rev 4; 1/16
MAX3070E MAXIM-MAX3070E_14 Datasheet
723Kb / 24P
   3.3V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 4/09
MAX3076EASD-T MAXIM-MAX3076EASD-T Datasheet
1Mb / 24P
   3.3V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 4/09
MAX13080E MAXIM-MAX13080E Datasheet
343Kb / 24P
   5.0V, 15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 1; 4/05
MAX13080E MAXIM-MAX13080E_11 Datasheet
287Kb / 24P
   5.0V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 11/11
MAX13080E MAXIM-MAX13080E_14 Datasheet
601Kb / 24P
   5.0V, ±15kV ESD-Protected, Fail-Safe,Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 11/11
MAX13085EASA MAXIM-MAX13085EASA Datasheet
993Kb / 24P
   5.0V, 15,-15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 11/11
MAX14780E_1110 MAXIM-MAX14780E_1110 Datasheet
2Mb / 14P
   5.0V, 30kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceiver
Rev 2; 10/11
MAX13085E MAXIM-MAX13085E_11 Datasheet
2Mb / 14P
   5.0V, ±15kV ESD-Protected, Fail-Safe,Hot-Swap, RS-485/RS-422 Transceiver
Rev 0; 10/11
MAX14780E MAXIM-MAX14780E_11 Datasheet
2Mb / 14P
   5.0V, 30kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceiver
Rev 1; 7/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com