Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3085CPA Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX3085CPA
Description  Fail-Safe, High-Speed 10Mbps, Slew-Rate-Limited RS-485/RS-422 Transceivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3085CPA Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX3085CPA Datasheet HTML 6Page - Maxim Integrated Products MAX3085CPA Datasheet HTML 7Page - Maxim Integrated Products MAX3085CPA Datasheet HTML 8Page - Maxim Integrated Products MAX3085CPA Datasheet HTML 9Page - Maxim Integrated Products MAX3085CPA Datasheet HTML 10Page - Maxim Integrated Products MAX3085CPA Datasheet HTML 11Page - Maxim Integrated Products MAX3085CPA Datasheet HTML 12Page - Maxim Integrated Products MAX3085CPA Datasheet HTML 13Page - Maxim Integrated Products MAX3085CPA Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Fail-Safe, High-Speed (10Mbps),
Slew-Rate-Limited RS-485/RS-422 Transceivers
10
______________________________________________________________________________________
Pin Description
PIN
9
5
Noninverting Driver Output
Y
9
5
6
7
5
6
7
3
4
4
5
Driver Input. With DE high, a low on DI forces noninverting output
low and inverting output high. Similarly, a high on DI forces non-
inverting output high and inverting output low.
DI
5
Slew-Rate-Limit Selector Pin. Connect SRL to GND for 10Mbps
communication rate; connect to VCC for 500kbps communication
rate. Leave unconnected for 115kbps communication rate.
SRL
Ground
GND
6, 7
8
8
TXP
4
4
3
Driver Output Enable. Drive DE high to enable driver outputs. These
outputs are high impedance when DE is low. Drive RE high and DE
low to enter low-power shutdown mode.
DE
4
2
3
HALF-
DUPLEX
MODE
1
MAX3089
2
3
FULL-
DUPLEX
MODE
1
2
FULL-DUPLEX
DEVICES
MAX3081
MAX3084
MAX3087
1
2
HALF-
DUPLEX
DEVICES
MAX3082
MAX3085
MAX3088
Receiver Output. When RE is low and if A - B
≥ -50mV, RO will be
high; if A - B
≤ -200mV, RO will be low.
RO
2
Receiver Output Enable. Drive RE low to enable RO; RO is high
impedance when RE is high. Drive RE high and DE low to enter
low-power shutdown mode.
RE
3
FUNCTION
NAME
Half/Full-Duplex Selector Pin. Connect H/F to VCC for half-duplex
mode; connect to GND or leave unconnected for full-duplex mode.
H/F
MAX3080
MAX3083
MAX3086
Transmitter Phase. Connect TXP to GND, or leave floating for normal
transmitter phase/polarity. Connect to VCC to invert the transmitter
phase/polarity.
9
Y
Noninverting Receiver Input and Noninverting Driver Output*
10
6
10
Z
Inverting Driver Output
10
Z
Inverting Receiver Input and Inverting Driver Output*
11
7
11
B
Inverting Receiver Input
11
B
Receiver Input Resistors*
7
B
Inverting Receiver Input and Inverting Driver Output
PIN


Similar Part No. - MAX3085CPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3085CPA MAXIM-MAX3085CPA Datasheet
622Kb / 20P
   Fail-Safe, High-Speed (10Mbps),Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 3; 12/05
More results

Similar Description - MAX3085CPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3080CPD MAXIM-MAX3080CPD Datasheet
915Kb / 21P
   Fail-Safe, High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 3; 12/05
MAX3080 MAXIM-MAX3080_14 Datasheet
572Kb / 21P
   Fail-Safe, High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 3; 12/05
MAX3080 MAXIM-MAX3080_V01 Datasheet
572Kb / 21P
   Fail-Safe, High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
19-2668; Rev 4; 1/16
MAX3082CPA MAXIM-MAX3082CPA Datasheet
927Kb / 21P
   Fail-Safe, High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 3; 12/05
MAX3080 MAXIM-MAX3080_07 Datasheet
622Kb / 20P
   Fail-Safe, High-Speed (10Mbps),Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 3; 12/05
MAX3080E MAXIM-MAX3080E Datasheet
213Kb / 20P
   ±15kVESD-Protected,Fail-Safe,High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 0; 9/00
MAX3080E MAXIM-MAX3080E_V01 Datasheet
242Kb / 20P
   짹15kVESD-Protected,Fail-Safe,High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
19-1800; Rev 1; 5/06
MAX3085ECPA MAXIM-MAX3085ECPA Datasheet
242Kb / 20P
   15,-15kVESD-Protected,Fail-Safe,High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 1; 5/06
logo
AiT Semiconductor Inc.
A3085 AITSEMI-A3085 Datasheet
599Kb / 9P
   RS-485 TRANSCEIVERS FAIL-SAFE, HIGH-SPEED SLEW-RATE-LIMITED
REV1.0
logo
Maxim Integrated Produc...
MAX3483 MAXIM-MAX3483 Datasheet
197Kb / 16P
   3.3V-Powered, 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Rev 0; 12/94
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com