Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HC_HCT153 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74HC_HCT153
Description  Dual 4-input multiplexer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC_HCT153 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74HC_HCT153_15 Datasheet HTML 4Page - NXP Semiconductors 74HC_HCT153_15 Datasheet HTML 5Page - NXP Semiconductors 74HC_HCT153_15 Datasheet HTML 6Page - NXP Semiconductors 74HC_HCT153_15 Datasheet HTML 7Page - NXP Semiconductors 74HC_HCT153_15 Datasheet HTML 8Page - NXP Semiconductors 74HC_HCT153_15 Datasheet HTML 9Page - NXP Semiconductors 74HC_HCT153_15 Datasheet HTML 10Page - NXP Semiconductors 74HC_HCT153_15 Datasheet HTML 11Page - NXP Semiconductors 74HC_HCT153_15 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
74HC_HCT153
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2014. All rights reserved.
Product data sheet
Rev. 5 — 23 January 2014
8 of 17
NXP Semiconductors
74HC153; 74HCT153
Dual 4-input multiplexer
[1]
tpd is the same as tPHL and tPLH.
[2]
tt is the same as tTHL and tTLH.
[3]
CPD is used to determine the dynamic power dissipation (PD in W):
PD =CPD  VCC2  fi  N+  (CL  VCC2  fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
 (C
L  VCC
2
 f
o) = sum of outputs.
tpd
propagation
delay
Sn to nY; see Figure 7
[1]
VCC = 4.5 V
-
20
34
-
43
-
51
ns
VCC = 5.0 V; CL =15pF
-
17
-
-
-
-
-
ns
nE to nY; see Figure 7
[1]
VCC = 4.5 V
-
14
27
-
34
-
41
ns
VCC = 5.0 V; CL =15pF
-
11
-
-
-
-
-
ns
tt
transition time
see Figure 6
[2]
VCC = 4.5 V
-
7
15
-
19
-
22
ns
CPD
power
dissipation
capacitance
per package;
VI =GND to VCC  1.5 V
[3]
-30-
-
-
-
-
pF
Table 7.
Dynamic characteristics …continued
GND = 0 V; tr = tf = 6 ns; CL = 50 pF; for test circuit, see Figure 8; unless otherwise specified
Symbol Parameter
Conditions
25
C
40 C to +85 C 40 C to +125 C Unit
Min
Typ
Max
Min
Max
Min
Max
(1) Measurement points are given in Table 8.
VOL and VOH are typical voltage output levels that occur with the output load.
Fig 6.
Waveforms showing the input (1In, 2In) to output (1Y, 2Y) propagation delays and output transition times
Table 8.
Measurement points
Type
Input
Output
VM
VM
VX
VY
74HC153
0.5VCC
0.5VCC
0.1VCC
0.9VCC
74HCT153
1.3 V
1.3 V
0.1VCC
0.9VCC


Similar Part No. - 74HC_HCT153_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC-HCT153 PHILIPS-74HC-HCT153 Datasheet
46Kb / 7P
   Dual 4-input multiplexer
December 1990
More results

Similar Description - 74HC_HCT153_15

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC153 FAIRCHILD-74AC153 Datasheet
98Kb / 9P
   Dual 4-Input Multiplexer
logo
National Semiconductor ...
54AC153 NSC-54AC153 Datasheet
150Kb / 8P
   Dual 4-Input Multiplexer
logo
Nexperia B.V. All right...
74HC153-Q100 NEXPERIA-74HC153-Q100 Datasheet
236Kb / 14P
   Dual 4-input multiplexer
logo
Motorola, Inc
MC74AC352 MOTOROLA-MC74AC352 Datasheet
189Kb / 7P
   DUAL 4-INPUT MULTIPLEXER
logo
National Semiconductor ...
MM74HC153 NSC-MM74HC153 Datasheet
111Kb / 4P
   Dual 4-Input Multiplexer
logo
NXP Semiconductors
74ALS153 PHILIPS-74ALS153 Datasheet
110Kb / 9P
   Dual 4-input multiplexer
1991 Feb 08
logo
National Semiconductor ...
54F153DM NSC-54F153DM Datasheet
167Kb / 10P
   Dual 4-Input Multiplexer
logo
AVG Semiconductors(HITE...
DV74ACT153 AVG-DV74ACT153 Datasheet
300Kb / 4P
   Dual 4-Input Multiplexer
logo
Motorola, Inc
MC5474F352 MOTOROLA-MC5474F352 Datasheet
68Kb / 3P
   DUAL 4-INPUT MULTIPLEXER
logo
ON Semiconductor
MC74AC153 ONSEMI-MC74AC153_15 Datasheet
100Kb / 9P
   Dual 4-Input Multiplexer
January, 2015 ??Rev. 8
logo
Motorola, Inc
SN54LS352 MOTOROLA-SN54LS352 Datasheet
160Kb / 5P
   DUAL 4-INPUT MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com